Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT50LVCR2245APG Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT50LVCR2245APG
Description  3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT50LVCR2245APG Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT50LVCR2245APG Datasheet HTML 1Page - Integrated Device Technology IDT50LVCR2245APG Datasheet HTML 2Page - Integrated Device Technology IDT50LVCR2245APG Datasheet HTML 3Page - Integrated Device Technology IDT50LVCR2245APG Datasheet HTML 4Page - Integrated Device Technology IDT50LVCR2245APG Datasheet HTML 5Page - Integrated Device Technology IDT50LVCR2245APG Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
INDUSTRIALTEMPERATURERANGE
4
IDT74LVCR2245A
3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
OPERATING CHARACTERISTICS, VCC = 3.3V ± 0.3V, TA = 25°C
Symbol
Parameter
Test Conditions
Typical
Unit
CPD
PowerDissipationCapacitanceperTransceiverOutputsenabled
CL = 0pF, f = 10Mhz
48
pF
CPD
PowerDissipationCapacitanceperTransceiverOutputsdisabled
4
SWITCHING CHARACTERISTICS(1)
VCC = 2.7V
VCC = 3.3V ± 0.3V
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
tPLH
PropagationDelay
7.3
1.5
6.3
ns
tPHL
Ax to Bx or Bx to Ax
tPZH
OutputEnableTime
9.5
1.5
8.2
ns
tPZL
OE or DIR to Ax or Bx
tPHZ
OutputDisableTime
8.5
1.7
7.8
ns
tPLZ
OE or DIR to Ax or Bx
tSK(o)
OutputSkew(2)
——
1ns
NOTES:
1. See TEST CIRCUITS AND WAVEFORMS. TA = – 40°C to + 85°C.
2. Skew between any two outputs of the same package and switching in the same direction.


Similar Part No. - IDT50LVCR2245APG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT50LVC162374APA IDT-IDT50LVC162374APA Datasheet
271Kb / 6P
   3.3V CMOS 16-BIT EDGE TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD
IDT50LVC162374APF IDT-IDT50LVC162374APF Datasheet
271Kb / 6P
   3.3V CMOS 16-BIT EDGE TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD
IDT50LVC162374APV IDT-IDT50LVC162374APV Datasheet
271Kb / 6P
   3.3V CMOS 16-BIT EDGE TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD
More results

Similar Description - IDT50LVCR2245APG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74LVC245A IDT-IDT74LVC245A Datasheet
73Kb / 6P
   3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVC2245A IDT-IDT74LVC2245A Datasheet
68Kb / 7P
   3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVCH245A IDT-IDT74LVCH245A Datasheet
65Kb / 6P
   3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O AND BUS-HOLD
IDT74LVCR162245A IDT-IDT74LVCR162245A Datasheet
95Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
logo
Renesas Technology Corp
IDT74LVC162245A RENESAS-IDT74LVC162245A Datasheet
315Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
AUGUST 2015
logo
Integrated Device Techn...
IDT74LVC162245A IDT-IDT74LVC162245A Datasheet
92Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
logo
Renesas Technology Corp
IDT74LVCR162245A RENESAS-IDT74LVCR162245A Datasheet
275Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
JULY 2015
logo
Integrated Device Techn...
IDT74LVC162245A IDT-IDT74LVC162245A_08 Datasheet
1Mb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVC16245A IDT-IDT74LVC16245A Datasheet
90Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
IDT74LVC16245APAG IDT-IDT74LVC16245APAG Datasheet
99Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS,5 VOLT TOLERANT I/O
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com