Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJ78L00 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PJ78L00
Description  3-Terminal Low Current Positive Voltage Regulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PJ78L00 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PJ78L00 Datasheet HTML 1Page - List of Unclassifed Manufacturers PJ78L00 Datasheet HTML 2Page - List of Unclassifed Manufacturers PJ78L00 Datasheet HTML 3Page - List of Unclassifed Manufacturers PJ78L00 Datasheet HTML 4Page - List of Unclassifed Manufacturers PJ78L00 Datasheet HTML 5Page - List of Unclassifed Manufacturers PJ78L00 Datasheet HTML 6Page - List of Unclassifed Manufacturers PJ78L00 Datasheet HTML 7Page - List of Unclassifed Manufacturers PJ78L00 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PJ78L00
3-Terminal Low Current Positive Voltage Regulators
3-8
2002/07.rev.A
(VI =14V, Io=40mA, CI =0.33
µF, Co=0.1µF,0< TJ <+125, unless otherwise noted.)
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNIT
Output Voltage (TJ =+25)
Vo
7.7
8.0
8.3
Vdc
Line Regulation(TJ =+25, lo=40mA)
10.5V
VI 23V ,
11V
VI 23V,
REGline
--
--
20
12
175
125
mV
Load Regulation
TJ =+25, 1.0mA
Io≤100mA
TJ =+25, 1.0mA
Io40mA
REGload
--
--
15
8.0
80
40
mV
Output Voltage
10.5V
VI 23V, 1.0mAIo40mA
VI =14V, 1.0mA
Io≤70mA
Vo
7.6
7.6
--
--
8.4
8.4
Vdc
Input Bias Current
(TJ =+25)
(TJ =+125)
IIB
--
--
3.0
--
6.0
5.5
mA
Input Bias Current Change
11V
VI 23V
1.0mA
Io≤40mA
I
IB
--
--
--
--
1.5
0.1
mA
Output Noise Voltage
(Ta=+25, 10Hz
f100KHz)
Vn
--
60
--
µV
Ripple Rejection
(lo=40mA, f=120Hz, 12V
VI 23V, TJ =+25
RR
37
57
--
dB
Dropout Voltage (TJ =+25)
Vi-Vo
--
1.7
--
Vdc
. (VI=15V,Io=40mA,CI=0.33μF, Co=0.1μF, -40℃<TJ<+125℃(for PJ78LXX), 0℃< TJ <125℃(PJ78LXX),unless otherwise noted.)
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNIT
Output Voltage (TJ =+25)
Vo
8.6
9.0
9.4
Vdc
Line Regulation(TJ =+25, lo=40mA)
11.5V
VI 24V ,
12V
VI 24V,
REGline
--
--
20
12
175
125
mV
Load Regulation
TJ =+25, 1.0mA
Io≤100mA
TJ =+25, 1.0mA
Io40mA
REGload
--
--
15
8.0
90
40
mV
Output Voltage
11.5V
VI 24V, 1.0mAIo40mA
VI=15V, 1.0mA
Io≤70mA
Vo
8.5
8.5
--
--
9.5
9.5
Vdc
Input Bias Current
(TJ =+25)
(TJ =+125)
IIB
--
--
3.0
--
6.0
5.5
mA
Input Bias Current Change
11V
VI 23V
1.0mA
Io≤40mA
I
IB
--
--
--
--
1.5
0.1
mA
Output Noise Voltage
(Ta=+25, 10Hz
f100KHz)
Vn
--
60
--
µV
Ripple Rejection
(lo=40mA, f=120Hz, 12V
VI 23V, TJ =+25
RR
37
57
--
dB
Dropout Voltage (TJ =+25)
Vi-Vo
--
1.7
--
Vdc
PJ78L08 ELECTRICAL CHARACTERISTICS
PJ78L09 ELECTRICAL CHARACTERISTICS


Similar Part No. - PJ78L00

ManufacturerPart #DatasheetDescription
logo
Dongguan Pingjingsemi T...
PJ78L05SA PJSEMI-PJ78L05SA Datasheet
2Mb / 3P
   3-Terminal Voltage Regulator
PJ78L05SQ PJSEMI-PJ78L05SQ Datasheet
1Mb / 3P
   3-Terminal Voltage Regulator
PJ78L06SQ PJSEMI-PJ78L06SQ Datasheet
1Mb / 4P
   3-Terminal Voltage Regulator
More results

Similar Description - PJ78L00

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
LM78L00 FCI-LM78L00 Datasheet
386Kb / 6P
   3-Terminal Low Current Positive Voltage Regulators
LM78L00 FCI-LM78L00_1 Datasheet
2Mb / 7P
   LM78L00Series 3-Terminal Low Current Positive Voltage Regulators
logo
ON Semiconductor
MC78L00A ONSEMI-MC78L00A Datasheet
101Kb / 16P
   Three-Terminal Low Current Positive Voltage Regulators
December, 2004 ??Rev. 9
logo
Sirectifier Semiconduct...
BL78LXX SIRECTIFIER-BL78LXX Datasheet
224Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
logo
List of Unclassifed Man...
78L00A ETC-78L00A Datasheet
81Kb / 7P
   Three-Terminal Low Current Positive Voltage Regulators
logo
Integral Corp.
IL78L INTEGRAL-IL78L Datasheet
133Kb / 5P
   THREE-TERMINAL LOW CURRENT POSITIVE VOLTAGE REGULATORS
logo
Galaxy Semi-Conductor H...
BL78LXX BILIN-BL78LXX Datasheet
169Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
logo
Cystech Electonics Corp...
PL78L12XA3 CYSTEKEC-PL78L12XA3 Datasheet
150Kb / 4P
   Three Terminal Low Current Positive Voltage Regulators
logo
First Components Intern...
LM78M00 FCI-LM78M00 Datasheet
529Kb / 7P
   LM78M00Series-Terminal Low Current Positive Voltage Regulators
logo
Galaxy Semi-Conductor H...
BL78XX BILIN-BL78XX Datasheet
206Kb / 11P
   Three-Terminal Low Current Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com