Part Name
         Description
PJ78L00

 3-Terminal Low Current Positive Voltage Regulators ( 8 Page)


ETC1
100% 
Zoom Out Zoom In
   
 2 page
background image
PJ78L00
3-Terminal Low Current Positive Voltage Regulators
2-8
2002/07.rev.A
RATING
SYMBOL
PJ78L00 SERIES
UNIT
Input Voltage
Vi *1
35
V
Input Voltage
Vi *2
40
V
Storage Junction Temperature Range
Tstg
-65 to +150
Operating Junction Temperature Range
Tj
0 to +150
Note :
*1. PJ78L05 to PJ78L18
*2. PJ78L24
This specification applies only for DC power dissipation permitted by absolute maximum ratings.
Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible. Thermal
effects must be taken into account separately. All characteristics are measured with a 0.33uF capacitor across the input and a
0.1uF capacitor across the output.
(VI =10V, Io=40mA, CI=0.33
µF, Co=0.1µF, 0℃ < TJ <+125℃ unless otherwise noted.)
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNIT
Output Voltage (TJ =+25℃)
Vo
4.8
5.0
5.2
Vdc
Line Regulation (TJ =+25℃, Io=40mA)
7.0V
VI ≤20V
8.0V
VI ≤20V
REGline
--
--
55
45
150
100
mV
Load Regulation
TJ
=+25℃, 1.0mA
≤Io≤100mA
TJ
=+25℃, 1.0mA
≤Io≤40mA
REGload
--
--
11
5.0
60
30
mV
Output Voltage
7.0V
VI ≤20V, 1.0mA≤Io≤40mA
VI = 10V, 1.0mA
≤Io≤70mA
Vo
4.75
4.75
--
--
5.25
5.25
Vdc
Input Bias Current
(TJ =+25℃)
(TJ =+125℃)
IIB
--
--
3.8
--
6.0
5.5
mA
Input Bias Current Change
8.0V
VI ≤20V
1.0mA
≤Io≤40mA
∆ IIB
--
--
--
--
1.5
0.1
mA
Output Noise Voltage
(Ta=+25℃, 10Hz
≤f≤100KHz)
Vn
--
40
--
µV
Ripple Rejection
(lo=40mA, f=120Hz, 8.0V
VI ≤18V, TJ =+25℃)
RR
41
49
--
dB
Dropout Voltage
Vi-Vo
1.7
Vdc
MAXIMUM RATINGS ( Ta=+25unless otherwise noted.)
PJ78L05 ELECTRICAL CHARACTERISTICS



Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
78L00AThree-Terminal Low Current Positive Voltage Regulators 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MC78L00AThree-Terminal Low Current Positive Voltage Regulators 1 2 3 4 5 MoreON Semiconductor
PL78L06XA3Three Terminal Low Current Positive Voltage Regulators 1 2 3 4 Cystech Electonics Corp.
MC78L00Three-Terminal Low Current Positive Voltage Regulators 1 2 3 4 5 MoreMotorola, Inc
IL78LTHREE-TERMINAL LOW CURRENT POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 Integral Corp.
PL78L08XA3Three Terminal Low Current Positive Voltage Regulators 1 2 3 4 Cystech Electonics Corp.
IL79LTHREE-TERMINAL LOW CURRENT POSITIVE VOLTAGE REGULATORS 1 2 3 4 Integral Corp.
PL78L09XA3Three Terminal Low Current Positive Voltage Regulators 1 2 3 4 Cystech Electonics Corp.
PL78L12XA3Three Terminal Low Current Positive Voltage Regulators 1 2 3 4 Cystech Electonics Corp.

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl