Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP6G04 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP6G04
Description  110 關A Selectable Gain Amplifier
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6G04 Datasheet(HTML) 5 Page - Microchip Technology

  MCP6G04 Datasheet HTML 1Page - Microchip Technology MCP6G04 Datasheet HTML 2Page - Microchip Technology MCP6G04 Datasheet HTML 3Page - Microchip Technology MCP6G04 Datasheet HTML 4Page - Microchip Technology MCP6G04 Datasheet HTML 5Page - Microchip Technology MCP6G04 Datasheet HTML 6Page - Microchip Technology MCP6G04 Datasheet HTML 7Page - Microchip Technology MCP6G04 Datasheet HTML 8Page - Microchip Technology MCP6G04 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
© 2006 Microchip Technology Inc.
DS22004A-page 5
MCP6G01/2/3/4
FIGURE 1-1:
Gain Select Timing Diagram.
GSEL High to Valid Output Time,
G = +10 to +50 Select
tGSH10
12
—µs
VIN = 30 mV,
GSEL = 0.75VDD to VOUT = 1.38V
GSEL Low to Valid Output Time,
G = +50 to +10 Select
tGSL50
9
—µs
VIN = 30 mV,
GSEL = 0.25VDD to VOUT = 0.42V
DIGITAL ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise indicated, TA = 25°C, VDD = +1.8V to +5.5V, VSS = GND, G = +1 V/V, VIN = (0.3V)/G,
RL = 100 kΩ to VDD/2, CL = 60 pF, GSEL = VDD/2, and CS is tied low.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1:
GSEL is a tri-level input pin. The gain is 10 when its voltage is low, 1 when it is at mid-suppy, and 50 when it is high.
2:
Not tested in production. Set by design and characterization.
3:
ISS_SHDN includes the current through the CS pin, RL and RLAD, and excludes digital switching currents. The block dia-
gram on the from page shows these current paths (through VSS).
TEMPERATURE CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, VDD = +1.8V to +5.5V, and VSS = GND.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
–40
+125
°C
Operating Temperature Range
TA
–40
+125
°C
(Note 1)
Storage Temperature Range
TA
–65
+150
°C
Thermal Package Resistances
Thermal Resistance, 8L-SOIC
θJA
163
°C/W
Thermal Resistance, 8L-MSOP
θJA
206
°C/W
Thermal Resistance, 14L-SOIC
θJA
120
°C/W
Thermal Resistance, 14L-TSSOP
θJA
100
°C/W
Note 1:
The MCP6G01/2/3/4 family of SGAs operates over this temperature range, but operation must not cause TJ to exceed
Maximum Junction Temperature (+150°C).
GSEL
VOUT
tGSL1
0.15V
1.50V
VIN
0.150V
0.030V
0.15V
tGSM10
0.03V
1.50V
tGSH1
0.03V
tGSM50
0.30V
1.50V
tGSH10
0.30V
tGSL50


Similar Part No. - MCP6G04

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6G04 MICROCHIP-MCP6G04 Datasheet
1Mb / 38P
   110 關A Selectable Gain Amplifier
2006
MCP6G04-E/MS MICROCHIP-MCP6G04-E/MS Datasheet
1Mb / 38P
   110 關A Selectable Gain Amplifier
2006
MCP6G04-E/OT MICROCHIP-MCP6G04-E/OT Datasheet
1Mb / 38P
   110 關A Selectable Gain Amplifier
2006
MCP6G04-E/SL MICROCHIP-MCP6G04-E/SL Datasheet
1Mb / 38P
   110 關A Selectable Gain Amplifier
2006
MCP6G04-E/SN MICROCHIP-MCP6G04-E/SN Datasheet
1Mb / 38P
   110 關A Selectable Gain Amplifier
2006
More results

Similar Description - MCP6G04

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6G01 MICROCHIP-MCP6G01_06 Datasheet
1Mb / 38P
   110 關A Selectable Gain Amplifier
2006
logo
Linear Technology
LT1995 LINER-LT1995 Datasheet
360Kb / 20P
   32MHz, 1000V/關s Gain Selectable Amplifier
LT1991 LINER-LT1991 Datasheet
279Kb / 28P
   Precision, 100關A Gain Selectable Amplifi er
logo
TriQuint Semiconductor
TQM7M6001 TRIQUINT-TQM7M6001 Datasheet
194Kb / 9P
   Precision, 100UA Gain Selectable Amplifier
logo
Linear Technology
LT1996 LINER-LT1996_15 Datasheet
348Kb / 24P
   Precision, 100A Gain Selectable Amplifier
LT1996 LINER-LT1996 Datasheet
351Kb / 24P
   Precision, 100uA Gain Selectable Amplifier
logo
TriQuint Semiconductor
TQS5202 TRIQUINT-TQS5202 Datasheet
548Kb / 9P
   Precision, 100UA Gain Selectable Amplifier
logo
Linear Technology
LT1991 LINER-LT1991_15 Datasheet
768Kb / 28P
   Precision, 100A Gain Selectable Amplifier
logo
Linear Integrated Syste...
LT1991 LINEAR-LT1991 Datasheet
296Kb / 24P
   Precision, 100UA Gain Selectable Amplifier
logo
Vishay Siliconix
IM-10RFCL-12 VISHAY-IM-10RFCL-12 Datasheet
114Kb / 1P
   Precision, 100UA Gain Selectable Amplifier
Revision 02-Nov-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com