Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2023 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX2023
Description  700MHz to 1200MHz High-Linearity, SPI-Controlled DVGA with Integrated Loopback Mixer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2023 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX2023 Datasheet HTML 1Page - Maxim Integrated Products MAX2023 Datasheet HTML 2Page - Maxim Integrated Products MAX2023 Datasheet HTML 3Page - Maxim Integrated Products MAX2023 Datasheet HTML 4Page - Maxim Integrated Products MAX2023 Datasheet HTML 5Page - Maxim Integrated Products MAX2023 Datasheet HTML 6Page - Maxim Integrated Products MAX2023 Datasheet HTML 7Page - Maxim Integrated Products MAX2023 Datasheet HTML 8Page - Maxim Integrated Products MAX2023 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
700MHz to 1200MHz High-Linearity,
SPI-Controlled DVGA with Integrated Loopback Mixer
_______________________________________________________________________________________
3
AC ELECTRICAL CHARACTERISTICS (continued)
(MAX2058
Typical Application Circuit, VCC = +4.75V to +5.25V, digital attenuators set for maximum gain, 700MHz ≤ fRF ≤ 1200MHz,
40MHz ≤ fLO ≤ 100MHz, TC = -40°C to +85°C. Typical values are at VCC = 5.0V, PIN = 0dBm, fRF = 940MHz, PLO = -6dBm, fLO =
45MHz, fLBOUT = fRF - fLO, and TC = +25°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output -1dB Compression Point
(Note 3)
OP1dB
19
dBm
RMS Error Vector Magnitude
EVM
POUT = +12dBm, EDGE modulation
0.5
%
200kHz offset
-39.2
400kHz offset
-73.5
600kHz offset
-82.7
Spurious Emissions in 30kHz
Bandwidth (Note 4)
POUT = +12dBm,
EDGE modulation
1.2MHz offset
-85.7
dBc
Noise Figure
NF
6.8
dB
Input Return Loss
50
Ω source, minimum attenuation setting
18
dB
Output Return Loss
50
Ω load, minimum attenuation setting
20
dB
5-BIT DIGITAL ATTENUATORS
Insertion Loss
Attenuator measured separately ZS = ZL =
50
3.3
dB
Input Third-Order Intercept Point
IIP3
Attenuator measured separately ZS = ZL =
50
Ω, two tones: fRF1 = 940MHz, fRF2 =
941MHz, PIN1 = PIN2 = +5dBm
44
dBm
Control Range
31
dB
800MHz to 900MHz
±0.08
Attenuation Step Size Variation
vs. Frequency
900MHz to 1000MHz
±0.06
dB
800MHz to 1000MHz,
TC = -40°C to +25°C
±0.002
Attenuation Variation vs.
Temperature
800MHz to 1000MHz,
TC = +25°C to +85°C
±0.003
dB/°C
Step Size
1dB
Relative Step Accuracy
800MHz to 1000MHz
-0.2
+0.4
dB
Absolute Step Accuracy
800MHz to 1000MHz
-0.2
+0.5
dB
Spurious Emissions in 300kHz
Bandwidth (Note 5)
No RF input, attenuator A stepped from 0 to
2dB, 7dB to 9dB, 15dB to 17dB, 0 to 31dB,
31dB to 0dB, with attenuator B at 0dB;
attenuator B stepped from 0 to 2dB, 7dB to
9dB, 15dB to 17dB, 0 to 31dB, 31dB to
0dB, with attenuator A at 0dB
-85
dBm
Switching Speed
From chip select transitioning high to the
output settling to within 1dB of steady state
output
0.3
µs


Similar Part No. - MAX2023

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2023 MAXIM-MAX2023 Datasheet
210Kb / 13P
   High-Dynamic-Range, Direct Up-/Downconversion 1500MHz to 2300MHz Quadrature Mod/Demod
Rev 0; 7/06
MAX2023 MAXIM-MAX2023 Datasheet
789Kb / 14P
   1700MHz to 2200MHz High-Linearity, SPI-Controlled DVGA with Integrated Loopback Mixer
Rev 0; 7/06
MAX2023 MAXIM-MAX2023 Datasheet
232Kb / 8P
   Evaluation Kit
Rev 0; 2/07
MAX2023 MAXIM-MAX2023 Datasheet
476Kb / 18P
   High-Dynamic-Range, Direct Up-/Downconversion 1500MHz to 2500MHz Quadrature Mod/Demod
Rev 1; 5/12
MAX2023ETX MAXIM-MAX2023ETX Datasheet
210Kb / 13P
   High-Dynamic-Range, Direct Up-/Downconversion 1500MHz to 2300MHz Quadrature Mod/Demod
Rev 0; 7/06
More results

Similar Description - MAX2023

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2059 MAXIM-MAX2059 Datasheet
789Kb / 14P
   1700MHz to 2200MHz High-Linearity, SPI-Controlled DVGA with Integrated Loopback Mixer
Rev 0; 7/06
MAX19994A MAXIM-MAX19994A Datasheet
4Mb / 28P
   Dual, SiGe, High-Linearity, 1200MHz to 2000MHz Downconversion Mixer with LO Buffer/Switch
19-5197; Rev 0; 4/10
MAX19993 MAXIM-MAX19993 Datasheet
4Mb / 23P
   Dual, SiGe, High-Linearity, 1200MHz to 1700MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 6/10
MAX19985A MAXIM-MAX19985A Datasheet
1Mb / 23P
   Dual, SiGe, High-Linearity, 700MHz to 1000MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 8/08
MAX9985 MAXIM-MAX9985 Datasheet
216Kb / 15P
   Dual, SiGe, High-Linearity, 700MHz to 1000MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 1/07
logo
Guerrilla RF, Inc.
GRF7001 GUERRILLA-GRF7001 Datasheet
1Mb / 13P
   High Linearity Mixer with Integrated LO Buffer
05/27/21
logo
Agilent(Hewlett-Packard...
IAM-93516 HP-IAM-93516 Datasheet
144Kb / 10P
   High Linearity Integrated GaAs Mixer
logo
AVAGO TECHNOLOGIES LIMI...
IAM-93516 AVAGO-IAM-93516 Datasheet
209Kb / 10P
   High Linearity Integrated GaAs Mixer
logo
M/A-COM Technology Solu...
MAMX-011021 MA-COM-MAMX-011021 Datasheet
987Kb / 8P
   High Linearity Mixer
logo
AVAGO TECHNOLOGIES LIMI...
ALM-31122-BLKG AVAGO-ALM-31122-BLKG Datasheet
622Kb / 12P
   700MHz - 1GHz 1-Watt High Linearity Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com