Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2023ETX Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX2023ETX
Description  High-Dynamic-Range, Direct Up-/Downconversion 1500MHz to 2300MHz Quadrature Mod/Demod
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2023ETX Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX2023ETX Datasheet HTML 5Page - Maxim Integrated Products MAX2023ETX Datasheet HTML 6Page - Maxim Integrated Products MAX2023ETX Datasheet HTML 7Page - Maxim Integrated Products MAX2023ETX Datasheet HTML 8Page - Maxim Integrated Products MAX2023ETX Datasheet HTML 9Page - Maxim Integrated Products MAX2023ETX Datasheet HTML 10Page - Maxim Integrated Products MAX2023ETX Datasheet HTML 11Page - Maxim Integrated Products MAX2023ETX Datasheet HTML 12Page - Maxim Integrated Products MAX2023ETX Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
High-Dynamic-Range, Direct Up-/Downconversion
1500MHz to 2300MHz Quadrature Mod/Demod
10
_______________________________________________________________________________________________
The MAX5895 DAC has programmable gain and differ-
ential offset controls built in. These can be used to opti-
mize the LO leakage and sideband suppression of the
MAX2023 quadrature modulator.
GSM Transmitter Applications
The MAX2023 is an ideal modulator for a zero-IF (ZIF),
single-carrier GSM transmitter. The device’s wide dynamic
range enables a very efficient overall transmitter architec-
ture. Figure 2 illustrates the exceptionally simple complete
lineup for a high-performance GSM/EDGE transmitter.
The single-carrier GSM transmit lineup generates base-
band I and Q signals from a simple 12-bit dual DAC
such as the MAX5873. The DAC clock rate can be a
multiple of the GSM system clock rate of 13MHz. The
ground-referenced outputs of the dual DAC are filtered
by simple discrete element lowpass filters to attenuate
both the DAC images and the noise floor. The I and Q
baseband signals are then level shifted and amplified
by a MAX4395 quad operational amplifier, configured
as a differential input/output amplifier. This amplifier
can deliver a baseband power level of greater than
+15dBm to the MAX2023, enabling very high RF output
power levels. The MAX2023 will deliver up to +5dBm
for GSM vectors with full conformance to the required
system specifications with large margins. The excep-
tionally low phase noise of the MAX2023 allows the cir-
cuit to meet the GSM system level noise requirements
with no additional RF filters required, greatly simplifying
the overall lineup.
The output of the MAX2023 drives a MAX2059 RF VGA,
which can deliver up to +15dBm of GSM carrier power
and includes a very flexible digitally controlled attenuator
with over 56dB of adjustment range. This accommodates
the full static and dynamic power-control requirements,
with extra range for lineup gain compensation.
RF Output
The MAX2023 utilizes an internal passive mixer archi-
tecture that enables the device to possess an excep-
tionally low-output noise floor. With such architectures,
the total output noise is typically a power summation of
the theoretical thermal noise (kTB) and the noise contri-
bution from the on-chip LO buffer circuitry. As demon-
strated in the
Typical Operating Characteristics, the
MAX2023’s output noise approaches the thermal limit
of -174dBm/Hz for lower output power levels. As the
output power increases, the noise level tracks the noise
contribution from the LO buffer circuitry, which is
approximately -165dBc/Hz.
The I/Q input power levels and the insertion loss of the
device determine the RF output power level. The input
power is a function of the delivered input I and Q volt-
ages to the internal 50Ω termination. For simple sinu-
0
°
90
°
45, 80,
OR
95MHz LO
31dB
I
Q
12
12
LOOPBACK
OUT
(FEEDS BACK
INTO Rx CHAIN
FRONT-END)
Rx
OFF
SPI
CONTROL
31dB
17dB
MAX2021/MAX2023
SPI
LOGIC
MAX5873
DUAL DAC
MAX4395
QUAD AMP
MAX2058/MAX2059
RF DIGITAL VGAs
MAX9491
VCO + SYNTH
RFOUT
Figure 2. Complete Transmitter Lineup for GSM/EDGE DCS/PCS-Band Base Stations


Similar Part No. - MAX2023ETX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2023ETX++ MAXIM-MAX2023ETX+ Datasheet
476Kb / 18P
   High-Dynamic-Range, Direct Up-/Downconversion 1500MHz to 2500MHz Quadrature Mod/Demod
Rev 1; 5/12
MAX2023ETX+T MAXIM-MAX2023ETX+T Datasheet
476Kb / 18P
   High-Dynamic-Range, Direct Up-/Downconversion 1500MHz to 2500MHz Quadrature Mod/Demod
Rev 1; 5/12
More results

Similar Description - MAX2023ETX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2023_V1 MAXIM-MAX2023_V1 Datasheet
476Kb / 18P
   High-Dynamic-Range, Direct Up-/Downconversion 1500MHz to 2500MHz Quadrature Mod/Demod
Rev 1; 5/12
MAX2021 MAXIM-MAX2021 Datasheet
237Kb / 14P
   High-Dynamic-Range, Direct Up-/Downconversion 750MHz to 1200MHz Quadrature Mod/Demod
Rev 0; 3/06
MAX2021 MAXIM-MAX2021_13 Datasheet
588Kb / 20P
   High-Dynamic-Range, Direct Up-/Downconversion 650MHz to 1200MHz Quadrature Mod/Demod
Rev 2; 4/13
MAX2022 MAXIM-MAX2022_V01 Datasheet
1Mb / 26P
   High-Dynamic-Range, Direct Up/ Downconversion 1500MHz to 3000MHz Quadrature Modulator/Demodulator
2013
MAX2022 MAXIM-MAX2022_12 Datasheet
2Mb / 20P
   High-Dynamic-Range, Direct Up/ Downconversion 1500MHz to 3000MHz Quadrature Modulator/Demodulator
Rev 1; 9/12
MAX2022 MAXIM-MAX2022 Datasheet
293Kb / 14P
   High-Dynamic-Range, Direct Upconversion 1500MHz to 2500MHz Quadrature Modulator
Rev 0; 4/05
logo
Renesas Technology Corp
F0110 RENESAS-F0110 Datasheet
1Mb / 17P
   Dual Path Ultra-Low Noise Amplifier 1500MHz to 2300MHz
Jan 13, 2022
logo
Maxim Integrated Produc...
MAX19998 MAXIM-MAX19998 Datasheet
5Mb / 28P
   SiGe, High-Linearity, 2300MHz to 4000MHz Downconversion Mixer with LO Buffer
Rev 0; 10/09
MAX2044 MAXIM-MAX2044 Datasheet
6Mb / 39P
   SiGe, High-Linearity, 2300MHz to 4000MHz Upconversion/Downconversion Mixer with LO Buffer
Rev 0; 10/09
logo
Texas Instruments
TRF371109 TI1-TRF371109 Datasheet
1Mb / 47P
[Old version datasheet]   Direct Downconversion Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com