Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BF869 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BF869
Description  NPN high-voltage transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF869 Datasheet(HTML) 4 Page - NXP Semiconductors

  BF869 Datasheet HTML 1Page - NXP Semiconductors BF869 Datasheet HTML 2Page - NXP Semiconductors BF869 Datasheet HTML 3Page - NXP Semiconductors BF869 Datasheet HTML 4Page - NXP Semiconductors BF869 Datasheet HTML 5Page - NXP Semiconductors BF869 Datasheet HTML 6Page - NXP Semiconductors BF869 Datasheet HTML 7Page - NXP Semiconductors BF869 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1999 Apr 12
4
Philips Semiconductors
Product specification
NPN high-voltage transistors
BF869; BF871
PACKAGE OUTLINE
UNIT
bp
DE1
L1
L2
(1)
max
L
cc1
E
PQ
w
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
0.8
0.6
0.65
0.5
0.56
0.46
8.6
8.4
10.1
9.9
10.4
10.0
2.54
13.3
12.2
e1
5.08
eHE
24.2
23.8
2.4
2.0
3.8
3.6
P1
3.9
3.7
0.25
1.7
1.5
DIMENSIONS (mm are the original dimensions)
2.5
SOT128B
TO-202
97-02-28
A
c1
D
E
L1
L2
L
bp
c
E1
HE
P
Q
A
P1
4.6
4.4
Plastic single-ended leaded (through hole) package; with cooling fin, mountable to heatsink,
1 mounting hole; 3 leads (in-line)
SOT128B
e
e1
12
3
0
5
10 mm
scale
w M
Note
1. Plastic flash allowed within this zone


Similar Part No. - BF869

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF869 SIEMENS-BF869 Datasheet
181Kb / 4P
   NPN Silicon Transistors with High Reverse Voltage
logo
List of Unclassifed Man...
BF869 ETC2-BF869 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Vishay Telefunken
BF869S TFUNK-BF869S Datasheet
384Kb / 6P
   Silicon NPN Epitaxial Planar RF Transistors Applications: Video-B-class power stages in TV-receivers
More results

Similar Description - BF869

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N3439 SEME-LAB-2N3439 Datasheet
18Kb / 2P
   HIGH VOLTAGE NPN TRANSISTORS
logo
NXP Semiconductors
2N5550 PHILIPS-2N5550 Datasheet
43Kb / 8P
   NPN high-voltage transistors
1999 Apr 23
BF720 PHILIPS-BF720 Datasheet
42Kb / 8P
   NPN high-voltage transistors
1999 Apr 21
BF820W PHILIPS-BF820W Datasheet
52Kb / 8P
   NPN high-voltage transistors
1997 Sep 03
BST39 PHILIPS-BST39 Datasheet
40Kb / 8P
   NPN high-voltage transistors
1999 Apr 26
PMST5550 PHILIPS-PMST5550 Datasheet
57Kb / 8P
   NPN high-voltage transistors
1999 Apr 29
BF820_BF822 PHILIPS-BF820_BF822_15 Datasheet
105Kb / 6P
   NPN high-voltage transistors
2004 Jan 16
logo
Guangdong Kexin Industr...
BSR19 KEXIN-BSR19 Datasheet
39Kb / 2P
   NPN High-Voltage Transistors
logo
Weitron Technology
MPSA44 WEITRON-MPSA44 Datasheet
895Kb / 4P
   High-Voltage NPN Transistors
logo
Guangdong Kexin Industr...
BST39 KEXIN-BST39 Datasheet
52Kb / 2P
   NPN High-Voltage Transistors
logo
NXP Semiconductors
BF720 NXP-BF720 Datasheet
104Kb / 6P
   NPN high-voltage transistors
1999 Apr 21
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com