Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

88C24L-AF5-R Datasheet(PDF) 11 Page - Unisonic Technologies

Part # 88C24L-AF5-R
Description  BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

88C24L-AF5-R Datasheet(HTML) 11 Page - Unisonic Technologies

Back Button 88C24L-AF5-R Datasheet HTML 7Page - Unisonic Technologies 88C24L-AF5-R Datasheet HTML 8Page - Unisonic Technologies 88C24L-AF5-R Datasheet HTML 9Page - Unisonic Technologies 88C24L-AF5-R Datasheet HTML 10Page - Unisonic Technologies 88C24L-AF5-R Datasheet HTML 11Page - Unisonic Technologies 88C24L-AF5-R Datasheet HTML 12Page - Unisonic Technologies 88C24L-AF5-R Datasheet HTML 13Page - Unisonic Technologies 88C24L-AF5-R Datasheet HTML 14Page - Unisonic Technologies 88C24L-AF5-R Datasheet HTML 15Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
88CXX
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
11
www.unisonic.com.tw
QW-R502-040,A
∆ + V DET
∆ Ta
∆ - V DET
∆ Ta
VHYS
-VDET
∆ - V DET
∆ Ta
-
=
×


Similar Part No. - 88C24L-AF5-R

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
88C681 EXAR-88C681 Datasheet
1Mb / 99P
   CMOS DUAL CHANNEL UART (DUART)
logo
Sangdest Microelectroni...
88CNQ060 SMC-88CNQ060 Datasheet
227Kb / 5P
   SCHOTTKY RECTIFIER
logo
International Rectifier
88CNQ060A IRF-88CNQ060A Datasheet
195Kb / 8P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
88CNQ060A VISHAY-88CNQ060A Datasheet
111Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 02-Sep-08
88CNQ060A VISHAY-88CNQ060A Datasheet
150Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 16-Apr-10
More results

Similar Description - 88C24L-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
88NXX_1112 UTC-88NXX_1112 Datasheet
242Kb / 8P
   BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
88NXX UTC-88NXX_15 Datasheet
237Kb / 8P
   BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
88CXX UTC-88CXX_12 Datasheet
330Kb / 12P
   BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
88CXX UTC-88CXX_10 Datasheet
258Kb / 13P
   BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
88NXX UTC-88NXX Datasheet
185Kb / 5P
   BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
88NXX UTC-88NXX_11 Datasheet
234Kb / 8P
   BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
88CXX UTC-88CXX_15 Datasheet
320Kb / 12P
   BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9509C E-CMOS-EC9509C Datasheet
491Kb / 10P
   BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
logo
Leshan Radio Company
LR8809 LRC-LR8809 Datasheet
441Kb / 7P
   ULTRA-SMALL BUILT-IN DELAY HIGH-PRECISION VOLTAGE DETECTOR
logo
Torex Semiconductor
XC61H TOREX-XC61H Datasheet
574Kb / 13P
   Voltage Detector with Delay Circuit Built-In
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com