Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BF862 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BF862
Description  N-channel junction FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF862 Datasheet(HTML) 5 Page - NXP Semiconductors

  BF862 Datasheet HTML 1Page - NXP Semiconductors BF862 Datasheet HTML 2Page - NXP Semiconductors BF862 Datasheet HTML 3Page - NXP Semiconductors BF862 Datasheet HTML 4Page - NXP Semiconductors BF862 Datasheet HTML 5Page - NXP Semiconductors BF862 Datasheet HTML 6Page - NXP Semiconductors BF862 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
1999 Jun 29
5
Philips Semiconductors
Preliminary specification
N-channel junction FET
BF862
PACKAGE OUTLINE
UNIT
A1
max.
bp
cD
E
e1
HE
Lp
Qw
v
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
97-02-28
IEC
JEDEC
EIAJ
mm
0.1
0.48
0.38
0.15
0.09
3.0
2.8
1.4
1.2
0.95
e
1.9
2.5
2.1
0.55
0.45
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
SOT23
bp
D
e1
e
A
A1
Lp
Q
detail X
HE
E
w M
v M A
B
A
B
01
2 mm
scale
A
1.1
0.9
c
X
12
3
Plastic surface mounted package; 3 leads
SOT23


Similar Part No. - BF862

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF862 NXP-BF862 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BF862 NXP-BF862_00 Datasheet
87Kb / 12P
   N-channel junction FET
2000 Jan 05
logo
Quanzhou Jinmei Electro...
BF862 JMNIC-BF862_15 Datasheet
87Kb / 12P
   N-channel junction FET
BF862_2015 JMNIC-BF862_2015 Datasheet
87Kb / 12P
   N-channel junction FET
More results

Similar Description - BF862

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TF222 SANYO-TF222 Datasheet
51Kb / 4P
   N-channel Junction FET
logo
List of Unclassifed Man...
2N5432 ETC-2N5432 Datasheet
226Kb / 2P
   N CHANNEL JUNCTION FET
RJN1164 ETC1-RJN1164 Datasheet
175Kb / 4P
   N-Channel Junction FET
logo
Panasonic Semiconductor
XP1D874 PANASONIC-XP1D874 Datasheet
28Kb / 2P
   N-channel junction FET
logo
Micro Electronics
BF245 MICRO-ELECTRONICS-BF245 Datasheet
47Kb / 1P
   N-CHANNEL JUNCTION FET
logo
NXP Semiconductors
BF862 NXP-BF862_00 Datasheet
87Kb / 12P
   N-channel junction FET
2000 Jan 05
logo
Unisonic Technologies
2SK2751 UTC-2SK2751_07 Datasheet
71Kb / 4P
   N-CHANNEL JUNCTION FET
logo
Quanzhou Jinmei Electro...
BF862 JMNIC-BF862_15 Datasheet
87Kb / 12P
   N-channel junction FET
logo
Unisonic Technologies
ISL9V3040D3S UTC-ISL9V3040D3S_15 Datasheet
199Kb / 4P
   N-CHANNEL JUNCTION FET
logo
AUK corp
STK596M AUK-STK596M Datasheet
342Kb / 5P
   N-Channel Junction FET
logo
List of Unclassifed Man...
FN22 ETC1-FN22 Datasheet
221Kb / 2P
   N-CHANNEL JUNCTION FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com