Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N316AD Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # N316AD
Description  N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

N316AD Datasheet(HTML) 2 Page - Fairchild Semiconductor

  N316AD Datasheet HTML 1Page - Fairchild Semiconductor N316AD Datasheet HTML 2Page - Fairchild Semiconductor N316AD Datasheet HTML 3Page - Fairchild Semiconductor N316AD Datasheet HTML 4Page - Fairchild Semiconductor N316AD Datasheet HTML 5Page - Fairchild Semiconductor N316AD Datasheet HTML 6Page - Fairchild Semiconductor N316AD Datasheet HTML 7Page - Fairchild Semiconductor N316AD Datasheet HTML 8Page - Fairchild Semiconductor N316AD Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. B, February 2002
Electrical Characteristics T
A = 25°C unless otherwise noted
Off Characteristics
On Characteristics
Dynamic Characteristics
Switching Characteristics (V
GS = 4.5V)
Switching Characteristics (VGS = 10V)
Unclamped Inductive Switching
Drain-Source Diode Characteristics
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
BVDSS
Drain to Source Breakdown Voltage
ID = 250µA, VGS = 0V
30
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS = 25V
-
-
1
µA
VGS = 0V
TC = 150
o
-
-
250
IGSS
Gate to Source Leakage Current
VGS = ±20V
-
-
±100
nA
VGS(TH)
Gate to Source Threshold Voltage
VGS = VDS, ID = 250µA1
-
3
V
rDS(ON)
Drain to Source On Resistance
ID = 48A, VGS = 10V
-
0.014
0.0155
ID = 28A, VGS = 4.5V
-
0.020
0.023
CISS
Input Capacitance
VDS = 15V, VGS = 0V,
f = 1MHz
-
1450
-
pF
COSS
Output Capacitance
-
300
-
pF
CRSS
Reverse Transfer Capacitance
-
120
-
pF
Qg(TOT)
Total Gate Charge at 10V
VGS = 0V to 10V
VDD = 15V
ID = 28A
Ig = 1.0mA
-25
38
nC
Qg(5)
Total Gate Charge at 5V
VGS = 0V to 5V
-
13
20
nC
Qg(TH)
Threshold Gate Charge
VGS = 0V to 1V
-
1.5
2.3
nC
Qgs
Gate to Source Gate Charge
-
4.3
-
nC
Qgd
Gate to Drain “Miller” Charge
-
4.5
-
nC
tON
Turn-On Time
VDD = 15V, ID = 10A
VGS = 4.5V, RGS = 11Ω
-
-
115
ns
td(ON)
Turn-On Delay Time
-
15
-
ns
tr
Rise Time
-
60
-
ns
td(OFF)
Turn-Off Delay Time
-
25
-
ns
tf
Fall Time
-
30
-
ns
tOFF
Turn-Off Time
-
-
83
ns
tON
Turn-On Time
VDD = 15V, ID = 10A
VGS = 10V, RGS = 11Ω
-
-
57
ns
td(ON)
Turn-On Delay Time
-
8
-
ns
tr
Rise Time
-
30
-
ns
td(OFF)
Turn-Off Delay Time
-
45
-
ns
tf
Fall Time
-
30
-
ns
tOFF
Turn-Off Time
-
-
115
ns
tAV
Avalanche Time
ID = 2.9A, L = 3.0mH
195
-
-
µs
VSD
Source to Drain Diode Voltage
ISD = 28A
-
-
1.25
V
ISD = 13A
-
-
1.0
V
trr
Reverse Recovery Time
ISD = 28A, dISD/dt = 100A/µs-
-
20
ns
QRR
Reverse Recovered Charge
ISD = 28A, dISD/dt = 100A/µs-
-
7
nC


Similar Part No. - N316AD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
N316-01M ETC2-N316-01M Datasheet
485Kb / 3P
   Duplex Multimode 62.5/125 Fiber Patch Cable (LC/SC), 1M (3-ft.)
logo
Tripp Lite. All Rights ...
N316-01M TRIPPLITE-N316-01M Datasheet
156Kb / 2P
   Duplex Multimode 62.5/125 Fiber Patch Cable (LC/SC), 1M (3-ft.)
logo
List of Unclassifed Man...
N316-02M ETC2-N316-02M Datasheet
485Kb / 3P
   Duplex Multimode 62.5/125 Fiber Patch Cable (LC/SC), 1M (3-ft.)
logo
Tripp Lite. All Rights ...
N316-02M TRIPPLITE-N316-02M Datasheet
156Kb / 2P
   Duplex Multimode 62.5/125 Fiber Patch Cable (LC/SC), 2M (6-ft.)
logo
List of Unclassifed Man...
N316-03M ETC2-N316-03M Datasheet
485Kb / 3P
   Duplex Multimode 62.5/125 Fiber Patch Cable (LC/SC), 1M (3-ft.)
More results

Similar Description - N316AD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ISL9N302AS3ST FAIRCHILD-ISL9N302AS3ST Datasheet
253Kb / 11P
   N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs
ISL9N306AP3 FAIRCHILD-ISL9N306AP3 Datasheet
205Kb / 11P
   N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs
ISL9N307AD3ST FAIRCHILD-ISL9N307AD3ST Datasheet
189Kb / 11P
   N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs
ISL9N312AP3 FAIRCHILD-ISL9N312AP3 Datasheet
140Kb / 11P
   N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs
ISL9N322AP3 FAIRCHILD-ISL9N322AP3 Datasheet
140Kb / 11P
   N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs
ISL9N302AP3 FAIRCHILD-ISL9N302AP3 Datasheet
122Kb / 10P
   N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs
ISL9N310AP3 FAIRCHILD-ISL9N310AP3 Datasheet
149Kb / 11P
   N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs
ISL9N312AD3 FAIRCHILD-ISL9N312AD3 Datasheet
275Kb / 11P
   N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs
ISL9N318AD3ST FAIRCHILD-ISL9N318AD3ST Datasheet
184Kb / 11P
   N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs
ISL9N307AP3 FAIRCHILD-ISL9N307AP3 Datasheet
141Kb / 11P
   N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com