Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BF859 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BF859
Description  NPN high-voltage transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF859 Datasheet(HTML) 4 Page - NXP Semiconductors

  BF859 Datasheet HTML 1Page - NXP Semiconductors BF859 Datasheet HTML 2Page - NXP Semiconductors BF859 Datasheet HTML 3Page - NXP Semiconductors BF859 Datasheet HTML 4Page - NXP Semiconductors BF859 Datasheet HTML 5Page - NXP Semiconductors BF859 Datasheet HTML 6Page - NXP Semiconductors BF859 Datasheet HTML 7Page - NXP Semiconductors BF859 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1999 Apr 14
4
Philips Semiconductors
Product specification
NPN high-voltage transistor
BF859
PACKAGE OUTLINE
UNIT
bp
DE1
L1
L2
(1)
max
L
cc1
E
PQ
w
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
0.8
0.6
0.65
0.5
0.56
0.46
8.6
8.4
10.1
9.9
10.4
10.0
2.54
13.3
12.2
e1
5.08
eHE
24.2
23.8
2.4
2.0
3.8
3.6
P1
3.9
3.7
0.25
1.7
1.5
DIMENSIONS (mm are the original dimensions)
2.5
SOT128B
TO-202
97-02-28
A
c1
D
E
L1
L2
L
bp
c
E1
HE
P
Q
A
P1
4.6
4.4
Plastic single-ended leaded (through hole) package; with cooling fin, mountable to heatsink,
1 mounting hole; 3 leads (in-line)
SOT128B
e
e1
12
3
0
5
10 mm
scale
w M
Note
1. Plastic flash allowed within this zone


Similar Part No. - BF859

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF859 PHILIPS-BF859 Datasheet
67Kb / 8P
   NPN high-voltage transistors
1996 Dec 09
logo
List of Unclassifed Man...
BF859 ETC2-BF859 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - BF859

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
PZTA44G DGNJDZ-PZTA44G Datasheet
118Kb / 4P
   NPN HIGH VOLTAGE TRANSISTOR TRANSISTOR
logo
Taiwan Semiconductor Co...
TS13003HV TSC-TS13003HV Datasheet
51Kb / 3P
   High Voltage NPN Transistor
TS13007 TSC-TS13007 Datasheet
39Kb / 2P
   High Voltage NPN Transistor
logo
Fairchild Semiconductor
FJV42 FAIRCHILD-FJV42 Datasheet
99Kb / 4P
   NPN High Voltage Transistor
logo
Samsung semiconductor
MMBT5550 SAMSUNG-MMBT5550 Datasheet
74Kb / 2P
   NPN (HIGH VOLTAGE TRANSISTOR)
logo
NXP Semiconductors
BF422L PHILIPS-BF422L Datasheet
41Kb / 8P
   NPN high-voltage transistor
1999 Apr 21
BFV469 PHILIPS-BFV469 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 Apr 26
BSS64 PHILIPS-BSS64 Datasheet
41Kb / 8P
   NPN high-voltage transistor
1999 Apr 15
PZTA42 PHILIPS-PZTA42 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 May 21
logo
Motorola, Inc
BF844 MOTOROLA-BF844 Datasheet
152Kb / 6P
   High Voltage Transistor(NPN)
logo
Taiwan Semiconductor Co...
TSC742A TSC-TSC742A Datasheet
409Kb / 6P
   High Voltage NPN Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com