Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCM847BS Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BCM847BS
Description  NPN/NPN matched double transistors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BCM847BS Datasheet(HTML) 5 Page - NXP Semiconductors

  BCM847BS Datasheet HTML 1Page - NXP Semiconductors BCM847BS Datasheet HTML 2Page - NXP Semiconductors BCM847BS Datasheet HTML 3Page - NXP Semiconductors BCM847BS Datasheet HTML 4Page - NXP Semiconductors BCM847BS Datasheet HTML 5Page - NXP Semiconductors BCM847BS Datasheet HTML 6Page - NXP Semiconductors BCM847BS Datasheet HTML 7Page - NXP Semiconductors BCM847BS Datasheet HTML 8Page - NXP Semiconductors BCM847BS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
BCM847BV_BS_DS_5
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 05 — 27 June 2006
5 of 15
Philips Semiconductors
BCM847BV/BS/DS
NPN/NPN matched double transistors
[1]
VBEsat decreases by about 1.7 mV/K with increasing temperature.
[2]
VBE decreases by about 2 mV/K with increasing temperature.
[3]
The smaller of the two values is taken as the numerator.
[4]
The smaller of the two values is subtracted from the larger value.
fT
transition frequency
VCE =5V;
IC =10mA;
f = 100 MHz
100
250
-
MHz
NF
noise figure
VCE =5V;
IC = 0.2 mA;
RS =2kΩ;
f = 10 Hz to
15.7 kHz
-
2.8
-
dB
VCE =5V;
IC = 0.2 mA;
RS =2kΩ;
f = 1 kHz;
B = 200 Hz
-
3.3
-
dB
Per device
hFE1/hFE2
hFE matching
VCE =5V;
IC =2mA
[3] 0.9
1
-
VBE1−VBE2 VBE matching
VCE =5V;
IC =2mA
[4] --
2
mV
Table 8.
Characteristics …continued
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Similar Part No. - BCM847BS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCM847BS PHILIPS-BCM847BS Datasheet
45Kb / 8P
   NPN matched double transistor; DhFE = 10 %
Rev. 02-6 April 2005
BCM847BS PHILIPS-BCM847BS Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
BCM847BS NXP-BCM847BS Datasheet
127Kb / 15P
   NPN/NPN matched double transistors
Rev. 06-28 August 2009
logo
Diotec Semiconductor
BCM847BS DIOTEC-BCM847BS Datasheet
151Kb / 2P
   SMD Matched NPN Transistors
logo
Nexperia B.V. All right...
BCM847BS NEXPERIA-BCM847BS Datasheet
242Kb / 10P
   NPN/NPN matched double transistor
27 December 2022
More results

Similar Description - BCM847BS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMP4201V NXP-PMP4201V Datasheet
123Kb / 14P
   NPN/NPN matched double transistors
Rev. 04-28 August 2009
logo
Nexperia B.V. All right...
PMP4501G NEXPERIA-PMP4501G Datasheet
122Kb / 14P
   NPN/NPN matched double transistors
Rev. 04 - 28 August 2009
logo
NXP Semiconductors
BCM847BV PHILIPS-BCM847BV_15 Datasheet
138Kb / 15P
   NPN/NPN matched double transistors
Rev. 06-28 August 2009
BCM847BV NXP-BCM847BV Datasheet
127Kb / 15P
   NPN/NPN matched double transistors
Rev. 06-28 August 2009
PMP4501V NXP-PMP4501V Datasheet
123Kb / 14P
   NPN/NPN matched double transistors
Rev. 04-28 August 2009
logo
Nexperia B.V. All right...
BCM846BS NEXPERIA-BCM846BS Datasheet
687Kb / 12P
   NPN/NPN matched double transistor
BCM847DS NEXPERIA-BCM847DS Datasheet
241Kb / 10P
   NPN/NPN matched double transistor
27 December 2022
BCM61B NEXPERIA-BCM61B Datasheet
2Mb / 13P
   NPN/NPN matched double transistor
Rev. 02 - 28 August 2009
BCM847BS NEXPERIA-BCM847BS Datasheet
242Kb / 10P
   NPN/NPN matched double transistor
27 December 2022
logo
NXP Semiconductors
BCM61B PHILIPS-BCM61B_15 Datasheet
144Kb / 13P
   NPN/NPN matched double transistor
Rev. 02-28 August 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com