Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7B30-01-1 Datasheet(PDF) 5 Page - Analog Devices

Part # 7B30-01-1
Description  Isolated, Voltage or Current Input
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

7B30-01-1 Datasheet(HTML) 5 Page - Analog Devices

  7B30-01-1 Datasheet HTML 1Page - Analog Devices 7B30-01-1 Datasheet HTML 2Page - Analog Devices 7B30-01-1 Datasheet HTML 3Page - Analog Devices 7B30-01-1 Datasheet HTML 4Page - Analog Devices 7B30-01-1 Datasheet HTML 5Page - Analog Devices 7B30-01-1 Datasheet HTML 6Page - Analog Devices 7B30-01-1 Datasheet HTML 7Page - Analog Devices 7B30-01-1 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
7B30
Rev. 0 | Page 5 of 8
PIN CONFIGURATIONS AND FUNCTIONAL DESCRIPTIONS
Figure 3 7B30 Input Field Connections
Table 1. Pin Function Descriptions—
Pin
No.
Input Module Function
Output Module Function
0
SENSOR INPUT
NOT USED
1
INPUT HIGH
OUTPUT HIGH
2
INPUT LOW
OUTPUT LOW
3
POWER SUPPLY (DC)
POWER SUPPLY (DC)
4
OUTPUT VOLTAGE
INPUT VOLTAGE
5
OUTPUT & POWER
COMMON
INPUT AND POWER
COMMON
Figure 4 . Model 7B Series Module, with pin-out assignments.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human
body and test equipment and can discharge without detection. Although this product features proprietary ESD
protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges.
Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.


Similar Part No. - 7B30-01-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
7B30 AD-7B30_15 Datasheet
534Kb / 8P
   Isolated, Voltage or Current Input
REV. 0
More results

Similar Description - 7B30-01-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
7B41 AD-7B41_15 Datasheet
555Kb / 8P
   Isolated, Voltage or Current Input
REV. 0
7B41 AD-7B41 Datasheet
554Kb / 8P
   Isolated, Voltage or Current Input
REV. 0
7B30 AD-7B30_15 Datasheet
534Kb / 8P
   Isolated, Voltage or Current Input
REV. 0
7B33 AD-7B33 Datasheet
529Kb / 8P
   ISOLATED, VOLTAGE OR CURRENT INPUT
REV. 0
7B33 AD-7B33_15 Datasheet
535Kb / 8P
   Isolated, Voltage or Current Input
REV. 0
7B40 AD-7B40 Datasheet
556Kb / 8P
   Isolated Voltage or Current Input
REV. 0
7B40 AD-7B40_15 Datasheet
556Kb / 8P
   Isolated Voltage or Current Input
REV. 0
5B42 AD-5B42 Datasheet
693Kb / 8P
   ISOLATED, PROCESS CURRENT INPUT
REV. 0
5B42 AD-5B42_15 Datasheet
693Kb / 8P
   Isolated, Process Current Input
REV. 0
3B32 AD-3B32 Datasheet
352Kb / 8P
   Isolated, Process Current Input
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com