Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDSY5150 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TDSY5150
Description  Standard 7- Segment Display 13 mm
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TDSY5150 Datasheet(HTML) 5 Page - Vishay Siliconix

  TDSY5150 Datasheet HTML 1Page - Vishay Siliconix TDSY5150 Datasheet HTML 2Page - Vishay Siliconix TDSY5150 Datasheet HTML 3Page - Vishay Siliconix TDSY5150 Datasheet HTML 4Page - Vishay Siliconix TDSY5150 Datasheet HTML 5Page - Vishay Siliconix TDSY5150 Datasheet HTML 6Page - Vishay Siliconix TDSY5150 Datasheet HTML 7Page - Vishay Siliconix TDSY5150 Datasheet HTML 8Page - Vishay Siliconix TDSY5150 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
VISHAY
TDSG / O / Y51..
Document Number 83126
Rev. 1.5, 31-Aug-04
Vishay Semiconductors
www.vishay.com
5
Figure 9. Forward Current vs. Forward Voltage
Figure 10. Rel. Luminous Intensity vs. Ambient Temperature
Figure 11. Specific Luminous Intensity vs. Forward Current
0.1
1
10
100
1000
10
8
6
4
2
0
95 10030
VF - Forward Voltage(V)
Yellow
t p /T = 0.001
t p =10 µs
0
0
0.4
0.8
1.2
1.6
95 10031
20
40
60
80
100
Tamb - Ambient Temperature ( °C)
Yellow
IF =10mA
10
20
50
100
200
0
0.4
0.8
1.2
1.6
2.4
17533
500
0.5
0.2
0.1
0.05
0.02
1
IF(mA)
tp/T
2.0
Yellow
Figure 12. Relative Luminous Intensity vs. Forward Current
Figure 13. Relative Intensity vs. Wavelength
Figure 14. Forward Current vs. Forward Voltage
Yellow
IF - Forward Current ( mA )
100
0.1
1
10
95 10033
10
1
0.01
550
570
590
610
630
0
0.2
0.4
0.6
0.8
1.2
650
17530
l – Wavelength ( nm )
1.0
Yellow
0.1
1
10
100
1000
10
8
6
4
2
0
95 10034
VF - Forward Voltage(V)
Green
t p /T = 0.001
t p =10 µs


Similar Part No. - TDSY5150

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDSY5150 VISHAY-TDSY5150 Datasheet
163Kb / 12P
   Standard 7-Segment Display 13 mm
Rev. 1.6, 10-Feb-10
TDSY5150 VISHAY-TDSY5150 Datasheet
158Kb / 12P
   Standard 7-Segment Display 13 mm
01-Jan-2023
TDSY5150(1) VISHAY-TDSY5150(1) Datasheet
170Kb / 12P
   Standard 7-Segment Display 13 mm DESCRIPTION The
01-Jan-2022
TDSY5150/5160 VISHAY-TDSY5150/5160 Datasheet
149Kb / 9P
   Standard 7- Segment Display 13 mm
Rev. A2, 05-Oct-00
More results

Similar Description - TDSY5150

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDSG5150 VISHAY-TDSG5150_V01 Datasheet
158Kb / 12P
   Standard 7-Segment Display 13 mm
01-Jan-2023
TDSR515 VISHAY-TDSR515_00 Datasheet
149Kb / 9P
   Standard 7- Segment Display 13 mm
Rev. A2, 05-Oct-00
TDSG5150 VISHAY-TDSG5150_10 Datasheet
163Kb / 12P
   Standard 7-Segment Display 13 mm
Rev. 1.6, 10-Feb-10
TDSG51 VISHAY-TDSG51_V01 Datasheet
170Kb / 12P
   Standard 7-Segment Display 13 mm DESCRIPTION The
01-Jan-2022
TDSO1150 VISHAY-TDSO1150 Datasheet
163Kb / 8P
   Standard 7- Segment Display 7 mm
Rev. 1.4, 31-Aug-04
TDSG1150 VISHAY-TDSG1150_10 Datasheet
159Kb / 12P
   Standard 7-Segment Display 7 mm
Rev. 1.7, 30-Jun-10
TDSY1150 VISHAY-TDSY1150_V01 Datasheet
167Kb / 12P
   Standard 7-Segment Display 7 mm
01-Jan-2022
TDSG1150 VISHAY-TDSG1150_V02 Datasheet
167Kb / 12P
   Standard 7-Segment Display 7 mm
01-Jan-2023
TDSL5150 VISHAY-TDSL5150_V01 Datasheet
141Kb / 9P
   Low Current 13 mm 7-Segment Display
01-Jan-2023
TDSG3150 VISHAY-TDSG3150 Datasheet
163Kb / 12P
   Standard 7-Segment Display 10 mm
Rev. 1.6, 23-May-11
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com