Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD179DR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD179DR
Description  5 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD179DR Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN65HVD179DR Datasheet HTML 5Page - Texas Instruments SN65HVD179DR Datasheet HTML 6Page - Texas Instruments SN65HVD179DR Datasheet HTML 7Page - Texas Instruments SN65HVD179DR Datasheet HTML 8Page - Texas Instruments SN65HVD179DR Datasheet HTML 9Page - Texas Instruments SN65HVD179DR Datasheet HTML 10Page - Texas Instruments SN65HVD179DR Datasheet HTML 11Page - Texas Instruments SN65HVD179DR Datasheet HTML 12Page - Texas Instruments SN65HVD179DR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
40
45
50
55
60
65
70
0
5
10
15
20
25
SignalingRate(Mbps)
T =25°C
R =54
R =V
C =50pF
DE=V
A
L
E
CC
L
CC
W
V
=5.0VDC
CC
-250
-200
-150
-100
-50
0
50
100
150
200
250
-7
-4
-1
2
5
8
11
14
V -BusInputVoltage-V
I
T
=25°C
=0V
DE=0V
A
RE
V
=5V
CC
-0.02
0
0.02
0.04
0.06
0.08
0.1
0.12
0
1
2
3
4
5
V
-Low-LevelOutputVoltage-V
OL
VCC=5V
DE=V
D=0V
CC
SN65HVD179
SLLS668A – FEBRUARY 2006 – REVISED MAY 2006
RMS SUPPLY CURRENT
vs
SIGNALING RATE
Figure 9.
BUS INPUT CURRENT
vs
DRIVER LOW-LEVEL OUTPUT CURRENT
INPUT VOLTAGE
vs
LOW-LEVEL OUTPUT VOLTAGE
Figure 10.
Figure 11.
9
Submit Documentation Feedback


Similar Part No. - SN65HVD179DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1791 TI-SN65HVD1791 Datasheet
668Kb / 19P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SN65HVD1791 TI-SN65HVD1791 Datasheet
676Kb / 21P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SN65HVD1791 TI-SN65HVD1791 Datasheet
656Kb / 24P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
SN65HVD1791 TI-SN65HVD1791 Datasheet
768Kb / 26P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
SN65HVD1791D TI-SN65HVD1791D Datasheet
668Kb / 19P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
More results

Similar Description - SN65HVD179DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD379 TI-SN65HVD379 Datasheet
515Kb / 14P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD30-EP TI1-SN65HVD30-EP Datasheet
853Kb / 25P
[Old version datasheet]   3.3-V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_08 Datasheet
834Kb / 28P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30 Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_07 Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI1-SN65HVD30_15 Datasheet
1Mb / 42P
[Old version datasheet]   SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
SN65HVD50 TI-SN65HVD50 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH OUTPUT FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
logo
Analog Devices
ADM3070E AD-ADM3070E_15 Datasheet
528Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3488 AD-ADM3488_15 Datasheet
328Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3490 AD-ADM3490_15 Datasheet
328Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com