Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8737 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX8737
Description  Dual, Low-Voltage Linear Regulator Controllers with External MOSFETs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8737 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX8737 Datasheet HTML 1Page - Maxim Integrated Products MAX8737 Datasheet HTML 2Page - Maxim Integrated Products MAX8737 Datasheet HTML 3Page - Maxim Integrated Products MAX8737 Datasheet HTML 4Page - Maxim Integrated Products MAX8737 Datasheet HTML 5Page - Maxim Integrated Products MAX8737 Datasheet HTML 6Page - Maxim Integrated Products MAX8737 Datasheet HTML 7Page - Maxim Integrated Products MAX8737 Datasheet HTML 8Page - Maxim Integrated Products MAX8737 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Dual, Low-Voltage Linear Regulator Controllers
with External MOSFETs
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ..............................................................-0.3V to +6V
OUT1, OUT2 to GND................................................-0.3V to +6V
REFIN1, REFIN2, PGOOD1, PGOOD2, EN1,
EN2 to GND..........................................................-0.3V to +6V
DRV1, DRV2, CS1, CS2 to GND.................-0.3V to (VCC + 0.3V)
Continuous Power Dissipation (TA = +70°C)
16-Pin 4mm x 4mm Thin QFN (derated 25mW/°C
above +70°C).............................................................2000mW
Operating Temperature Range
MAX8737ETE ...................................................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(VCC = 5V, EN_ = CS_ = VCC, VREFIN = 1.0V, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VCC
4.75
5.50
V
VCC Undervoltage Lockout
Threshold
Rising edge, 200mV hysteresis (typ)
4.1
4.35
4.6
V
VCC Quiescent Supply Current
ICC
EN1 = EN2 = VCC
0.5
1
mA
VCC Shutdown Supply Current
EN1 = EN2 = GND
0.1
5
µA
REFIN to OUT Offset Voltage
VOUT_-5
+5
mV
OUT_ Input Bias Current
IOUT_-1
+1
µA
DRIVERS
Output high; VOUT_ = VREFIN_ - 25mV,
ILOAD = 1mA
VCC -
0.3
VCC -
0.05
DRV_ Output Voltage Swing
(Note 1)
Output low; VOUT_ = VREFIN_ + 25mV,
ILOAD = 1mA
0.03
0.3
V
DRV_ Maximum Sourcing Current
VOUT_ = VREFIN_ - 25mV; VDRV = 3V
6
14
mA
DRV_ Maximum Sinking Current
VOUT_ = VREFIN_ + 25mV; VDRV = 3V
6
14
mA
OUT_ to DRV_ Transconductance
(Large Signal)
GMDRV
0.8
S
DRV_ Power-Supply Rejection
Ratio
10Hz < f < 10kHz, IDRV = 1mA, CDRV =
10nF
-80
dB
DRV_ Soft-Start Charging Current
ISOFT
40
170
400
µA
REFERENCE INPUT
REFIN_ Voltage Range
VREFIN_
VCC = 4.75V to 5.5V
0.5
2.5
V
REFIN_ Input Bias Current
IREFIN_VREFIN_ = 0 to 2.5V
-100
-10
+100
nA
FAULT PROTECTION
Thermal Shutdown Threshold
TSHDN
Hysteresis = 20°C
+125
°C
TA = 0°C to +85°C
7
10
13
Current-Limit Threshold
VILIM
VCS_ - VOUT_
TA = +85°C
7.5
10
12.5
mV
CS_ Input Current
-1
+1
µA
Linear Regulator UVP Threshold
(Slow)
UVP(SLOW) With respect to VREFIN; CS_ = VCC
72
80
88
%


Similar Part No. - MAX8737

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX873 MAXIM-MAX873 Datasheet
298Kb / 8P
   Low-Power, Low-Drift, 2.5V/5V/10V Precision Voltage References
Rev 1; 10/92
MAX873 MAXIM-MAX873 Datasheet
384Kb / 12P
   Low-Power, Low-Drift, 2.5V/5V/10V Precision Voltage References
Rev 3; 6/07
MAX873-MAX876 MAXIM-MAX873-MAX876 Datasheet
298Kb / 8P
   Low-Power, Low-Drift, 2.5V/5V/10V Precision Voltage References
Rev 1; 10/92
MAX8730 MAXIM-MAX8730 Datasheet
883Kb / 29P
   Low-Cost Battery Charger
Rev 0; 12/05
MAX8730ETI++ MAXIM-MAX8730ETI+ Datasheet
883Kb / 29P
   Low-Cost Battery Charger
Rev 0; 12/05
More results

Similar Description - MAX8737

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3171 AD-ADP3171 Datasheet
310Kb / 12P
   Synchronous Buck Controller with Dual Linear Regulator Controllers
REV. 0
logo
Maxim Integrated Produc...
MAX8704 MAXIM-MAX8704 Datasheet
787Kb / 13P
   High-Current, Low-Voltage Linear Regulator with Power-Limited, External MOSFET
Rev 0; 9/04
logo
Analog Devices
ADM1051A AD-ADM1051A_15 Datasheet
182Kb / 10P
   Precision Dual Voltage Regulator Controllers
REV. 0
ADM1051 AD-ADM1051_15 Datasheet
182Kb / 10P
   Precision Dual Voltage Regulator Controllers
REV. 0
logo
RICOH electronics devic...
RN5RF RICOH-RN5RF Datasheet
134Kb / 12P
   LOW RIPPLE VOLTAGE REGULATOR WITH EXTERNAL TRANSISTOR
logo
Analog Devices
ADM1051 AD-ADM1051 Datasheet
176Kb / 10P
   Precision Dual Voltage Regulator Controllers
REV. 0
logo
Richtek Technology Corp...
RT9174 RICHTEK-RT9174_07 Datasheet
106Kb / 7P
   Triple Linear Regulator Controllers
RT9174 RICHTEK-RT9174_11 Datasheet
115Kb / 7P
   Triple Linear Regulator Controllers
RT9174 RICHTEK-RT9174 Datasheet
170Kb / 8P
   Triple Linear Regulator Controllers
logo
Maxim Integrated Produc...
MAX1982 MAXIM-MAX1982_08 Datasheet
236Kb / 13P
   Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
Rev 1; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com