Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S9-X13AXXX Datasheet(PDF) 2 Page - Nel Frequency Controls,inc

Part # S9-X13AXXX
Description  CMOS HF CLOCK (XO)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

S9-X13AXXX Datasheet(HTML) 2 Page - Nel Frequency Controls,inc

  S9-X13AXXX Datasheet HTML 1Page - Nel Frequency Controls,inc S9-X13AXXX Datasheet HTML 2Page - Nel Frequency Controls,inc S9-X13AXXX Datasheet HTML 3Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
S9-X13AXXX Series
Continued
CMOS HF CLOCK (XO)
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Operating Temperature Range
To
-40 to +85
°C
Storage Temperature Range
Tst
-50 to +90
°C
Supply Voltage
Vcc
-0.5 to 4.5
V
Enable/Disable Voltage
Ven/dis
0 to Vcc
V
Electrical Parameters
Parameter
Sym
Conditions
MIN
TYP
MAX
Unit
Nominal Frequency
Fo
125
220
MHz
Supply Voltage
Vcc
Code A
Code B
3.135
2.375
3.3
2.5
3.465
2.625
V
Supply Current
Icc
6
80
mA
Load
At receiving end between
the output
90
100
110
Ohm
Output Levels
Vod
Differential amplitude
247
330
454
mV
Amplitude error
50
mV
Vof
Offset Voltage
1.125
1.25
1.375
V
Offset voltage error
50
mV
Duty Cycle (Symmetry)
At outputs crossing, room
temperature
45/55
50/50
55/45
%
Rise/Fall Time
Tr/Tf
20 to 80, 80 to 20%
0.35
0.4
ns
Jitter, Integrated
J
Integrated from Phase
Noise, 12KHz to 20MHz,
RMS
0.2
ps
Jitter, Wavecrest
characterized
Random , period
2.5
ps
Accuml, pk to pk
25
ps
Deterministic
3
6
ps
Sub-harmonics
<400 M
>400 M
-50
-45
dBc
Phase Noise
£(
ªf)
@10 Hz
@100 Hz
@1 KHz
@10KHz
@100KHz
@>1mHz
-65
-95
-125
-140
-145
-148
dBc/Hz
Frequency Stability
ªF/F
Overall, including inital
calibratgion, temperature,
aging 10 years, shock and
vibration
See “Creating a Part Number”,
Not all combinations available,
consult factory
ppm
Enable High Option
Pin 1 Disabled
Pin 1 Enabled
CMOS Logic “0"
CMOS Logic “1"
0
0.7Vcc
0.3Vcc
Vcc
V
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com www.nelfc.com
Rev. -
CRYSTAL CLOCK OSCILLATORS
Data Sheet 0631C


Similar Part No. - S9-X13AXXX

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
S9-X13AXXX-X NEL-S9-X13AXXX-X Datasheet
148Kb / 3P
   CMOS HF CLOCK (XO)
More results

Similar Description - S9-X13AXXX

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
S9-X13AXXX-X NEL-S9-X13AXXX-X Datasheet
148Kb / 3P
   CMOS HF CLOCK (XO)
AA-X2D6XXX-X NEL-AA-X2D6XXX-X Datasheet
152Kb / 3P
   LVDS HF/UHF CLOCK (XO)
AA-X29LXXX NEL-AA-X29LXXX Datasheet
207Kb / 3P
   LVPECL HF/UHF CLOCK (XO)
AA-A2D6XXX NEL-AA-A2D6XXX Datasheet
208Kb / 3P
   LVDS HF/UHF CLOCK (XO)
AA-X29LXXX-X NEL-AA-X29LXXX-X Datasheet
151Kb / 3P
   LVPECL HF/UHF CLOCK (XO)
AA-XEXX NEL-AA-XEXX Datasheet
206Kb / 3P
   HCSL COMPATIBLE HF/UHF CLOCK (XO)
AA-XEXX-X NEL-AA-XEXX-X Datasheet
151Kb / 3P
   HCSL COMPATIBLE HF/UHF CLOCK (XO)
AA-X1EXX-X NEL-AA-X1EXX-X Datasheet
162Kb / 3P
   HCSL COMPATIBLE HF/UHF CLOCK (XO)
SU-X1EXX-X NEL-SU-X1EXX-X Datasheet
149Kb / 3P
   HCSL COMPATIBLE HF/UHF CLOCK (XO)
AE-X0A6XX-X NEL-AE-X0A6XX-X Datasheet
223Kb / 5P
   SINEWAVE HF XO
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com