Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD101CW-GS08 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SD101CW-GS08
Description  Small Signal Schottky Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD101CW-GS08 Datasheet(HTML) 3 Page - Vishay Siliconix

  SD101CW-GS08 Datasheet HTML 1Page - Vishay Siliconix SD101CW-GS08 Datasheet HTML 2Page - Vishay Siliconix SD101CW-GS08 Datasheet HTML 3Page - Vishay Siliconix SD101CW-GS08 Datasheet HTML 4Page - Vishay Siliconix SD101CW-GS08 Datasheet HTML 5Page - Vishay Siliconix SD101CW-GS08 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SD101AW / 101BW / 101CW
Document Number 85679
Rev. 1.4, 16-Dec-05
Vishay Semiconductors
www.vishay.com
3
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Figure 1. Typical Variation of Forward Current vs. Forward Voltage
Figure 2. Typical Forward Conduction Curve
Figure 3. Typical Variation of Reverse Current at Various
Temperatures
0.01
0.1
1
10
0
0.4
0.6
0.8
1.0
0.2
A
B
C
VF - Forward Voltage(V)
18477
A
B
C
0
0.4
0.6
0.8
1.0
0.2
60
20
80
40
0
100
VF - Forward Voltage(V)
18478
100
10
1
0.1
0.01
10
20
30
40
050
75
°C
50
°C
25
°C
150
°C
125
°C
100
°C
VR - Reverse Voltage(V)
18479
Figure 4. Typical Capacitance Curve as a Function of Reverse
Voltage
18480
10
20
30
40
0
0
1.0
1.2
1.4
1.6
1.8
2.0
0.6
0.8
0.2
0.4
50
Tj =25° C
C
B
A
VR - Reverse Voltage(V)


Similar Part No. - SD101CW-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD101CW-G VISHAY-SD101CW-G Datasheet
86Kb / 4P
   For general purpose applications
Rev. 1.0, 25-Feb-13
More results

Similar Description - SD101CW-GS08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TMMBAT47 STMICROELECTRONICS-TMMBAT47 Datasheet
63Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES
SD103A MCC-SD103A Datasheet
121Kb / 3P
   Small Signal Schottky Diodes
logo
STMicroelectronics
BAR18 STMICROELECTRONICS-BAR18 Datasheet
224Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
BAR42 STMICROELECTRONICS-BAR42 Datasheet
54Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
logo
Comchip Technology
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
   Small Signal Schottky Diodes
CDBH3-00340C-G COMCHIP-CDBH3-00340C-G Datasheet
67Kb / 2P
   Small Signal Schottky Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com