Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


ADA4410-6 Datasheet(PDF) 5 Page - Analog Devices

Part No. ADA4410-6
Description  Integrated Video Filter with Selectable Cutoff Frequencies for RGB, HD/SD Y, C, and CV
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

 
 5 page
background image
ADA4410-6
Rev. B | Page 5 of 16
VS = ±5 V, @ TA = 25°C, VO = 1.4 V p-p, G = ×2, RL = 150 Ω, unless otherwise noted.
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
OVERALL PERFORMANCE
Offset Error
Input referred, all channels except CV
14
33.5
mV
Input referred, CV
15
42.5
mV
Max Voltage Across LEVEL1 and LEVEL2 Inputs
±500
mV
Input Voltage Range, All Inputs
VS− − 0.1
VS+ − 2.0
V
Output Voltage Swing, All Outputs
Positive swing
VS+ − 0.35
VS+ − 0.25
V
Negative swing
VS− + 0.3
VS− + 0.5
V
Linear Output Current per Channel
30
mA
Integrated Voltage Noise, Referred to Input
All channels except CV
500
μVrms
Filter Input Bias Current
All channels
6.3
15
μA
Total Harmonic Distortion at 1 MHz
FC = 36 MHz, FC = 18 MHz/FC = 9 MHz
0.01/0.07
%
RGB/YPbPr CHANNEL DYNAMIC PERFORMANCE
−1 dB Bandwidth
Cutoff frequency select = 36 MHz
29
MHz
Cutoff frequency select = 18 MHz
15
MHz
Cutoff frequency select = 9 MHz
8
MHz
−3 dB Bandwidth
Cutoff frequency select = 36 MHz
33.0
35.5
MHz
Cutoff frequency select = 18 MHz
16.5
18
MHz
Cutoff frequency select = 9 MHz
8
9.5
MHz
Out-of-Band Rejection
f = 75 MHz
−33
−41.5
dB
Crosstalk
f = 5 MHz, FC = 36 MHz
−68
dB
Input Mux Isolation
f = 1 MHz, RSOURCE = 300 Ω
86
dB
Propagation Delay
f = 5 MHz, FC = 36 MHz
21
ns
Group Delay Variation
Cutoff frequency select = 36 MHz
7.5
ns
Cutoff frequency select = 18 MHz
14
ns
Cutoff frequency select = 9 MHz
26
ns
Y/C SD CHANNEL DYNAMIC PERFORMANCE
−1 dB Bandwidth
7.5
MHz
−3 dB Bandwidth
8
9
MHz
Out-of-Band Rejection
f = 27 MHz
−57
dB
Propagation Delay
f = 1 MHz
64
ns
Group Delay Variation
26
ns
Crosstalk
f = 1 MHz
−72
dB
Input Mux Isolation
f = 1 MHz, RSOURCE = 75 Ω
77
dB
Y/C, CV OUTPUT VIDEO PERFORMANCE
Differential Gain
NTSC
0.11
%
Differential Phase
NTSC
0.25
Degrees
CONTROL INPUT PERFORMANCE
Input Logic 0 Voltage
All inputs except DISABLE
0.8
V
Input Logic 1 Voltage
All inputs except DISABLE
2.0
V
Input Bias Current
All inputs except DISABLE
7
15
μA
DISABLE PERFORMANCE
DISABLE Assert Voltage
VS+ − 0.5
V
DISABLE Assert Time
75
ns
DISABLE Deassert Time
125
ns
DISABLE Input Bias Current
35
45
μA
Input-to-Output Isolation—Disabled
100
dB




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FMS6417Selectable RGB YUV HD/SD Video Filter Driver with Y C Composite and Modulator Outputs 1 2 3 4 5 MoreFairchild Semiconductor
FMS6417ASelectable RGB YUV HD/SD Video Filter Driver with Y C Composite and Modulator Outputs 1 2 3 4 5 MoreFairchild Semiconductor
FMS6403Triple Video Drivers w/Selectable HD/Progressive/SD/ Bypass Filters for RGB and YPbPr Signals 1 Fairchild Semiconductor
FMS6418ATriple Video Driver with Selectable HD/SD Video Filters for RGB or YUV Signals 1 2 3 4 5 MoreFairchild Semiconductor
FMS6418BTriple Video Driver with Selectable HD/SD Video Filters for RGB YUV or YPbPr Signals 1 2 3 4 5 MoreFairchild Semiconductor
FMS6419Selectable RGB YUV HD/SD Video Filter Driver with Y C Composite Outputs 1 2 3 4 5 MoreFairchild Semiconductor
SAA7327Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II 1 2 3 4 5 MoreNXP Semiconductors
MAX74464-Channel Video Filter for RGB and CVBS Video 1 2 3 4 5 MoreMaxim Integrated Products
FMS6366Selectable YPbPr HD/SD 4:2:2 Video Filter Driver with Y C and Composite Outputs 1 2 3 4 5 MoreFairchild Semiconductor
FMS6408Triple Video Filter Driver for RGB and YUV Signals 1 2 3 4 5 MoreFairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl