Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OD-A8JS28DS Datasheet(PDF) 2 Page - Nel Frequency Controls,inc

Part # OD-A8JS28DS
Description  Precision, Low Power Consumption, Fast Warm-up SC-cut OCXO in 20x20 mm Through Hole Package
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

OD-A8JS28DS Datasheet(HTML) 2 Page - Nel Frequency Controls,inc

  OD-A8JS28DS Datasheet HTML 1Page - Nel Frequency Controls,inc OD-A8JS28DS Datasheet HTML 2Page - Nel Frequency Controls,inc OD-A8JS28DS Datasheet HTML 3Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CRYSTAL OSCILLATORS
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com
www.nelfc.com
Data Sheet 0635H
OD-X8JXXXXX Series
Parameter
Symb
Condition
Min
Typ
Max
Unit
Note
Absolute Maximum Ratings
Input Break
Down Voltage
Vcc
-0.5
5.5
V
Storage temper.
Ts
-40
85
°C
Control Voltage
Vc
-1
7
V
Electrical
Frequency
F
8
10.000
160
MHz
1*
vs. Temp.
±50
ppb
See chart below
Frequency stability
∆F/F
vs. Supply
1
2
ppb/V
Aging
per day
per year
5E-10
1E-7
after 30 days
5E-8 available2*
Allan Variance
.1s to 10s
1E-11
SSB Phase Noise
1Hz
10 Hz
100 Hz
1 KHz
10 KHz
-90
-120
-150
-153
-160
dBc/Hz
3*
Retrace
After 30 minutes
±10
ppb
G-sensitivity
worst direction
±1.0
ppb/G
Input Voltage
Vcc
4.75
3.15
5.0
3.3
5.25
3.45
V
See chart below to specify
Power consumption
P
steady state, 25°C
steady state, -30°C
start-up @ -30°C
0.125
0.35
0.5
0.15
0.7
W
Standard Operating
Temperature, for Op
Temp. 85 °C ad 20%
Spectral Purity
Subharmonics
Spurious
Harmonics/Sine
-50
-35
-45
-80
-30
dBc
At Higher Frequencies
Load
10KOhm//15pF (HCMOS/TTL), 50 Ohm (Sinewave)
Warm-up time
τ
to 0.1ppm accuracy
30
45
s
Output Waveform
3.3V HCMOS/TTL compatible or Sinewave (+7± 3) dBm
Control voltage
Vc
0
Vref
V
Pull range
from nominal F
±0.5
±1
ppm
Deviation slope
Monotonic, posit
0.4
ppm/V
Setability
Vc0
@25°C, Fnom.
Vref/2-1 Vref/2 Vref/2+1
V
Environmental and Mechanical
Operating temp. range
-30°C to 70°C Standard, Other options – see chart below
Mechanical Shock
Per MIL-STD-202, 30G, 11ms
Vibration
Per MIL-STD-202, 5G to 2000 Hz
Soldering Conditions
260°C for 10s Max leads only
Electrical Connections
Pin Out
Pin #1-Vc ; Pin#2 – Vref; Pin #3 – Vcc; Pin #4- Output ; Pin #5- GND;
Notes:
1* Higher frequencies can be achieved either by using higher frequency crystals or by low noise analog harmonic
multiplication. Both methods have advantages and drawbacks. If lowest possible phase noise on the noise floor is most important
– high frequency crystal will be used. If phase noise close to the carrier and aging are more important – multiplication will be
used. Please consult factory for your specific requirement.
2* Aging rate is usually proportional to the operating frequency, unless higher frequency is achieved by multiplication.
Keep it in mind while specifying aging.
3* Phase noise deteriorates with frequencies going higher. If analog multiplication is used to achieve higher frequency
the phase noise roughly follows the formula of additional 20LogN, where N is a multiplication factor across entire frequency
offset range. If higher frequency is achieved by using higher frequency crystal phase noise close to the carrier deteriorates due to
the lower Q of the crystal and is usually worse, compared to multiplied solution. On the noise floor, however it remains more or
less the same. This design usually starts utilizing multiplication techniques in the range of 25 MHz to 35 MHz.


Similar Part No. - OD-A8JS28DS

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
OD-A8HS17AL NEL-OD-A8HS17AL Datasheet
38Kb / 3P
   Precision SC-cut OCXO in 20x20 mm Through Hole Package
OD-A8HS17AP NEL-OD-A8HS17AP Datasheet
38Kb / 3P
   Precision SC-cut OCXO in 20x20 mm Through Hole Package
OD-A8HS17AS NEL-OD-A8HS17AS Datasheet
38Kb / 3P
   Precision SC-cut OCXO in 20x20 mm Through Hole Package
OD-A8HS17BL NEL-OD-A8HS17BL Datasheet
38Kb / 3P
   Precision SC-cut OCXO in 20x20 mm Through Hole Package
OD-A8HS17BP NEL-OD-A8HS17BP Datasheet
38Kb / 3P
   Precision SC-cut OCXO in 20x20 mm Through Hole Package
More results

Similar Description - OD-A8JS28DS

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
OD-X8HXXXXX NEL-OD-X8HXXXXX Datasheet
38Kb / 3P
   Precision SC-cut OCXO in 20x20 mm Through Hole Package
OGX8HXXXXX NEL-OGX8HXXXXX Datasheet
44Kb / 3P
   Precision SC-cut OCXO in 1?쓝1??Through Hole Package
logo
Vectron International, ...
C4600 VECTRON-C4600 Datasheet
146Kb / 4P
   OCXO Standard Package Low Aging AT-Cut and SC-Cut Crystal Options Fast Warm-up
logo
Nel Frequency Controls,...
OF-X8HXXXXX NEL-OF-X8HXXXXX Datasheet
87Kb / 3P
   Precision SC-cut OCXO in 25x22 mm Low Profile SMD Package
OE-X8HXXXXX NEL-OE-X8HXXXXX Datasheet
40Kb / 3P
   Precision SC-cut OCXO in 36x27 mm ?쏣uropack?
logo
List of Unclassifed Man...
HCD665 ETC-HCD665 Datasheet
69Kb / 1P
   12V OCXO FAST WARM UP
logo
Golledge Electronics Lt...
HCD666 GOLLEDGE-HCD666 Datasheet
65Kb / 1P
   OCXO HCMOS Output - Fast Warm Up
HCD665 GOLLEDGE-HCD665 Datasheet
66Kb / 1P
   OCXO Sine Output - Fast Warm Up
logo
Vectron International, ...
C4400 VECTRON-C4400 Datasheet
239Kb / 5P
   OCXO 4-Pin Dip Surface Mount Package Optional Fast Warm-up
C4500 VECTRON-C4500 Datasheet
233Kb / 5P
   OCXO Surface Mount Package Optional AT-Cut and SC-Cut Crystal Options
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com