Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP401AIDGKR Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # TMP401AIDGKR
Description  1C Programmable, Remote/Local, Digital Out TEMPERATURE SENSOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TMP401AIDGKR Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button TMP401AIDGKR Datasheet HTML 2Page - Burr-Brown (TI) TMP401AIDGKR Datasheet HTML 3Page - Burr-Brown (TI) TMP401AIDGKR Datasheet HTML 4Page - Burr-Brown (TI) TMP401AIDGKR Datasheet HTML 5Page - Burr-Brown (TI) TMP401AIDGKR Datasheet HTML 6Page - Burr-Brown (TI) TMP401AIDGKR Datasheet HTML 7Page - Burr-Brown (TI) TMP401AIDGKR Datasheet HTML 8Page - Burr-Brown (TI) TMP401AIDGKR Datasheet HTML 9Page - Burr-Brown (TI) TMP401AIDGKR Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
TMP401
SBOS371 − AUGUST 2006
www.ti.com
6
APPLICATIONS INFORMATION
The TMP401 is a dual-channel digital temperature sensor
that combines a local die temperature measurement
channel and a remote junction temperature measurement
channel in a single MSOP-8 package. The TMP401 is
Two-Wire- and SMBus interface-compatible and is
specified over a temperature range of −40
°C to +125°C.
The TMP401 contains multiple registers for holding
configuration information, temperature measurement
results, temperature comparator limits, and status
information.
User-programmed high and low temperature limits stored
in the TMP401 can be used to monitor local and remote
temperatures to trigger an over/under temperature alarm
(ALERT). Additional thermal limits can be programmed
into the TMP401 and used to trigger another flag (THERM)
that can be used to initiate a system response to rising
temperatures.
The TMP401 requires only a transistor connected
between D+ and D− for proper remote temperature
sensing operation. The SCL and SDA interface pins
require pull-up resistors as part of the communication bus,
while ALERT and THERM are open-drain outputs that also
need pull-up resistors. ALERT and THERM may be shared
with
other
devices
if
desired
for
a
wired-OR
implementation. A 0.1
µF power-supply bypass capacitor
is recommended for good local bypassing. Figure 11
shows a typical configuration for the TMP401.
0.1
µF
10k
(typ)
10k
(typ)
10k
(typ)
10k
(typ)
TMP401
D+
D
V+
1
8
7
6
4
5
3
2
R
S
(2)
R
S
(2)
C
DIFF
(3)
C
DIFF
(3)
R
S
(2)
R
S
(2)
GND
SCL
SDA
ALERT/THERM2
THERM
+5V
SMBus
Controller
Fan Controller
Diode−connected configuration(1):
Series Resistance
Transistor−connected configuration(1):
(1) Transistor−connected configuration provides better settling time.
Diode−connected configuration provides better series resistance cancellation.
(2) R
S should be < 1.5kΩ in most applications.
(3) C
DIFF should be < 1000pF in most applications.
NOTES:
Figure 11. Basic Connections


Similar Part No. - TMP401AIDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP401 TI1-TMP401_15 Datasheet
992Kb / 41P
[Old version datasheet]   TMP401 짹1째C Programmable, Remote and Local, Digital Out Temperature Sensor
More results

Similar Description - TMP401AIDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP401 TI1-TMP401_15 Datasheet
992Kb / 41P
[Old version datasheet]   TMP401 짹1째C Programmable, Remote and Local, Digital Out Temperature Sensor
logo
uPI Group Inc.
US5004 UPI-US5004 Datasheet
876Kb / 15P
   Digital Remote and Local Temperature Sensor
logo
Analog Devices
ADM1032 AD-ADM1032 Datasheet
167Kb / 12P
   -1C Remote and Local System Temperature Monitor
REV. 0
logo
Maxim Integrated Produc...
MAX6627 MAXIM-MAX6627_11 Datasheet
262Kb / 9P
   Remote 1C Accurate Digital Temperature Remote 짹1째C Accurate Digital Temperature
Rev 5; 6/11
logo
Texas Instruments
TMP461-SP TI1-TMP461-SP Datasheet
115Kb / 5P
[Old version datasheet]   Radiation Hardened Remote and Local Digital Temperature Sensor
TMP461-SP TI1-TMP461-SP_18 Datasheet
528Kb / 34P
[Old version datasheet]   Radiation Hardened Remote and Local Digital Temperature Sensor
TMP421-Q1 TI1-TMP421-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Remote and Local Temperature Sensor
logo
Maxim Integrated Produc...
MAX1668 MAXIM-MAX1668_00 Datasheet
224Kb / 16P
   Multichannel Remote/Local Temperature Sensor
Rev 0; 8/00
logo
Texas Instruments
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
TMP421 TI1-TMP421_12 Datasheet
904Kb / 34P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com