Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP401AIDGKR Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # TMP401AIDGKR
Description  1C Programmable, Remote/Local, Digital Out TEMPERATURE SENSOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TMP401AIDGKR Datasheet(HTML) 3 Page - Burr-Brown (TI)

  TMP401AIDGKR Datasheet HTML 1Page - Burr-Brown (TI) TMP401AIDGKR Datasheet HTML 2Page - Burr-Brown (TI) TMP401AIDGKR Datasheet HTML 3Page - Burr-Brown (TI) TMP401AIDGKR Datasheet HTML 4Page - Burr-Brown (TI) TMP401AIDGKR Datasheet HTML 5Page - Burr-Brown (TI) TMP401AIDGKR Datasheet HTML 6Page - Burr-Brown (TI) TMP401AIDGKR Datasheet HTML 7Page - Burr-Brown (TI) TMP401AIDGKR Datasheet HTML 8Page - Burr-Brown (TI) TMP401AIDGKR Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
TMP401
SBOS371 − AUGUST 2006
www.ti.com
3
ELECTRICAL CHARACTERISTICS: VS = 3V to 5.5V
At TA = −40°C to +125°C, and VS = 3V to 5.5V, unless otherwise noted.
TMP401
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
TEMPERATURE ERROR
Local Temperature Sensor
TELOCAL
TA = −40°C to +125°C
±1
±3
°C
Remote Temperature Sensor(1)
TEREMOTE
TA = +15°C to +75°C, TD = −40°C to +150°C, VS = 3.3V
±1
°C
TA = −40°C to +100°C, TD = −40°C to +150°C, VS = 3.3V
±3
°C
TA = −40°C to +125°C, TD = −40°C to +150°C, VS = 3.3V
±5
°C
vs Supply
Local/Remote
VS = 3V to 5.5V
±0.2
±0.5
°C/V
TEMPERATURE MEASUREMENT
Conversion Time (per channel)
One Shot Mode
115
ms
Resolution
Local Temperature Sensor (programmable)
9
12
Bits
Remote Temperature Sensor
12
Bits
Remote Sensor Source Currents
High
Series Resistance 3k
Ω Max
120
µA
Medium High
60
µA
Medium Low
12
µA
Low
6
µA
Remote Transistor Ideality Factor
η
TMP401 Optimized Ideality Factor
1.008
SMBus INTERFACE
Logic Input High Voltage (SCL, SDA)
VIH
2.1
V
Logic Input Low Voltage (SCL, SDA)
VIL
0.8
V
Hysteresis
500
mV
SMBus Output Low Sink Current
6
mA
Logic Input Current
−1
+1
µA
SMBus Input Capacitance (SCL, SDA)
3
pF
SMBus Clock Frequency
3.4
MHz
SMBus Timeout
30
35
ms
SCL Falling Edge to SDA Valid Time
1
µs
DIGITAL OUTPUTS
Output Low Voltage
VOL
IOUT = 6mA
0.15
0.4
V
High-Level Output Leakage Current
IOH
VOUT = VS
0.1
1
µA
ALERT/THERM2 Output Low Sink Current
ALERT/THERM2 Forced to 0.4V
6
mA
THERM Output Low Sink Current
THERM Forced to 0.4V
6
mA
POWER SUPPLY
Specified Voltage Range
VS
3
5.5
V
Quiescent Current
IQ
0.0625 Conversions per Second
25
30
µA
8 Conversions per Second
350
425
µA
Serial Bus Inactive, Shutdown Mode
3
10
µA
Serial Bus Active, fS = 400kHz, Shutdown Mode
90
µA
Serial Bus Active, fS = 3.4MHz, Shutdown Mode
350
µA
Power-On Reset Threshold
POR
1.6
2.5
V
TEMPERATURE RANGE
Specified Range
−40
+125
°C
Storage Range
−60
+130
°C
Thermal Resistance
qJA
MSOP-8
150
°C/W
(1) Tested with less than 5Ω effective series resistance and 100pF differential input capacitance.


Similar Part No. - TMP401AIDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP401 TI1-TMP401_15 Datasheet
992Kb / 41P
[Old version datasheet]   TMP401 짹1째C Programmable, Remote and Local, Digital Out Temperature Sensor
More results

Similar Description - TMP401AIDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP401 TI1-TMP401_15 Datasheet
992Kb / 41P
[Old version datasheet]   TMP401 짹1째C Programmable, Remote and Local, Digital Out Temperature Sensor
logo
uPI Group Inc.
US5004 UPI-US5004 Datasheet
876Kb / 15P
   Digital Remote and Local Temperature Sensor
logo
Analog Devices
ADM1032 AD-ADM1032 Datasheet
167Kb / 12P
   -1C Remote and Local System Temperature Monitor
REV. 0
logo
Maxim Integrated Produc...
MAX6627 MAXIM-MAX6627_11 Datasheet
262Kb / 9P
   Remote 1C Accurate Digital Temperature Remote 짹1째C Accurate Digital Temperature
Rev 5; 6/11
logo
Texas Instruments
TMP461-SP TI1-TMP461-SP Datasheet
115Kb / 5P
[Old version datasheet]   Radiation Hardened Remote and Local Digital Temperature Sensor
TMP461-SP TI1-TMP461-SP_18 Datasheet
528Kb / 34P
[Old version datasheet]   Radiation Hardened Remote and Local Digital Temperature Sensor
TMP421-Q1 TI1-TMP421-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Remote and Local Temperature Sensor
logo
Maxim Integrated Produc...
MAX1668 MAXIM-MAX1668_00 Datasheet
224Kb / 16P
   Multichannel Remote/Local Temperature Sensor
Rev 0; 8/00
logo
Texas Instruments
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
TMP421 TI1-TMP421_12 Datasheet
904Kb / 34P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com