Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT71V428S15YYYGI Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT71V428S15YYYGI
Description  3.3V CMOS Static RAM 4 Meg (1M x 4-Bit)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V428S15YYYGI Datasheet(HTML) 7 Page - Integrated Device Technology

  IDT71V428S15YYYGI Datasheet HTML 1Page - Integrated Device Technology IDT71V428S15YYYGI Datasheet HTML 2Page - Integrated Device Technology IDT71V428S15YYYGI Datasheet HTML 3Page - Integrated Device Technology IDT71V428S15YYYGI Datasheet HTML 4Page - Integrated Device Technology IDT71V428S15YYYGI Datasheet HTML 5Page - Integrated Device Technology IDT71V428S15YYYGI Datasheet HTML 6Page - Integrated Device Technology IDT71V428S15YYYGI Datasheet HTML 7Page - Integrated Device Technology IDT71V428S15YYYGI Datasheet HTML 8Page - Integrated Device Technology IDT71V428S15YYYGI Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
6.42
7
IDT71V428S, IDT71V428L, 3.3V CMOS Static RAM
4 Meg (1M x 4-Bit)
Commercial and Industrial Temperature Ranges
Timing Waveform of Write Cycle No.1 (WE Controlled Timing)(1,2,4)
NOTES:
1. A write occurs during the overlap of a LOW
CS and a LOW WE.
2.
OE is continuously HIGH. If during a WE controlled write cycle OE is LOW, tWP must be greater than or equal to tWHZ + tDW to allow the I/O drivers to turn off and data to
be placed on the bus for the required tDW. If
OE is HIGH during a WE controlled write cycle, this requirement does not apply and the minimum write pulse is as short as
the specified tWP.
3. During this period, I/O pins are in the output state, and input signals must not be applied.
4. If the
CS LOW transition occurs simultaneously with or after the WE LOW transition, the outputs remain in a high-impedance state.
5. Transition is measured ±200mV from steady state.
Timing Waveform of Write Cycle No.2 (CS Controlled Timing)(1,4)
ADDRESS
CS
WE
DATAOUT
DATAIN
3623 drw 08
(5)
(3)
(3)
(2)
(5)
(5)
DATAIN VALID
HIGH IMPEDANCE
tWC
tAS
tWHZ
tWP
tCHZ
tOW
tDW
tDH
tWR
tAW
CS
ADDRESS
WE
3623 drw 09
DATAIN VALID
tAW
tWC
tCW
tAS
tWR
tDW
tDH
DATAIN


Similar Part No. - IDT71V428S15YYYGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V428S15Y IDT-IDT71V428S15Y Datasheet
19Kb / 9P
   3.3V CMOS STATIC RAM 4 MEG (1M x 4-BIT)
More results

Similar Description - IDT71V428S15YYYGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V428 IDT-IDT71V428 Datasheet
19Kb / 9P
   3.3V CMOS STATIC RAM 4 MEG (1M x 4-BIT)
IDT71V424 IDT-IDT71V424 Datasheet
19Kb / 9P
   3.3V CMOS STATIC RAM 4 MEG (512K x 8-BIT)
IDT71V416VS IDT-IDT71V416VS Datasheet
95Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
71V424S15YGI IDT-71V424S15YGI Datasheet
128Kb / 9P
   3.3V CMOS Static RAM 4 Meg (512K x 8-Bit)
logo
Renesas Technology Corp
71V424 RENESAS-71V424 Datasheet
189Kb / 11P
   3.3V CMOS Static RAM 4 Meg (512K x 8-Bit)
May.04.21
logo
Integrated Device Techn...
IDT71V416YS IDT-IDT71V416YS Datasheet
84Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V416S15PHI IDT-IDT71V416S15PHI Datasheet
107Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V416 IDT-IDT71V416 Datasheet
29Kb / 2P
   3.3V CMOS STATIC RAM 4 MEG (256K x 16-BIT)
IDT71V416S IDT-IDT71V416S Datasheet
90Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
71V416S15PHG IDT-71V416S15PHG Datasheet
109Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com