Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRHNJ597230 Datasheet(PDF) 3 Page - International Rectifier

Part # IRHNJ597230
Description  RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHNJ597230 Datasheet(HTML) 3 Page - International Rectifier

  IRHNJ597230 Datasheet HTML 1Page - International Rectifier IRHNJ597230 Datasheet HTML 2Page - International Rectifier IRHNJ597230 Datasheet HTML 3Page - International Rectifier IRHNJ597230 Datasheet HTML 4Page - International Rectifier IRHNJ597230 Datasheet HTML 5Page - International Rectifier IRHNJ597230 Datasheet HTML 6Page - International Rectifier IRHNJ597230 Datasheet HTML 7Page - International Rectifier IRHNJ597230 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.irf.com
3
Pre-Irradiation
IRHNJ597230
Table 1. Electrical Characteristics @ Tj = 25°C, Post Total Dose Irradiation ➄➅
Parameter
100K Rads(Si)1
300KRads(Si)2
Units
Test Conditions
Min
Max
Min
Max
BVDSS
Drain-to-Source Breakdown Voltage
-200
-200
V
VGS = 0V, ID = -1.0mA
VGS(th)
Gate Threshold Voltage
-2.0
-4.0
-2.0
-5.0
VGS = VDS, ID = -1.0mA
IGSS
Gate-to-Source Leakage Forward
-100
-100
nA
VGS =-20V
IGSS
Gate-to-Source Leakage Reverse
100
100
VGS = 20 V
IDSS
Zero Gate Voltage Drain Current
-10
-10
µA
VDS=-160V, VGS =0V
RDS(on)
Static Drain-to-Source
0.505
0.505
VGS = -12V, ID =-5.0A
On-State Resistance (TO-3)
RDS(on)
Static Drain-to-Source
0.505
0.505
VGS = -12V, ID =-5.0A
On-State Resistance (SMD-0.5)
International Rectifier Radiation Hardened MOSFETs are tested to verify their radiation hardness capability.
The hardness assurance program at International Rectifier is comprised of two radiation environments.
Every manufacturing lot is tested for total ionizing dose (per notes 5 and 6) using the TO-3 package. Both
pre- and post-irradiation performance are tested and specified using the same drive circuitry and test
conditions in order to provide a direct comparison.
Radiation Characteristics
1. Part number IRHNJ597230
2. Part number IRHNJ593230
Fig a. Single Event Effect, Safe Operating Area
VSD
Diode Forward Voltage
-5.5
-5.5
V
VGS = 0V, IS = -8.0A
International Rectifier radiation hardened MOSFETs have been characterized in heavy ion environment for
Single Event Effects (SEE). Single Event Effects characterization is illustrated in Fig. a and Table 2.
For footnotes refer to the last page
Table 2. Single Event Effect Safe Operating Area
Ion
LET
Energy
Range
VDS (V)
(MeV/(mg/cm2))
(MeV)
(µm) @VGS=0V @VGS=5V @VGS=10V @VGS=15V @VGS=20V
Br
37.3
285
36.8
- 200
- 200
- 200
- 200
-75
I
59.9
345
32.7
- 200
- 200
- 200
- 50
Au
82.3
357
28.5
- 200
- 200
- 200
- 35
-250
-200
-150
-100
-50
0
0
5
10
15
20
25
VGS
Br
I
Au


Similar Part No. - IRHNJ597230

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHNJ597230 IRF-IRHNJ597230 Datasheet
182Kb / 8P
   Simple Drive Requirements
IRHNJ597230 IRF-IRHNJ597230_15 Datasheet
182Kb / 8P
   Simple Drive Requirements
More results

Similar Description - IRHNJ597230

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHNJ57230 IRF-IRHNJ57230 Datasheet
127Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ57130 IRF-IRHNJ57130 Datasheet
130Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ7330SE IRF-IRHNJ7330SE Datasheet
114Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ67230 IRF-IRHNJ67230 Datasheet
144Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE-MOUNT (SMD-0.5)
IRHNJ7430SE IRF-IRHNJ7430SE Datasheet
122Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ597130 IRF-IRHNJ597130 Datasheet
122Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ57133SE IRF-IRHNJ57133SE Datasheet
178Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ57230SE IRF-IRHNJ57230SE Datasheet
125Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ9130 IRF-IRHNJ9130 Datasheet
126Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ67134 IRF-IRHNJ67134 Datasheet
193Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE-MOUNT (SMD-0.5)
IRHNJ7230 IRF-IRHNJ7230 Datasheet
129Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com