Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY62LF16804A-DMC Datasheet(PDF) 4 Page - Nel Frequency Controls,inc

Part # HY62LF16804A-DMC
Description  512Kx16bit full CMOS SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

HY62LF16804A-DMC Datasheet(HTML) 4 Page - Nel Frequency Controls,inc

  HY62LF16804A-DMC Datasheet HTML 1Page - Nel Frequency Controls,inc HY62LF16804A-DMC Datasheet HTML 2Page - Nel Frequency Controls,inc HY62LF16804A-DMC Datasheet HTML 3Page - Nel Frequency Controls,inc HY62LF16804A-DMC Datasheet HTML 4Page - Nel Frequency Controls,inc HY62LF16804A-DMC Datasheet HTML 5Page - Nel Frequency Controls,inc HY62LF16804A-DMC Datasheet HTML 6Page - Nel Frequency Controls,inc HY62LF16804A-DMC Datasheet HTML 7Page - Nel Frequency Controls,inc HY62LF16804A-DMC Datasheet HTML 8Page - Nel Frequency Controls,inc HY62LF16804A-DMC Datasheet HTML 9Page - Nel Frequency Controls,inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
HY62LF16804A Series
Rev.10 /Jan. 2002
3
RECOMMENDED DC OPERATING CONDITION
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vcc
Supply Voltage
2.3
2.5
2.7
V
Vss
Ground
0
0
0
V
VIH
Input High Voltage
2.0
-
Vcc+0.3
V
VIL
Input Low Voltage
-0.3(1)
-
0.6
V
Note : 1. VIL = -1.5V for pulse width less than 30ns
DC ELECTRICAL CHARACTERISTICS
Vcc = 2.3V~2.7V, TA = 0
°C to 70°C / -40°C to 85°C
Sym
Parameter
Test Condition
Min.
Typ
.
Max.
Unit
ILI
Input Leakage Current
Vss < VIN < Vcc
-1
-
1
uA
ILO
Output Leakage Current
Vss < VOUT < Vcc, /CS = VIH or
/
OE = VIH or /WE = VIL,
/
UB = /LB = VIH
-1
-
1
uA
Icc
Operating Power Supply
Current
/CS = VIL, VIN = VIH or VIL, II/O = 0mA
-
-
3
mA
Cycle Time=Min,100% duty,
II/O = 0mA, /CS = VIL,VIN = VIH or VIL
-
30
mA
Icc1
Average Operating
Current
Cycle time = 1us, 100% duty,
II/O = 0mA, /CS < 0.2V, VIN<0.2V
-
-
4
mA
ISB
TTLStandbyCurrent
(TTL Input)
/CS = VIH or /UB=/LB= VIH,
VIN = VIH or VIL
-
-
0.3
mA
SL
-
-
8
uA
ISB1
Standby Current
(CMOS Input)
/CS > Vcc - 0.2V or
/UB=/LB > Vcc-0.2V,
VIN > Vcc-0.2V or
VIN < Vss+0.2V
LL
-
1
25
uA
VOL
Output Low Voltage
IOL = 0.5mA
-
-
0.4
V
VOH
Output High Voltage
IOH = -0.5mA
2.0
-
-
V
Note :
1. Typical values are at Vcc = 2.5V, TA = 25
°C
2. Typical values are not 100% tested
CAPACITANCE
(Temp = 25
°C, f = 1.0MHz)
Symbol
Parameter
Condition
Max.
Unit
CIN
Input Capacitance(Add, /CS, /WE, /OE)
VIN = 0V
8
pF
COUT
Output Capacitance(I/O)
VI/O = 0V
10
pF
Note : These parameters are sampled and not 100% tested


Similar Part No. - HY62LF16804A-DMC

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62LF16804B HYNIX-HY62LF16804B Datasheet
307Kb / 10P
   512Kx16bit full CMOS SRAM
HY62LF16804B-C HYNIX-HY62LF16804B-C Datasheet
307Kb / 10P
   512Kx16bit full CMOS SRAM
HY62LF16804B-DFC HYNIX-HY62LF16804B-DFC Datasheet
307Kb / 10P
   512Kx16bit full CMOS SRAM
HY62LF16804B-DFI HYNIX-HY62LF16804B-DFI Datasheet
307Kb / 10P
   512Kx16bit full CMOS SRAM
HY62LF16804B-I HYNIX-HY62LF16804B-I Datasheet
307Kb / 10P
   512Kx16bit full CMOS SRAM
More results

Similar Description - HY62LF16804A-DMC

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62SF16806A HYNIX-HY62SF16806A Datasheet
208Kb / 11P
   512Kx16bit full CMOS SRAM
HY62UF16806B HYNIX-HY62UF16806B Datasheet
341Kb / 11P
   512Kx16bit full CMOS SRAM
HY62LF16806B HYNIX-HY62LF16806B Datasheet
324Kb / 11P
   512Kx16bit full CMOS SRAM
HY62LF16806A HYNIX-HY62LF16806A Datasheet
219Kb / 11P
   512Kx16bit full CMOS SRAM
HY62SF16804A HYNIX-HY62SF16804A Datasheet
202Kb / 10P
   512Kx16bit full CMOS SRAM
HY62UF16806A HYNIX-HY62UF16806A Datasheet
218Kb / 11P
   512Kx16bit full CMOS SRAM
HY62UF16800B HYNIX-HY62UF16800B Datasheet
340Kb / 11P
   512Kx16bit full CMOS SRAM
HY62UF16804A HYNIX-HY62UF16804A Datasheet
201Kb / 10P
   512Kx16bit full CMOS SRAM
HY62UF16804B HYNIX-HY62UF16804B Datasheet
197Kb / 10P
   512Kx16bit full CMOS SRAM
HY62SF16806B HYNIX-HY62SF16806B Datasheet
314Kb / 11P
   512Kx16bit full CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com