Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2322-BS0025-AQ0120 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 2322-BS0025-AQ0120
Description  Medium Duty Incremental Rotary Shaft Encoder
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

2322-BS0025-AQ0120 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  2322-BS0025-AQ0120 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2322-BS0025-AQ0120 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
18
Series 2000
Medium Duty Incremental Rotary Shaft Encoder
Mechanical
Shaft Speed
6000 RPM maximum
Shaft Direction
Bidirectional
Standard Shaft Sizes (Dia.)
.2497", .3747"
Shaft Extension(s)
0.80" with .50x.05" flat
Shaft Seals
Neoprene or PTFE Options
Mounting
Refer to dimensional drawings
Bearings
ABEC 5 Shielded
Radial Loading
30 lbs. Operating
Axial Loading
15 lbs. Operating
Accuracy
+0.1º of Shaft Rotation Typical
Housing
Black Anodized Aluminum
Weight
Standard: 14 oz., Sealed: 19 oz.
Connector
6 Pin MS3102 or 18" Cable Out
Electrical
Pulse Rate
10 kHz, up to 200 kHz
Outputs
NPN w/ pullup; NPN open collector; PNP sourcing
Line Drivers (5Vdc/TTL level, 8 to 15 Vdc)
All line drivers have complementary outputs.
Output Ratings
Open Collector Transistor
40 Vdc maximum
Line Drivers 8-15 Vdc
15 Vdc maximum
5 Vdc TTL
5.5 Vdc maximum
Supply Voltage
8 to 28 Vdc
5 Vdc with 5V TTL level output
Supply Current
30 mA typical, 50 mA maximum
Current Sinking
250 mA maximum
Output Duty Cycle
50/50 w/ +20% typical tolerance
Tighter to +5% by spec
Pulsed Outputs
5-10 µsec or 25-35 µsec
Rise/Fall Times
1 µsec typical, other options available
See Wiring Diagrams for Pin Outs
Environmental
Operating Temp.
-20º to +70º C (-4º to +158º F)
Shock
50 g’s for 11 Milliseconds
Vibration
5 to 2000 Hertz at 20 g’s
Humidity
100% Relative Humidity
Enclosures (Sealed)
NEMA 4 type
Water-tight
(Std)
NEMA 12/13 equiv. — Dust-, Oil-Tight
• Enclosure: Standard Series - Industry Standard 2.25"
Cube NEMA 12/13 or NEMA 4 type Sealing
• Flush or Flanged Base Styles
• Anti-Jitter Circuitry, Shatterproof Metal Code Discs -
up to 600 PPR Quadrature
• Internally and Externally Shielded ABEC 5 Stainless
Steel Bearings, Mounted Internally
• Low Supply Current Requirement - 30 milliamps
typical per encoder, maximum of 50 mA
• Operating Voltage Flexibility - 8 to 28 Vdc or 5 Vdc
TTL Output, 5V or 8 - 15V with line driver
• Operating Temperature Rating designed for extremes,
from -20º to +70º C (-4º to +158º F)
Hercules Encoders
Specifications
Electrical Connections
Function
6 Pin
Cable Out
Color
+V
B
D
Red
Common
A
F
Black
Channel A
D
A
Blue
Channel B
E
B
Brown
Channel A
C
E
White
Channel B
F
G
Green
Index
C or E*
C
White
Index
F
G
Green
* C is standard; for outputs “KI” or “LI” (line driver with index), index pin is E
For the latest specifications visit our website
www.herculesencoders.com


Similar Part No. - 2322-BS0025-AQ0120

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
2322-0G JOHANSON-2322-0G Datasheet
162Kb / 2P
   Important Information Storage Instructions for Cera-Trim
logo
Knowles Electronics
2322-0G KNOWLES-2322-0G Datasheet
3Mb / 60P
   Introduction to Knowles Precision Devices
2322-0GSL KNOWLES-2322-0GSL Datasheet
3Mb / 60P
   Introduction to Knowles Precision Devices
logo
Johanson Technology Inc...
2322-1G JOHANSON-2322-1G Datasheet
162Kb / 2P
   Important Information Storage Instructions for Cera-Trim
logo
Knowles Electronics
2322-1G KNOWLES-2322-1G Datasheet
3Mb / 60P
   Introduction to Knowles Precision Devices
More results

Similar Description - 2322-BS0025-AQ0120

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4421S-AQ0600 ETC1-4421S-AQ0600 Datasheet
122Kb / 2P
   Heavy Duty Incremental Rotary Shaft Encoder
4111S-AS4096 ETC1-4111S-AS4096 Datasheet
124Kb / 2P
   Heavy Duty Incremental Rotary Shaft Encoder
N25SA-112-AQ0600-AI ETC1-N25SA-112-AQ0600-AI Datasheet
259Kb / 2P
   Heavy Duty Incremental Rotary Shaft Encoder
N35T-335-KQ1000-KI ETC1-N35T-335-KQ1000-KI Datasheet
219Kb / 2P
   Heavy Duty Incremental Rotary Shaft Encoder
logo
TT Electronics.
OPE1275S TTELEC-OPE1275S Datasheet
236Kb / 4P
   Incremental Shaft Encoder
OPE1275H TTELEC-OPE1275H Datasheet
323Kb / 4P
   Incremental Hollow Shaft Encoder
logo
Pepperl+Fuchs Inc.
TSI40N PF-TSI40N Datasheet
278Kb / 3P
   Incremental rotary encoder
TVI58N PF-TVI58N Datasheet
214Kb / 3P
   Incremental rotary encoder
20-2952 PF-20-2952 Datasheet
179Kb / 3P
   Incremental rotary encoder
ENI58IL-H PF-ENI58IL-H Datasheet
1Mb / 7P
   Incremental rotary encoder
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com