Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BF556C Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BF556C
Description  N-channel silicon junction field-effect transistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF556C Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BF556C Datasheet HTML 2Page - NXP Semiconductors BF556C Datasheet HTML 3Page - NXP Semiconductors BF556C Datasheet HTML 4Page - NXP Semiconductors BF556C Datasheet HTML 5Page - NXP Semiconductors BF556C Datasheet HTML 6Page - NXP Semiconductors BF556C Datasheet HTML 7Page - NXP Semiconductors BF556C Datasheet HTML 8Page - NXP Semiconductors BF556C Datasheet HTML 9Page - NXP Semiconductors BF556C Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
1996 Jul 29
6
Philips Semiconductors
Product specification
N-channel silicon junction
field-effect transistors
BF556A; BF556B; BF556C
Fig.8 Typical output characteristics; BF556C.
handbook, halfpage
048
16
25
0
20
MRC147
12
15
10
5
VDS (V)
ID
(mA)
−1 V
−2 V
−3 V
−4 V
−5 V
VGS = 0 V
Fig.9 Typical input characteristics.
handbook, halfpage
−6
−4
−20
30
10
0
20
MRC148
VGS (V)
ID
(mA)
BF556C
BF556B
BF556A
VDS =15V.
Fig.10 Drain current as a function of gate-source
voltage; typical values.
handbook, halfpage
0
−8
−6
−4
−2
103
102
1
10
10−1
10−2
10−3
MRC149
ID
(
µA)
VGS (V)
BF556C
BF556B
BF556A
VDS =15V.
Fig.11 Gate current as a function of drain-gate
voltage; typical values.
handbook, halfpage
−102
−10−2
−10−1
−1
−10
20
12
48
0
MRC151
16
VDG (V)
IG
(pA)
ID = 10 mA
IGSS
1 mA
0.1 mA
ID = 10 mA only for BF556B and BF556C.


Similar Part No. - BF556C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF556C NXP-BF556C Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BF556C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF545A PHILIPS-BF545A Datasheet
100Kb / 12P
   N-channel silicon junction field-effect transistors
1996 Jul 29
logo
Micro Electronics
J111 MICRO-ELECTRONICS-J111 Datasheet
45Kb / 1P
   N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTORS
logo
InterFET Corporation
SMP5462 INTERFET-SMP5462 Datasheet
213Kb / 10P
   N-Channel Silicon Junction Field-Effect Transistors
logo
NXP Semiconductors
BF246A PHILIPS-BF246A Datasheet
37Kb / 5P
   N-channel silicon junction field-effect transistors
1996 Jul 29
logo
New Jersey Semi-Conduct...
2N5457 NJSEMI-2N5457 Datasheet
113Kb / 1P
   SILICON N-CHANNEL JUNCTION FIELD-EFFECT TRANSISTORS
2N5398 NJSEMI-2N5398 Datasheet
162Kb / 1P
   N-CHANNEL SILICON JUNCTION FIELD-EFFECT TRANSISTORS
2N4117 NJSEMI-2N4117 Datasheet
173Kb / 1P
   N-CHANNEL SILICON JUNCTION FIELD-EFFECT TRANSISTORS
logo
Siemens Semiconductor G...
BF246A SIEMENS-BF246A Datasheet
127Kb / 6P
   N-CHANNEL JUNCTION FIELD-EFFECT TRANSISTORS
logo
Micro Electronics
2N5484 MICRO-ELECTRONICS-2N5484 Datasheet
150Kb / 1P
   N-CHANNEL JUNCTION FIELD EFFECT TRANSISTORS
logo
Siemens Semiconductor G...
BF245A SIEMENS-BF245A Datasheet
178Kb / 7P
   N-Channel junction field-Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com