Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6311-BQ120 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # P6311-BQ120
Description  Incremental Encoders
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

P6311-BQ120 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  P6311-BQ120 Datasheet HTML 1Page - List of Unclassifed Manufacturers P6311-BQ120 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
7
P4 or 6
X
X
X
—A
X
0 6 0 0
Shaft Diameter
Order Choice
1=1/4" diameter
2=5/16" diameter
3=3/8" diameter
4=1/2" diameter
Shaft Extension
Order Choice
1=Single extension
2=Double extension
Mounting Type
Order Choice
1=2.0" B.H.C.
2=Flanged base (mounting type can be
changed by substituting bottom
plate when programming)
Hercules Encoders “Value Added” Programmable Encoder
Channel Outputs
Order Choice
A=NPN w/pullup res.
B=NPN open collector
F=5V NPN w/pullup res.
G=5V NPN open collector
H=PNP outputs
K=5V line driver
L=8-15V line driver
Channel Types Are:
Q=Quadrature outputs*
P=Separate UP & DOWN
output channels
U=Pulse train output with
UP/DN direction output
S=Single output channel
Channel Types
Programming
Encoders to be shipped with the
PPR as ordered & quadrature
channel type with 50/50 duty
cycle pulse.
*Quadrature available for 1st
three SW 1 & 2 columns (below).
120
30, 60, 120,
30PPR
60PPR
120PPR
240PPR
480PPR
240, 480
192
48, 96, 192,
48PPR
96PPR
192PPR
384PPR
768PPR
384, 768
300
75, 150, 300,
75PPR
150PPR
300PPR
600PPR
1200PPR
600, 1200
360
90, 180, 360,
90PPR
180PPR
360PPR
720PPR
1440PPR
720, 1440
400
100, 200, 400,
100PPR
200PPR
400PPR
800PPR
1600PPR
800, 1600
480
120, 240, 480,
120PPR
240PPR
480PPR
960PPR
1920PPR
960, 1920
500
125, 250, 500,
125PPR
250PPR
500PPR
1000PPR
2000PPR
1000, 2000
512
128, 256, 512,
128PPR
256PPR
512PPR
1024PPR
2048PPR
1024, 2048
540
135, 270, 540,
135PPR
270PPR
540PPR
1080PPR
2160PPR
1080, 2160
600
150, 300, 600,
150PPR
300PPR
600PPR
1200PPR
2400PPR
1200, 2400
720
180, 360, 720,
180PPR
360PPR
720PPR
1440PPR
2880PPR
1440, 2880
960
240, 480, 960,
240PPR
480PPR
960PPR
1920PPR
3840PPR
1920, 3840
1000
250, 500, 1000,
250PPR
500PPR
1000PPR
2000PPR
4000PPR
2000, 4000
1024
256, 512, 1024,
256PPR
512PPR
1024PPR
2048PPR
4096PPR
2048, 4096
Programming of Switches: \CCW=set to left; | Cntr=set center; /CW=set to right
Note: for SW5 (right hand column PPR x 4) Time Settings: CW=other columns; Cntr=5-10µsec; CCW=25-35µsec
Order
PPR’s
Model
PPR’s Available
With This
Model
SW1
SW2
SW1
SW2
SW1
SW2
SW1
SW2
CCWCCW
Cntr
CCW
CW
CCW
CW
Cntr
CW
CW
CCW
SW1
SW2
SW5
Switch Positions
Type SW3
SW4
Q
S
CCW CCW
P
Cntr
Cntr
U
S
CW
CW


Similar Part No. - P6311-BQ120

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
P6316 TEKTRONIX-P6316 Datasheet
2Mb / 36P
   Mixed Domain Oscilloscopes
More results

Similar Description - P6311-BQ120

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
G1I0H IVO-G1I0H Datasheet
566Kb / 4P
   Incremental encoders
GI320 IVO-GI320 Datasheet
323Kb / 2P
   Incremental encoders
GI341 IVO-GI341 Datasheet
576Kb / 4P
   Incremental encoders
X700.I113249 IVO-X700.I113249 Datasheet
415Kb / 2P
   Incremental encoders
GE355 IVO-GE355 Datasheet
526Kb / 4P
   Incremental encoders
GI321 IVO-GI321 Datasheet
366Kb / 2P
   Incremental encoders
GE333 IVO-GE333 Datasheet
537Kb / 4P
   Incremental encoders
GI331 IVO-GI331 Datasheet
592Kb / 4P
   Incremental encoders
GI328 IVO-GI328 Datasheet
423Kb / 2P
   Incremental encoders
GI338 IVO-GI338 Datasheet
474Kb / 2P
   Incremental encoders
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com