24
Hercules Encoder Accessories
Connectors & Cable Assemblies
Series 1000, 2000, 3000, 4000, 6000, 7000
NEMA 12/13 (MS3102 6-pin male receptacle)
Part Number
Description
18-2000
NEMA 12/13: 6-pin MS3106A connector (hardware only)
18-2010
NEMA 12/13: 6-pin MS3106A connector with 10-foot cable
18-20xx
(Other cable lengths available)
Series 1000, 2000, 3000, 4000, 6000, 7000, H25/H35 NEMA 4 (MS3102E 6-pin male receptacle)
18S-2000
NEMA 4: 6-pin MS3106E connector (hardware only)
18S-2010
NEMA 4: 6-pin MS3106E connector with 10-foot cable
18S-20xx
(Other cable lengths available)
Series H25/H35, NEMA 4 type sealing (MS3102E 7-pin & 10-pin male receptacle)
18S-5000 18S-7000
NEMA 4: 10-pin7-pin MS3106E connector (hardware only)
18S-5010 18S-7010
NEMA 4: 10-pin7-pin MS3106E connector with 10-foot cable
18S-50xx
(Other cable lengths available)
18S-70xx
(Other cable lengths available)
Series 7000 NEMA 12/13 & NEMA 4 type sealing (MS3102[E] 3-pin male receptacle)
18-3000
NEMA 12/13: 3-pin MS3106A connector (hardware only)
18-3010
NEMA 12/13: 3-pin MS3106A connector with 10-foot cable
18S-3000
NEMA 4: 3-pin MS3106E connector (hardware only)
18S-3010
NEMA 4: 3-pin MS3106E connector with 10-foot cable
18x-30xx
(Other cable lengths available)
Mounting Brackets
Series 1000, 2000, 3000, 4000, 6000, 7000
80-0005
1 Axis Mounting (D-Style)
80-0007
1 Axis Mounting (Includes encoder angle adjust)
80-0008
2 Axis Mounting (Includes encoder angle adjust)
18 X — X XXX
Connector Type
blank=MS3106A S=MS3106E
Number of pins
2=6 pin
5=10 pin
3=3 pin
7=7 pin
Cable Length (ft)
000=Female plug only 010=10'
xxx=Custom length
020=20'
80
—
000 X
Adjustment Axis
5=1 axis (D-Style)
7=1 axis
8=2 axis