Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NR-SL2D-42 Datasheet(PDF) 7 Page - Nais(Matsushita Electric Works)

Part # NR-SL2D-42
Description  LONG LIFE RELAY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

NR-SL2D-42 Datasheet(HTML) 7 Page - Nais(Matsushita Electric Works)

  NR-SL2D-42 Datasheet HTML 1Page - Nais(Matsushita Electric Works) NR-SL2D-42 Datasheet HTML 2Page - Nais(Matsushita Electric Works) NR-SL2D-42 Datasheet HTML 3Page - Nais(Matsushita Electric Works) NR-SL2D-42 Datasheet HTML 4Page - Nais(Matsushita Electric Works) NR-SL2D-42 Datasheet HTML 5Page - Nais(Matsushita Electric Works) NR-SL2D-42 Datasheet HTML 6Page - Nais(Matsushita Electric Works) NR-SL2D-42 Datasheet HTML 7Page - Nais(Matsushita Electric Works) NR-SL2D-42 Datasheet HTML 8Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NR
118
AC operation of latching relays
When using circuits such as those at the
right, avoid continued or extended latch-
ing or resetting power input.
Latching
switch
1 coil bistable type
Reset
switch
Latching
switch
2 coil bistable type
Reset
switch
2
5
3
6
Capacitor discharge operation of latching types
When operating latching types by dis-
charge of a capacitor, more reliable oper-
ation can be expected if the time to reach
pick-up voltage is greater than 2 ms at 5
to 10
µF: (24 V type).
NR relay
coil
Specified
Pick - up voltage
more than 2 ms
t
(V)
SW
C
Flicker circuit
NR relay contact
CC
5
6
2
3
Automatic coil circuit interruption
Misoperation may occur in self-operated
cutoff circuits such as shown at right. This
can be avoided by adding a resistor and
capacitor and increasing the pick-up volt-
age to above that specified.
In a timer circuit, step-pulse voltage from
PUT (Programmable Unijunction Transis-
tor) or SBS (Silicon Bilateral Switch) is
recommended.
NR relay contact
NR relay coil
SW
NR relay coil
Coil voltage wave form
V
T
(Time)
Residual voltage
When single side stable types or latching
types are driven by transistor or UJT, re-
sidual voltage is sometimes applied to the
coils and decreases contact pressure at
N.O. side even if the transistor or UJT are
in OFF condition. As a result, characteris-
tics of relays may be harmed. Design your
circuits in principle to make such residual
voltage zero.
Short circuit prevention between N.C. and N.O.
The separation of loads or insertion of a
resistor for circuit protection are recom-
mended for the circuits where large cur-
rent flows due to arcing. (See Fig. 1).
Fig. 1
COM
N.C.
N.O.
Load
COM
N.C.
N.O.
Load
Load separation
Load


Similar Part No. - NR-SL2D-42

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
NR-10034 AMPHENOL-NR-10034 Datasheet
1Mb / 2P
   Rugged Environment Connector
NR-10044 AMPHENOL-NR-10044 Datasheet
1Mb / 2P
   Rugged Environment Connector
NR-10045 AMPHENOL-NR-10045 Datasheet
1Mb / 2P
   Rugged Environment Connector
NR-15034 AMPHENOL-NR-15034 Datasheet
1Mb / 2P
   Rugged Environment Connector
NR-15044 AMPHENOL-NR-15044 Datasheet
1Mb / 2P
   Rugged Environment Connector
More results

Similar Description - NR-SL2D-42

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3SCV MACOM-3SCV Datasheet
230Kb / 2P
   Long-life Haif-size Industrial Relay
logo
PARA LIGHT ELECTRONICS ...
EP501W1L059WHR PARALIGHT-EP501W1L059WHR Datasheet
196Kb / 13P
   Long operating life.
logo
Everlight Electronics C...
EALP05SQAGA1 EVERLIGHT-EALP05SQAGA1 Datasheet
198Kb / 8P
   Long life feature.
EALP03RDCGA7 EVERLIGHT-EALP03RDCGA7 Datasheet
247Kb / 9P
   Long life feature.
EALP03CLAGA0 EVERLIGHT-EALP03CLAGA0 Datasheet
289Kb / 8P
   Long life feature.
EALP05RDHRA4 EVERLIGHT-EALP05RDHRA4 Datasheet
351Kb / 9P
   Long life feature.
logo
TT Electronics.
P232 TTELEC-P232 Datasheet
607Kb / 3P
   Long life element
logo
Illinois Capacitor, Inc...
105SVH050MCR ILLINOISCAPACITOR-105SVH050MCR_16 Datasheet
227Kb / 4P
   Long Life, 2000hours
logo
Everlight Electronics C...
EALP03RDGRA1 EVERLIGHT-EALP03RDGRA1 Datasheet
191Kb / 9P
   Long life feature.
EALP03RDGGA0 EVERLIGHT-EALP03RDGGA0 Datasheet
455Kb / 9P
   Long life feature.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com