Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG795GBCPZ-500RL7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADG795GBCPZ-500RL7
Description  I2C-Compatible, Wide Bandwidth, Five 2:1 Multiplexer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG795GBCPZ-500RL7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADG795GBCPZ-500RL7 Datasheet HTML 6Page - Analog Devices ADG795GBCPZ-500RL7 Datasheet HTML 7Page - Analog Devices ADG795GBCPZ-500RL7 Datasheet HTML 8Page - Analog Devices ADG795GBCPZ-500RL7 Datasheet HTML 9Page - Analog Devices ADG795GBCPZ-500RL7 Datasheet HTML 10Page - Analog Devices ADG795GBCPZ-500RL7 Datasheet HTML 11Page - Analog Devices ADG795GBCPZ-500RL7 Datasheet HTML 12Page - Analog Devices ADG795GBCPZ-500RL7 Datasheet HTML 13Page - Analog Devices ADG795GBCPZ-500RL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADG795A/ADG795G
Rev. 0 | Page 10 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
1
S1A
2
S1B
3
D1
4
D2
5
S2B
6
S2A
15 D5
16 NC
17 NC
18 A2
14 S5B
13 S5A
ADG795A
TOP VIEW
(Not to Scale)
NOTES
1. NC = NO CONNECT.
2. THE EXPOSED PAD MUST BE TIED TO GND.
PIN 1
INDICATOR
1
S1A
2
S1B
3
D1
4
D2
5
S2B
6
S2A
15 D5
16 GPO1
17 NC
18 A2
14 S5B
13 S5A
ADG795G
TOP VIEW
(Not to Scale)
NOTES
1. NC = NO CONNECT.
2. THE EXPOSED PAD MUST BE TIED TO GND.
Figure 3. ADG795G Pinout
Figure 4. ADG795A Pinout
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
S1A
A-Side Source Terminal for Mux 1. Can be an input or output.
2
S1B
B-Side Source Terminal for Mux 1. Can be an input or output.
3
D1
Drain Terminal for Mux 1. Can be an input or output.
4
D2
Drain Terminal for Mux 2. Can be an input or output.
5
S2B
B-Side Source Terminal for Mux 2. Can be an input or output.
6
S2A
A-Side Source Terminal for Mux 2. Can be an input or output.
7
S3A
A-Side Source Terminal for Mux 3. Can be an input or output.
8
S3B
B-Side Source Terminal for Mux 3. Can be an input or output.
9
D3
Drain Terminal for Mux 3. Can be an input or output.
10
D4
Drain Terminal for Mux 4. Can be an input or output.
11
S4B
B-Side Source Terminal for Mux 4. Can be an input or output.
12
S4A
A-Side Source Terminal for Mux 4. Can be an input or output.
13
S5A
A-Side Source Terminal for Mux 5. Can be an input or output
14
S5B
B-Side Source Terminal for Mux 5. Can be an input or output
15
D5
Drain Terminal for Mux 5. Can be an input or output.
16
NC/GPO1
Not internally connected for ADG795A/General Purpose Logic Output 1 for ADG795G.
17
NC
Not internally connected.
18
A2
Logic Input. Sets Bit A2 from the least significant bit of the 7-bit slave address.
19
A1
Logic Input. Sets Bit A1 from the least significant bit of the 7-bit slave address.
20
A0
Logic Input. Sets Bit A0 from the least significant bit of the 7-bit slave address.
21
SCL
Digital Input, Serial Clock Line. Open-drain input that is used in conjunction with SDA to clock data into
the device. External pull-up resistor required.
22
SDA
Digital I/O. Bi-directional open-drain data line. External pull-up resistor required.
23
VDD
Positive Power Supply Input.
24
GND
Ground (0 V) Reference.


Similar Part No. - ADG795GBCPZ-500RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG795G AD-ADG795G_15 Datasheet
1Mb / 24P
   Wide Bandwidth, Five 2:1 Multiplexer
REV. 0
More results

Similar Description - ADG795GBCPZ-500RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG795G AD-ADG795G_15 Datasheet
1Mb / 24P
   Wide Bandwidth, Five 2:1 Multiplexer
REV. 0
ADG795A AD-ADG795A_15 Datasheet
1Mb / 24P
   Wide Bandwidth, Five 2:1 Multiplexer
REV. 0
ADG796A AD-ADG796A Datasheet
513Kb / 24P
   I2C-Compatible, Wide Bandwidth, Hex 2:1 Multiplexer
REV. 0
ADG793G AD-ADG793G Datasheet
541Kb / 24P
   I2C-Compatible, Wide Bandwidth, Triple 3:1 Multiplexer
REV. 0
ADG791A AD-ADG791A Datasheet
567Kb / 24P
   IC-Compatible, Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
ADG796A AD-ADG796A_15 Datasheet
514Kb / 24P
   Wide Bandwidth, Hex 2:1 Multiplexer
REV. 0
ADG791A AD-ADG791A_15 Datasheet
567Kb / 24P
   Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
ADG791G AD-ADG791G_15 Datasheet
567Kb / 24P
   Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
ADG792A AD-ADG792A Datasheet
568Kb / 24P
   IC-Compatible, Wide Bandwidth, Triple 4:1 Multiplexer
REV. 0
logo
Burr-Brown (TI)
MPC104 BURR-BROWN-MPC104 Datasheet
251Kb / 15P
   Wide-Bandwidth 2 x 1 VIDEO MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com