Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AND8001 Datasheet(PDF) 8 Page - ON Semiconductor

Part # AND8001
Description  ODD NUMBER DIVIDE BY COUNTERS WITH 50% OUTPUTS AND SYNCHRONOUS CLOCKS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AND8001 Datasheet(HTML) 8 Page - ON Semiconductor

  AND8001 Datasheet HTML 1Page - ON Semiconductor AND8001 Datasheet HTML 2Page - ON Semiconductor AND8001 Datasheet HTML 3Page - ON Semiconductor AND8001 Datasheet HTML 4Page - ON Semiconductor AND8001 Datasheet HTML 5Page - ON Semiconductor AND8001 Datasheet HTML 6Page - ON Semiconductor AND8001 Datasheet HTML 7Page - ON Semiconductor AND8001 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
AND8001/D
http://onsemi.com
8
USA/EUROPE Literature Fulfillment:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303–675–2175 or 800–344–3860 Toll Free USA/Canada
Fax: 303–675–2176 or 800–344–3867 Toll Free USA/Canada
Email: ONlit@hibbertco.com
Fax Response Line*: 303–675–2167
800–344–3810 Toll Free USA/Canada
*To receive a Fax of our publications
N. America Technical Support: 800–282–9855 Toll Free USA/Canada
ON Semiconductor and
are trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes
without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular
purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability,
including without limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets and/or
specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be
validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights nor the rights of others.
SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or
death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold
SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable
attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim
alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer.
PUBLICATION ORDERING INFORMATION
ASIA/PACIFIC: LDC for ON Semiconductor – Asia Support
Phone:
303–675–2121 (Tue–Fri 9:00am to 1:00pm, Hong Kong Time)
Email: ONlit–asia@hibbertco.com
JAPAN: ON Semiconductor, Japan Customer Focus Center
4–32–1 Nishi–Gotanda, Shinagawa–ku, Tokyo, Japan 141–8549
Phone: 81–3–5487–8345
Email: r14153@onsemi.com
ON Semiconductor Website: http://onsemi.com
For additional information, please contact your local Sales Representative.
AND8001/D


Similar Part No. - AND8001

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AND8001D ONSEMI-AND8001D Datasheet
156Kb / 11P
   3.3V / 5V ECL 2-Input Differential XOR/XNOR
September, 2012 ??Rev. 6
More results

Similar Description - AND8001

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS92 HITACHI-HD74LS92 Datasheet
85Kb / 7P
   Divide-by-Twelve Counters
logo
Texas Instruments
SN5490A TI-SN5490A_08 Datasheet
973Kb / 23P
[Old version datasheet]   DECADE, DIVIDE-BY-TWELVE AND BINARY COUNTERS
SN5490A TI1-SN5490A_15 Datasheet
1Mb / 24P
[Old version datasheet]   DECADE, DIVIDE-BY-TWELVE AND BINARY COUNTERS
SN5490A TI-SN5490A Datasheet
414Kb / 14P
[Old version datasheet]   DECADE, DIVIDE-BY-TWELVE AND BINARY COUNTERS
SN5490A TI-SN5490A_07 Datasheet
944Kb / 23P
[Old version datasheet]   DECADE, DIVIDE-BY-TWELVE AND BINARY COUNTERS
SN5490A TI1-SN5490A_18 Datasheet
1Mb / 25P
[Old version datasheet]   DECADE, DIVIDE-BY-TWELVE AND BINARY COUNTERS
logo
National Semiconductor ...
DM54L93 NSC-DM54L93 Datasheet
85Kb / 4P
   Decade, Divide-by-12, and Binary Counters
logo
Japan Aviation Electron...
FF02S25SV1 JAE-FF02S25SV1 Datasheet
224Kb / 1P
   ODD NUMBER OF CONTACTS
logo
Texas Instruments
SN74LS693 TI-SN74LS693 Datasheet
532Kb / 11P
[Old version datasheet]   SYNCHRONOUS COUNTERS WITH OUTPUT REGISTERS AND MULTIPLEXED 3-STATE OUTPUTS
SN54ALS561A TI-SN54ALS561A Datasheet
154Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT COUNTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com