Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

357110003 Datasheet(PDF) 8 Page - ITT Industries

Part # 357110003
Description  Thumbwheel Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

357110003 Datasheet(HTML) 8 Page - ITT Industries

  357110003 Datasheet HTML 1Page - ITT Industries 357110003 Datasheet HTML 2Page - ITT Industries 357110003 Datasheet HTML 3Page - ITT Industries 357110003 Datasheet HTML 4Page - ITT Industries 357110003 Datasheet HTML 5Page - ITT Industries 357110003 Datasheet HTML 6Page - ITT Industries 357110003 Datasheet HTML 7Page - ITT Industries 357110003 Datasheet HTML 8Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
C&K 3 Series
Thumbwheel Switches
N
QUALITY CONTROL INSTRUCTIONS
PRODUCTION APPROVAL
DATE
C&K PART NUMBER
REV.
INITIALS
DATE
3
CATALOG PART NO.
COMPANY NAME
CUSTOMER
PRINT
REVISION:
ADDRESS
TEL.#
CUSTOMER CONTACT
DATE
ORIGINATED BY
SALES REP.
DETAILS:
Q.C. APPROVAL
DATE
Configuration Form
GRAY SHADED AREAS TO BE FILLED IN BY CUSTOMER SERVICE.
SHEET _____ OF _____
10
11
1
2
3
4
5
6
7
8
9
THUMBWHEEL
SECTIONS
DESCRIBE IN APPROPRIATE ROW
SPECIAL INSTRUCTIONS OR SPECIFICATIONS:
3 –
FUNCTION CODE – TERMINATIONS –
COLOR/MARKING/STOPS/SEAL –
ILLUMINATION
FOR SWITCHES WITH MORE THAN 11 SECTIONS, CONTINUE ON ADDITIONAL SHEETS.
ENTER OPTION CODES IN APPROPRIATE BOXES. FUNCTION
CODES INCLUDE BLANK SECTIONS (SEE PAGES M-9 & M-10).
NO.
OF
SEC.
– –
3 –– –
3 –– –
3 –– –
3 –– –
3 –– –
3 –– –
3 –– –
3 –– –
3 –– –
3 –– –
N–15
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com


Similar Part No. - 357110003

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
357110600 MOLEX5-357110600 Datasheet
99Kb / 2P
   2.79mm (.110") Slip-In Receptacle, Quick Disconnect, 0.50mm (.020") Tab Thickness, Wire Range 20-22 AWG (0.52-0.33mm짼), Unplated
357110610 MOLEX5-357110610 Datasheet
99Kb / 2P
   2.79mm (.110") Slip-In Receptacle, Quick Disconnect, 0.50mm (.020") Tab Thickness, Wire Range 20-22 AWG (0.52-0.33mm짼), Post-Tin Plated
357110710 MOLEX5-357110710 Datasheet
104Kb / 2P
   2.79mm (.110") Slip-On Receptacle Terminal, Quick Disconnect, 0.50mm (.020") Tab Thickness, Wire Range 16-20 AWG (1.31-0.52mm짼), Post-Tin Plated
More results

Similar Description - 357110003

ManufacturerPart #DatasheetDescription
logo
C&K Components
301100000 CK-COMPONENTS-301100000 Datasheet
387Kb / 8P
   Thumbwheel Switches
3 CK-COMPONENTS-3 Datasheet
1Mb / 8P
   Thumbwheel Switches
2020
302719P02 CK-COMPONENTS-302719P02 Datasheet
381Kb / 8P
   3 Series Thumbwheel Switches
logo
Omron Electronics LLC
A7MD OMRON-A7MD Datasheet
466Kb / 4P
   Ultra-small Thumbwheel-operated Switches
A7MA OMRON-A7MA Datasheet
109Kb / 5P
   Thumbwheel Switch
logo
List of Unclassifed Man...
A7CN ETC-A7CN Datasheet
101Kb / 5P
   Thumbwheel Switch
logo
Omron Electronics LLC
A7AS OMRON-A7AS Datasheet
77Kb / 4P
   Thumbwheel Switch
A7P-M OMRON-A7P-M Datasheet
1Mb / 25P
   Thumbwheel Switch
logo
Grayhill, Inc
62T22-N0-040C GRAYHILL-62T22-N0-040C Datasheet
258Kb / 2P
   Thumbwheel with Pushbutton
logo
Omron Electronics LLC
A7CN OMRON-A7CN Datasheet
493Kb / 6P
   Thumbwheel Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com