Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC1100 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # CC1100
Description  CC1100 Single Chip Low Cost Low Power RF-Transceiver
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CC1100 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button CC1100 Datasheet HTML 2Page - List of Unclassifed Manufacturers CC1100 Datasheet HTML 3Page - List of Unclassifed Manufacturers CC1100 Datasheet HTML 4Page - List of Unclassifed Manufacturers CC1100 Datasheet HTML 5Page - List of Unclassifed Manufacturers CC1100 Datasheet HTML 6Page - List of Unclassifed Manufacturers CC1100 Datasheet HTML 7Page - List of Unclassifed Manufacturers CC1100 Datasheet HTML 8Page - List of Unclassifed Manufacturers CC1100 Datasheet HTML 9Page - List of Unclassifed Manufacturers CC1100 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 70 page
background image
Chipcon
SmartRF ® CC1100
Chipcon AS
SmartRF
® CC1100 Preliminary Data Sheet (rev. 1.0) 2005-04-25
Page 6 of 68
3
Electrical Specifications
Tc = 25
°C, VDD = 3.0V if nothing else stated. Measured on Chipcon’s CC1100EM reference design.
Parameter
Min
Typ
Max
Unit
Condition
900
nA
Voltage regulator to digital part off, register values retained, low-
power RC oscillator running (SLEEP state with WOR enabled)
400
nA
Voltage regulator to digital part off, register values retained
(SLEEP state)
90
µA
Voltage regulator to digital part off, register values retained,
XOSC running (SLEEP state with MCSM0.OSC_FORCE_ON set)
Current consumption in power
down modes
160
µA
Voltage regulator to digital part on, all other modules in power
down (XOFF state)
15
µA
Automatic RX polling once each second, using low-power RC
oscillator, with 460kHz filter bandwidth and 250kbps data rate,
PLL calibration every 4
th wakeup. Average current with signal in
channel below carrier sense level.
34
µA
Same as above, but with signal in channel above carrier sense
level, 1.9ms RX timeout, and no preamble/sync word found.
1.8
µA
Automatic RX polling every 15
th second, using low-power RC
oscillator, with 460kHz filter bandwidth and 250kbps data rate,
PLL calibration every 4
th wakeup. Average current with signal in
channel below carrier sense level.
15
µA
Same as above, but with signal in channel above carrier sense
level, 14ms RX timeout, and no preamble/sync word found.
1.9
mA
Only voltage regulator to digital part and crystal oscillator running
(IDLE state)
Current consumption
8.7
mA
Only the frequency synthesizer running (after going from IDLE
until reaching RX or TX states, and frequency calibration states)
Current consumption,
315MHz
26.9
18.3
15.1
13.4
15.1
14.0
16.2
15.1
mA
Transmit mode, +10dBm output power
Transmit mode, 5dBm output power
Transmit mode, 0dBm output power
Transmit mode, –10dBm output power
Receive mode, 2.4kbps, input at sensitivity limit
Receive mode, 2.4kbps, input 30dB above sensitivity limit
Receive mode, 250kbps, input at sensitivity limit
Receive mode, 250kbps, input 30dB above sensitivity limit
Current consumption,
433MHz
28.8
19.3
16.1
14.3
15.6
14.5
16.5
15.5
mA
Transmit mode, +10dBm output power
Transmit mode, 5dBm output power
Transmit mode, 0dBm output power
Transmit mode, –10dBm output power
Receive mode, 2.4kbps, input at sensitivity limit
Receive mode, 2.4kbps, input 30dB above sensitivity limit
Receive mode, 250kbps, input at sensitivity limit
Receive mode, 250kbps, input 30dB above sensitivity limit


Similar Part No. - CC1100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1100 TI-CC1100 Datasheet
857Kb / 25P
[Old version datasheet]   SWRU197H?밪eptember 2010?밨evised April 2014
CC1100 TI1-CC1100 Datasheet
1Mb / 100P
[Old version datasheet]   Low-Power Sub- 1 GHz RF Transceiver
CC1100-RTR1 TI1-CC1100-RTR1 Datasheet
1Mb / 100P
[Old version datasheet]   Low-Power Sub- 1 GHz RF Transceiver
CC1100-RTY1 TI1-CC1100-RTY1 Datasheet
1Mb / 100P
[Old version datasheet]   Low-Power Sub- 1 GHz RF Transceiver
CC1100E TI-CC1100E Datasheet
2Mb / 98P
[Old version datasheet]   Low-Power Sub-GHz RF Transceiver(470-510 MHz & 950-960 MHz)
More results

Similar Description - CC1100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2500 TI-CC2500_06 Datasheet
1,016Kb / 84P
[Old version datasheet]   Single Chip Low Cost Low Power RF Transceiver
CC2500 TI-CC2500 Datasheet
1Mb / 76P
[Old version datasheet]   Single Chip Low Cost Low Power RF Transceiver
CC2550 TI-CC2550 Datasheet
882Kb / 50P
[Old version datasheet]   Single Chip Low Cost Low Power RF-Transmitter
CC2550 TI-CC2550_06 Datasheet
672Kb / 55P
[Old version datasheet]   Single Chip Low Cost Low Power RF Transmitter
CC1150 TI-CC1150 Datasheet
594Kb / 50P
[Old version datasheet]   Single Chip Low Cost Low Power RF-Transmitter
CC1101 TI1-CC1101_08 Datasheet
926Kb / 94P
[Old version datasheet]   Low-Cost Low-Power Sub-1GHz RF Transceiver
CC1101 TI-CC1101 Datasheet
979Kb / 94P
[Old version datasheet]   Low-Cost Low-Power Sub-1GHz RF Transceiver
CC2500 TI-CC2500_11 Datasheet
2Mb / 96P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transceiver
CC2500RGPR TI1-CC2500RGPR Datasheet
2Mb / 99P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transceiver
CC1000 TI-CC1000 Datasheet
593Kb / 55P
[Old version datasheet]   Single Chip Very Low Power RF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com