Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG795G Datasheet(PDF) 7 Page - Analog Devices

Part # ADG795G
Description  I2C-Compatible, Wide Bandwidth, Five 2:1 Multiplexer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG795G Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG795G Datasheet HTML 3Page - Analog Devices ADG795G Datasheet HTML 4Page - Analog Devices ADG795G Datasheet HTML 5Page - Analog Devices ADG795G Datasheet HTML 6Page - Analog Devices ADG795G Datasheet HTML 7Page - Analog Devices ADG795G Datasheet HTML 8Page - Analog Devices ADG795G Datasheet HTML 9Page - Analog Devices ADG795G Datasheet HTML 10Page - Analog Devices ADG795G Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
ADG795A/ADG795G
Rev. 0 | Page 7 of 24
I2C TIMING SPECIFICATIONS
VDD = 2.7 V to 5.5 V; GND = 0 V; TA = −40°C to +85°C, unless otherwise noted. See Figure 2 for timing diagram.
Table 3.
Parameter1
Conditions
Min
Max
Unit
Description
fSCL
Standard mode
100
kHz
Serial clock frequency
Fast mode
400
kHz
High speed mode
CB = 100 pF max
3.4
MHz
CB = 400 pF max
1.7
MHz
t1
Standard mode
4
μs
tHIGH, SCL high time
Fast mode
0.6
μs
High speed mode
CB = 100 pF max
60
ns
CB = 400 pF max
120
ns
t2
Standard mode
4.7
μs
tLOW, SCL low time
Fast mode
1.3
μs
High speed mode
CB = 100 pF max
160
ns
CB = 400 pF max
320
ns
t3
Standard mode
250
ns
tSU;DAT, data setup time
Fast mode
100
ns
High speed mode
10
ns
t42
Standard mode
0
3.45
μs
tHD;DAT, data hold time
Fast mode
0
0.9
μs
High speed mode
CB = 100 pF max
0
703
ns
CB = 400 pF max
0
150
ns
t5
Standard mode
4.7
μs
tSU;STA, setup time for a repeated start condition
Fast mode
0.6
μs
High speed mode
160
ns
t6
Standard mode
4
μs
tHD;STA, hold time (repeated) start condition
Fast mode
0.6
μs
High speed mode
160
ns
t7
Standard mode
4.7
μs
tBUF, bus free time between a stop and a start condition
Fast mode
1.3
μs
t8
Standard mode
4
μs
tSU;STO, setup time for stop condition
Fast mode
0.6
μs
High speed mode
160
ns
t9
Standard mode
1000
ns
tRDA, rise time of SDA signal
Fast mode
20 + 0.1 CB
300
ns
High speed mode
CB = 100 pF max
10
80
ns
CB = 400 pF max
20
160
ns
t10
Standard mode
300
ns
tFDA, fall time of SDA signal
Fast mode
20 + 0.1 CB
300
ns
High speed mode
CB = 100 pF max
10
80
ns
CB = 400 pF max
20
160
ns


Similar Part No. - ADG795G

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG795G AD-ADG795G_15 Datasheet
1Mb / 24P
   Wide Bandwidth, Five 2:1 Multiplexer
REV. 0
More results

Similar Description - ADG795G

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG795G AD-ADG795G_15 Datasheet
1Mb / 24P
   Wide Bandwidth, Five 2:1 Multiplexer
REV. 0
ADG795A AD-ADG795A_15 Datasheet
1Mb / 24P
   Wide Bandwidth, Five 2:1 Multiplexer
REV. 0
ADG796A AD-ADG796A Datasheet
513Kb / 24P
   I2C-Compatible, Wide Bandwidth, Hex 2:1 Multiplexer
REV. 0
ADG793G AD-ADG793G Datasheet
541Kb / 24P
   I2C-Compatible, Wide Bandwidth, Triple 3:1 Multiplexer
REV. 0
ADG791A AD-ADG791A Datasheet
567Kb / 24P
   IC-Compatible, Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
ADG796A AD-ADG796A_15 Datasheet
514Kb / 24P
   Wide Bandwidth, Hex 2:1 Multiplexer
REV. 0
ADG791A AD-ADG791A_15 Datasheet
567Kb / 24P
   Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
ADG791G AD-ADG791G_15 Datasheet
567Kb / 24P
   Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
ADG792A AD-ADG792A Datasheet
568Kb / 24P
   IC-Compatible, Wide Bandwidth, Triple 4:1 Multiplexer
REV. 0
logo
Burr-Brown (TI)
MPC104 BURR-BROWN-MPC104 Datasheet
251Kb / 15P
   Wide-Bandwidth 2 x 1 VIDEO MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com