Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8676BRMZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8676BRMZ-R2
Description  Ultra Precision, 36 V, 2.8 nV/?숰z Dual Rail-to-Rail Output Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8676BRMZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8676BRMZ-R2 Datasheet HTML 4Page - Analog Devices AD8676BRMZ-R2 Datasheet HTML 5Page - Analog Devices AD8676BRMZ-R2 Datasheet HTML 6Page - Analog Devices AD8676BRMZ-R2 Datasheet HTML 7Page - Analog Devices AD8676BRMZ-R2 Datasheet HTML 8Page - Analog Devices AD8676BRMZ-R2 Datasheet HTML 9Page - Analog Devices AD8676BRMZ-R2 Datasheet HTML 10Page - Analog Devices AD8676BRMZ-R2 Datasheet HTML 11Page - Analog Devices AD8676BRMZ-R2 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD8676
Rev. 0 | Page 10 of 12
OUTLINE DIMENSIONS
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
COMPLIANT TO JEDEC STANDARDS MS-012-A A
0.25 (0.0098)
0.17 (0.0067)
1.27 (0.0500)
0.40 (0.0157)
0.50 (0.0196)
0.25 (0.0099)
45°
1.75 (0.0688)
1.35 (0.0532)
SEATING
PLANE
0.25 (0.0098)
0.10 (0.0040)
4
1
85
5.00 (0.1968)
4.80 (0.1890)
4.00 (0.1574)
3.80 (0.1497)
1.27 (0.0500)
BSC
6.20 (0.2440)
5.80 (0.2284)
0.51 (0.0201)
0.31 (0.0122)
COPLANARITY
0.10
Figure 27. 8-Lead Standard Small Outline Package [SOIC_N]
Narrow Body (R-8)
Dimensions shown in millimeters and (inches)
COMPLIANT TO JEDEC STANDARDS MO-187-AA
0.80
0.60
0.40
4
8
1
5
PIN 1
0.65 BSC
SEATING
PLANE
0.38
0.22
1.10 MAX
3.20
3.00
2.80
COPLANARITY
0.10
0.23
0.08
3.20
3.00
2.80
5.15
4.90
4.65
0.15
0.00
0.95
0.85
0.75
Figure 28. 8-Lead Mini Small Outline Package [MSOP]
(RM-8)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Branding
AD8676ARMZ-R21
−40°C to +125°C
8-Lead Mini Small Outline Package [MSOP]
RM-8
A13
AD8676ARMZ-REEL1
−40°C to +125°C
8-Lead Mini Small Outline Package [MSOP]
RM-8
A13
AD8676ARZ1
−40°C to +125°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
AD8676ARZ-REEL1
−40°C to +125°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
AD8676ARZ-REEL71
−40°C to +125°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
AD8676BRMZ-R21
−40°C to +125°C
8-Lead Mini Small Outline Package [MSOP]
RM-8
A1L
AD8676BRMZ-REEL1
−40°C to +125°C
8-Lead Mini Small Outline Package [MSOP]
RM-8
A1L
AD8676BRZ1
−40°C to +125°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
AD8676BRZ-REEL1
−40°C to +125°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
AD8676BRZ-REEL71
−40°C to +125°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
1 Z = Pb-free part.


Similar Part No. - AD8676BRMZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8676BRMZ-REEL AD-AD8676BRMZ-REEL Datasheet
343Kb / 12P
   Ultraprecision, 36 V, 2.8 nV/?숰z Dual Rail-to-Rail Output Op Amp
REV. C
More results

Similar Description - AD8676BRMZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8675 AD-AD8675_07 Datasheet
366Kb / 12P
   36 V Precision, 2.8 nV/?숰z Rail-to-Rail Output Op Amp
REV. A
AD8675 AD-AD8675_16 Datasheet
378Kb / 13P
   36 V Precision, 2.8 nV/?숰z Rail-to-Rail Output Op Amp
AD8676 AD-AD8676_11 Datasheet
343Kb / 12P
   Ultraprecision, 36 V, 2.8 nV/?숰z Dual Rail-to-Rail Output Op Amp
REV. C
AD8675 AD-AD8675 Datasheet
296Kb / 12P
   36 V Precision, 2.8 nV/Hz Rail-to-Rail Output Op Amp
REV. 0
AD8675ARMZ AD-AD8675ARMZ Datasheet
303Kb / 12P
   36 V Precision, 2.8 nV/Hz Rail-to-Rail Output Op Amp
Rev. E
logo
Linear Technology
LT6011 LINER-LT6011_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
LT6012 LINER-LT6012_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
logo
Analog Devices
AD8676 AD-AD8676_15 Datasheet
343Kb / 12P
   Dual Rail-to-Rail Output Op Amp
REV. C
AD8622 AD-AD8622_09 Datasheet
590Kb / 20P
   Dual, Low Power, Precision Rail-to-Rail Output Op Amp
REV. 0
logo
Intersil Corporation
ISL28236 INTERSIL-ISL28236 Datasheet
715Kb / 13P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com