Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

18S-2010 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 18S-2010
Description  Hercules Encoder Accessories
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

18S-2010 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  18S-2010 Datasheet HTML 1Page - List of Unclassifed Manufacturers 18S-2010 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
24
Hercules Encoder Accessories
Connectors & Cable Assemblies
Series 1000, 2000, 3000, 4000, 6000, 7000
NEMA 12/13 (MS3102 6-pin male receptacle)
Part Number
Description
18-2000
NEMA 12/13: 6-pin MS3106A connector (hardware only)
18-2010
NEMA 12/13: 6-pin MS3106A connector with 10-foot cable
18-20xx
(Other cable lengths available)
Series 1000, 2000, 3000, 4000, 6000, 7000, H25/H35 NEMA 4 (MS3102E 6-pin male receptacle)
18S-2000
NEMA 4: 6-pin MS3106E connector (hardware only)
18S-2010
NEMA 4: 6-pin MS3106E connector with 10-foot cable
18S-20xx
(Other cable lengths available)
Series H25/H35, NEMA 4 type sealing (MS3102E 7-pin & 10-pin male receptacle)
18S-5000 18S-7000
NEMA 4: 10-pin7-pin MS3106E connector (hardware only)
18S-5010 18S-7010
NEMA 4: 10-pin7-pin MS3106E connector with 10-foot cable
18S-50xx
(Other cable lengths available)
18S-70xx
(Other cable lengths available)
Series 7000 NEMA 12/13 & NEMA 4 type sealing (MS3102[E] 3-pin male receptacle)
18-3000
NEMA 12/13: 3-pin MS3106A connector (hardware only)
18-3010
NEMA 12/13: 3-pin MS3106A connector with 10-foot cable
18S-3000
NEMA 4: 3-pin MS3106E connector (hardware only)
18S-3010
NEMA 4: 3-pin MS3106E connector with 10-foot cable
18x-30xx
(Other cable lengths available)
Mounting Brackets
Series 1000, 2000, 3000, 4000, 6000, 7000
80-0005
1 Axis Mounting (D-Style)
80-0007
1 Axis Mounting (Includes encoder angle adjust)
80-0008
2 Axis Mounting (Includes encoder angle adjust)
18 X — X XXX
Connector Type
blank=MS3106A S=MS3106E
Number of pins
2=6 pin
5=10 pin
3=3 pin
7=7 pin
Cable Length (ft)
000=Female plug only 010=10'
xxx=Custom length
020=20'
80
000 X
Adjustment Axis
5=1 axis (D-Style)
7=1 axis
8=2 axis


Similar Part No. - 18S-2010

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
18S-10 OHMITE-18S-10 Datasheet
286Kb / 3P
   Thru-Bolts and Mounting Brackets
More results

Similar Description - 18S-2010

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
GPH5V0-40 GALAXY-GPH5V0-40 Datasheet
91Kb / 8P
   HERCULES Series
logo
Taoglas antenna solutio...
A41A301111 TAOGLAS-A41A301111 Datasheet
2Mb / 15P
   Hercules Gen - Straight Screw Mont
logo
Texas Instruments
TMDX570LS31HDK TI-TMDX570LS31HDK Datasheet
535Kb / 24P
[Old version datasheet]   TMS570LS31x Hercules Development Kit (HDK)
logo
Taoglas antenna solutio...
MA120AQP001 TAOGLAS-MA120AQP001 Datasheet
3Mb / 14P
   Hercules GENII Screw mount 2in1
IS05B301111 TAOGLAS-IS05B301111 Datasheet
1Mb / 18P
   915 MHz Hercules ISM Band Antenna
MA104.C.W.AB.002 TAOGLAS-MA104.C.W.AB.002_18 Datasheet
1Mb / 26P
   MA104 2in1 Combination Hercules GPS/GALILEO
G21B301111 TAOGLAS-G21B301111 Datasheet
1Mb / 25P
   Hercules Gen.II Penta Band Cellular Antenna
MA104CAB015 TAOGLAS-MA104CAB015 Datasheet
1Mb / 26P
   MA104 GPS/GALILEO/Cellular Combination Hercules
logo
List of Unclassifed Man...
A01C301111 ETC2-A01C301111 Datasheet
339Kb / 8P
   GPS Hercules Heavy Duty Screw Mount Antenna
logo
Taoglas antenna solutio...
IS04B301111 TAOGLAS-IS04B301111 Datasheet
1Mb / 18P
   IS.04 868MHz Hercules ISM Band Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com