Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

311410003 Datasheet(PDF) 5 Page - ITT Industries

Part # 311410003
Description  Thumbwheel Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

311410003 Datasheet(HTML) 5 Page - ITT Industries

  311410003 Datasheet HTML 1Page - ITT Industries 311410003 Datasheet HTML 2Page - ITT Industries 311410003 Datasheet HTML 3Page - ITT Industries 311410003 Datasheet HTML 4Page - ITT Industries 311410003 Datasheet HTML 5Page - ITT Industries 311410003 Datasheet HTML 6Page - ITT Industries 311410003 Datasheet HTML 7Page - ITT Industries 311410003 Datasheet HTML 8Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
N–12
N
COLOR/MARKING/STOPS
SEAL
Signal traces cut except for common(s).
FIG. 1
FIG. 2
9
ANY COMBINATION OF TERMINATION
CONFIGURATIONS OR SPECIAL TERMINATIONS.
P
SOLDER PINS WITH .156” SPACING
N
SOLDER PINS WITH .100” SPACING
1
TYPE 1, EXTENDED TYPE 0
0
TYPE 0
3
SEALED SWITCHING CONTACTS AND DUST LENS
2
DUST LENS. (Protects the character face of the wheel from abrasion and dirt).
1
SEALED SWITCHING CONTACTS. (Sealing is by means of an o-ring rotary seal and a cured-in-place elastomer gasket.
Switching contact area is protected from moisture, oil, and airborne contaminants.)
0
UNSEALED SWITCHING CONTACTS.
0
MATTE BLACK HOUSING (Gloss black wheel with white characters; no stops.)
PC Board 1/32" (0,79) thick.
NOTE: See function codes, pages N–9 and N–10, for signal locations.
NOTE: Stop pins are available separately, see page N–14.
Dust Lens
NOTE: All terminal holes shown may not be present for all function codes, consult Customer Service Center.
Terminal connector available for termination options 0 & 1, see page N–14.
Specify on configuration form, page N–15
and consult Customer Service Center.
Terminal Location Numbers
C&K 3 Series
Thumbwheel Switches
TERMINATIONS
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
NOTE: Termination option N (RoHS compliant) replaced termination option 3 (Non-RoHS compliant).
Termination option P (RoHS compliant) replaced termination option B (Non-RoHS compliant).


Similar Part No. - 311410003

ManufacturerPart #DatasheetDescription
logo
Lumberg
311410 LUMBERG-311410 Datasheet
77Kb / 2P
   Minimodul??Steckverbinder, Raster 2,5 mm
311410 LUMBERG-311410 Datasheet
165Kb / 2P
   Mini modul-Leergehause zur Aufnahme von Crimp - kontakten, fur indirektes Stecken
311410 LUMBERG-311410 Datasheet
437Kb / 3P
   Minimodul connectors, pitch 2.5 mm
311410VP15 LUMBERG-311410VP15 Datasheet
437Kb / 3P
   Minimodul connectors, pitch 2.5 mm
More results

Similar Description - 311410003

ManufacturerPart #DatasheetDescription
logo
C&K Components
301100000 CK-COMPONENTS-301100000 Datasheet
387Kb / 8P
   Thumbwheel Switches
3 CK-COMPONENTS-3 Datasheet
1Mb / 8P
   Thumbwheel Switches
2020
302719P02 CK-COMPONENTS-302719P02 Datasheet
381Kb / 8P
   3 Series Thumbwheel Switches
logo
Omron Electronics LLC
A7MD OMRON-A7MD Datasheet
466Kb / 4P
   Ultra-small Thumbwheel-operated Switches
A7MA OMRON-A7MA Datasheet
109Kb / 5P
   Thumbwheel Switch
logo
List of Unclassifed Man...
A7CN ETC-A7CN Datasheet
101Kb / 5P
   Thumbwheel Switch
logo
Omron Electronics LLC
A7AS OMRON-A7AS Datasheet
77Kb / 4P
   Thumbwheel Switch
A7P-M OMRON-A7P-M Datasheet
1Mb / 25P
   Thumbwheel Switch
logo
Grayhill, Inc
62T22-N0-040C GRAYHILL-62T22-N0-040C Datasheet
258Kb / 2P
   Thumbwheel with Pushbutton
logo
Omron Electronics LLC
A7CN OMRON-A7CN Datasheet
493Kb / 6P
   Thumbwheel Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com