Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8667 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8667
Description  16V, 250 A Low Power, Low Noise Dual Precision CMOS Rail-to-Rail Output Operational Amplifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8667 Datasheet(HTML) 3 Page - Analog Devices

  AD8667 Datasheet HTML 1Page - Analog Devices AD8667 Datasheet HTML 2Page - Analog Devices AD8667 Datasheet HTML 3Page - Analog Devices AD8667 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Preliminary Technical Data
AD8667
Rev. PrA | Page 3 of 4
ELECTRICAL CHARACTERISTICS
(VS=16V, VCM = VS/2, TA=+25°C unless otherwise noted)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
INPUT CHARACTERISTICS
Offset Voltage
VOS
VSY = 8V, VCM = 3V
100
μV
VCM = -0.1V to +14.0V
30
300
μV
-40°< TA < +85°C
650
μV
-40°< TA < +125°C
750
μV
Input Bias Current
IB
0.3
1
pA
-40°< TA < +85°C
50
pA
-40°< TA < +125°C
300
pA
Input Offset Current
IOS
0.2
pA
-40°< TA < +85°C
20
pA
-40°< TA < +125°C
75
pA
Input Voltage Range
IVR
-0.1
14
V
Common-Mode Rejection Ratio
CMRR
VCM = -0.1V to +14.0V
80
95
dB
Large Signal Voltage Gain
AVO
RL=2 kΩ VO= 0.5V to+15.5V
70
85
V/mV
Offset Voltage Drift
ΔVOS/ΔT
3
μV/°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
IL = 1mA
15.8
15.9
V
IL = 10mA
15
15.2
V
-40°C < TA < +125°C
14.7
V
Output Voltage Low
VOL
IL = 1mA
51
80
mV
IL = 10mA
550
mV
-40°C < TA < +125°C
900
mV
Short Circuit Current
ISC
±10
mA
Closed Loop Output Impedance
ZOUT
f=100 kHz, AV = 1
100
Ω
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = 5V to 16V
80
95
dB
Supply Current/Amplifier
ISY
VO = 0V
250
μA
-40°< TA < +125°C
325
μA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL =2 kΩ
0.3
V/
μs
Settling Time
ts
To 0.1%, 0 V to 1V step
μs
Gain Bandwidth Product
GBP
550
kHz
Phase Margin
Øo
60
degrees
NOISE PERFORMANCE
Peak-to-Peak Noise
en p-p
f=0.1Hz to 10 Hz
3.5
μV p-p
Voltage Noise Density
en
f=1kHz
23
nV/
√Hz
Voltage Noise Density
en
f=10kHz
20
nV/
√Hz
Current Noise Density
in
f=1kHz
pA/
√Hz


Similar Part No. - AD8667

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8667 AD-AD8667 Datasheet
849Kb / 16P
   16 V, 250 關A, Dual Precision, CMOS, Rail-to-Rail Output Operational Amplifier
REV. 0
AD8667 AD-AD8667 Datasheet
825Kb / 16P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
Rev. A
AD8667 AD-AD8667 Datasheet
1Mb / 16P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
REV. B
AD8667 AD-AD8667 Datasheet
696Kb / 24P
   22 關A, RRIO, CMOS, 18 V
REV. B
AD8667 AD-AD8667 Datasheet
657Kb / 15P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
More results

Similar Description - AD8667

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8663 AD-AD8663 Datasheet
289Kb / 5P
   16V, 180關A Low Power, Low Noise, Single Precision CMOS Rail-to-Rail Output Operational Amplifiers
Rev. PrA
AD8605ARTZ AD-AD8605ARTZ Datasheet
836Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. N
AD8605 AD-AD8605 Datasheet
559Kb / 20P
   Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. D
AD8605 AD-AD8605_08 Datasheet
738Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. H
AD8603 AD-AD8603_05 Datasheet
457Kb / 20P
   Precision Micropower, Low Noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. B
AD8603 AD-AD8603 Datasheet
448Kb / 16P
   Precision Micropower, Low Noise CMOS, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8691 AD-AD8691 Datasheet
477Kb / 12P
   Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. B
AD8691 AD-AD8691_07 Datasheet
433Kb / 12P
   Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. C
ADA4691-2 AD-ADA4691-2 Datasheet
1Mb / 16P
   Dual, Low Power, Wideband, Low Noise, Rail-to-Rail Output, Operational Amplifiers
REV. A
logo
New Japan Radio
NJU7078 NJRC-NJU7078 Datasheet
1Mb / 12P
   Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com