Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70T9349L7BFI Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT70T9349L7BFI
Description  HIGH-SPEED 2.5V 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70T9349L7BFI Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT70T9349L7BFI Datasheet HTML 7Page - Integrated Device Technology IDT70T9349L7BFI Datasheet HTML 8Page - Integrated Device Technology IDT70T9349L7BFI Datasheet HTML 9Page - Integrated Device Technology IDT70T9349L7BFI Datasheet HTML 10Page - Integrated Device Technology IDT70T9349L7BFI Datasheet HTML 11Page - Integrated Device Technology IDT70T9349L7BFI Datasheet HTML 12Page - Integrated Device Technology IDT70T9349L7BFI Datasheet HTML 13Page - Integrated Device Technology IDT70T9349L7BFI Datasheet HTML 14Page - Integrated Device Technology IDT70T9349L7BFI Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
6.42
IDT70T9359/49L
High-Speed 2.5V 8/4K x 18 Dual-Port Synchronous Pipelined Static RAM
Industrial and Commercial Temperature Ranges
11
Preliminary
Timing Waveform of Pipelined Read-to-Write-to-Read (OE = VIL)(3)
Timing Waveform of Pipelined Read-to-Write-to-Read (OE Controlled)(3)
NOTES:
1. Transition is measured 0mV from Low or High-impedance voltage with the Output Test Load (Figure 2).
2. Output state (High, Low, or High-impedance) is determined by the previous cycle control signals.
3.
CE0, UB, LB, and ADS = VIL; CE1, CNTEN, and CNTRST = VIH. "NOP" is "No Operation".
4. Addresses do not have to be accessed sequentially since ADS = VIL constantly loads the address on the rising edge of the CLK; numbers are for
reference use only.
5. "NOP" is "No Operation." Data in memory at the selected address may be corrupted and should be re-written to guarantee data integrity.
R/W
ADDRESS
An
An +1
An + 2
An + 2
An + 3
An + 4
DATAIN
Dn + 2
CE0
CLK
5640 drw 10
Qn
Qn + 3
DATAOUT
CE1
UB, LB
tCD2
tCKHZ
tCKLZ
tCD2
tSC
tHC
tSB
tHB
tSW tHW
tSA
tHA
tCH2
tCL2
tCYC2
READ
NOP
READ
tSD tHD
(4)
(2)
(1)
(1)
tSW tHW
WRITE
(5)
R/
W
ADDRESS
An
An +1
An + 2
An + 3
An + 4
An + 5
DATAIN
Dn + 3
Dn + 2
CE0
CLK
5640 drw 11
DATAOUT
Qn
Qn + 4
CE1
UB, LB
OE
tCH2
tCL2
tCYC2
tCKLZ
(1)
tCD2
tOHZ
(1)
tCD2
tSD
tHD
READ
WRITE
READ
tSC
tHC
tSB
tHB
tSW tHW
tSA
tHA
(4)
(2)
tSW tHW


Similar Part No. - IDT70T9349L7BFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70T9159L IDT-IDT70T9159L Datasheet
188Kb / 16P
   HIGH-SPEED 2.5V 16/8K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70T9159L IDT-IDT70T9159L Datasheet
189Kb / 16P
   HIGH-SPEED 2.5V 16/8K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70T9159L12BF IDT-IDT70T9159L12BF Datasheet
189Kb / 16P
   HIGH-SPEED 2.5V 16/8K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70T9159L12BF1 IDT-IDT70T9159L12BF1 Datasheet
189Kb / 16P
   HIGH-SPEED 2.5V 16/8K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70T9159L12PF IDT-IDT70T9159L12PF Datasheet
189Kb / 16P
   HIGH-SPEED 2.5V 16/8K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results

Similar Description - IDT70T9349L7BFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT709359 IDT-IDT709359_15 Datasheet
685Kb / 15P
   HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT709359 RENESAS-IDT709359 Datasheet
320Kb / 16P
   HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
logo
Integrated Device Techn...
IDT709359 IDT-IDT709359 Datasheet
302Kb / 16P
   HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9359 IDT-IDT70V9359 Datasheet
306Kb / 16P
   HIGH-SPEED 3.3V 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70V9359 RENESAS-IDT70V9359 Datasheet
377Kb / 18P
   HIGH-SPEED 3.3V 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
MARCH 2018
logo
Integrated Device Techn...
IDT70V9359 IDT-IDT70V9359_10 Datasheet
196Kb / 17P
   HIGH-SPEED 3.3V 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70T35 IDT-IDT70T35 Datasheet
159Kb / 21P
   HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
709389L RENESAS-709389L Datasheet
339Kb / 16P
   HIGH-SPEED 64K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
APRIL 2019
logo
Integrated Device Techn...
IDT709099L IDT-IDT709099L_15 Datasheet
686Kb / 16P
   HIGH-SPEED 128K x 8 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709099L IDT-IDT709099L Datasheet
184Kb / 15P
   HIGH-SPEED 128K x 8 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com