Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70T9349L7BFI Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT70T9349L7BFI
Description  HIGH-SPEED 2.5V 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70T9349L7BFI Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT70T9349L7BFI Datasheet HTML 1Page - Integrated Device Technology IDT70T9349L7BFI Datasheet HTML 2Page - Integrated Device Technology IDT70T9349L7BFI Datasheet HTML 3Page - Integrated Device Technology IDT70T9349L7BFI Datasheet HTML 4Page - Integrated Device Technology IDT70T9349L7BFI Datasheet HTML 5Page - Integrated Device Technology IDT70T9349L7BFI Datasheet HTML 6Page - Integrated Device Technology IDT70T9349L7BFI Datasheet HTML 7Page - Integrated Device Technology IDT70T9349L7BFI Datasheet HTML 8Page - Integrated Device Technology IDT70T9349L7BFI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
6.42
IDT70T9359/49L
High-Speed 2.5V 8/4K x 18 Dual-Port Synchronous Pipelined Static RAM
Industrial and Commercial Temperature Ranges
5
Preliminary
Recommended Operating
Temperature and Supply Voltage
Recommended DC Operating
Conditions
Absolute Maximum Ratings(1)
NOTES:
1.
These parameters are determined by device characterization, but are not
production tested.
2. 3dV references the interpolated capacitance when the input and output switch
from 0V to 3V or from 3V to 0V.
3. COUT also references CI/O.
Capacitance(1)
(TA = +25°C, f = 1.0MHZ)
Truth Table II—Address Counter Control(1,2)
NOTES:
1. VIL > -1.5V for pulse width less than 10 ns.
2. VTERM must not exceed VDD +0.3V.
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated
in the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
2. VTERM must not exceed VDD + 0.3V for more than 25% of the cycle time or 10ns
maximum, and is limited to < 20mA for the period of VTERM > VDD + 0.3V.
NOTES:
1. This is the parameter TA. This is the "instant on" case temperature.
External
Address
Previous
Internal
Address
Internal
Address
Used
CLK
ADS
CNTEN
CNTRST
I/O(3)
MODE
An
X
An
L
(4)
XH
DI/O (n)
External Ad dress Used
XAn
An + 1
H
L(5)
HDI/O(n+1)
Counte r Enable d—Inte rnal Add re ss ge ne ration
X
An + 1
An + 1
HH
H
DI/O(n+1)
E xternal Addre ss Blocke d— Counte r d isab le d (An + 1 re used )
XX
A0
XX
L(4)
DI/O(0)
Counte r Reset to Ad dress 0
5640 tbl 03
Grade
Ambient
Temperature
(1)
GND
VDD
Commercial
0OC to +70OC0V
2.5V
+ 100mV
Industrial
-40OC to +85OC0V
2.5V
+ 100mV
5640 tbl 04
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
2.4
2.5
2.6
V
VSS
Ground
0
0
0
V
VIH
Input High Voltage
1.7
____
VDD+0.3V(2)
V
VIL
Input Low Voltage
-0.3(1)
____
0.7
V
5640 tbl 05
Symbol
Rating
Commercial
& Industrial
Unit
VTERM(2)
Terminal Voltage
with Respect to
GND
-0.5 to +3.6
V
TBIAS
Temperature
Under Bias
-55 to +125
oC
TSTG
Storage
Temperature
-65 to +150
oC
IOUT
DC Output Current
50
mA
5640 tbl 06
Symbol
Parameter
Conditions
(2)
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
9
pF
COUT
(3)
Output Capacitance
VOUT = 3dV
10
pF
5640 tbl 07
NOTES:
1. "H" = VIH, "L" = VIL, "X" = Don't Care.
2.
CE0, LB, UB, and OE = VIL; CE1 and R/W = VIH.
3. Outputs configured in Flow-Through Output mode: if outputs are in Pipelined mode the data out will be delayed by one cycle.
4.
ADS and CNTRST are independent of all other signals including CE0, CE1, UB and LB.
5. The address counter advances if
CNTEN = VIL on the rising edge of CLK, regardless of all other signals including CE0, CE1, UB and LB.


Similar Part No. - IDT70T9349L7BFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70T9159L IDT-IDT70T9159L Datasheet
188Kb / 16P
   HIGH-SPEED 2.5V 16/8K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70T9159L IDT-IDT70T9159L Datasheet
189Kb / 16P
   HIGH-SPEED 2.5V 16/8K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70T9159L12BF IDT-IDT70T9159L12BF Datasheet
189Kb / 16P
   HIGH-SPEED 2.5V 16/8K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70T9159L12BF1 IDT-IDT70T9159L12BF1 Datasheet
189Kb / 16P
   HIGH-SPEED 2.5V 16/8K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70T9159L12PF IDT-IDT70T9159L12PF Datasheet
189Kb / 16P
   HIGH-SPEED 2.5V 16/8K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results

Similar Description - IDT70T9349L7BFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT709359 IDT-IDT709359_15 Datasheet
685Kb / 15P
   HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT709359 RENESAS-IDT709359 Datasheet
320Kb / 16P
   HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
logo
Integrated Device Techn...
IDT709359 IDT-IDT709359 Datasheet
302Kb / 16P
   HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9359 IDT-IDT70V9359 Datasheet
306Kb / 16P
   HIGH-SPEED 3.3V 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70V9359 RENESAS-IDT70V9359 Datasheet
377Kb / 18P
   HIGH-SPEED 3.3V 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
MARCH 2018
logo
Integrated Device Techn...
IDT70V9359 IDT-IDT70V9359_10 Datasheet
196Kb / 17P
   HIGH-SPEED 3.3V 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70T35 IDT-IDT70T35 Datasheet
159Kb / 21P
   HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
709389L RENESAS-709389L Datasheet
339Kb / 16P
   HIGH-SPEED 64K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
APRIL 2019
logo
Integrated Device Techn...
IDT709099L IDT-IDT709099L_15 Datasheet
686Kb / 16P
   HIGH-SPEED 128K x 8 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709099L IDT-IDT709099L Datasheet
184Kb / 15P
   HIGH-SPEED 128K x 8 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com