Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OE-38GXS17C Datasheet(PDF) 2 Page - Nel Frequency Controls,inc

Part # OE-38GXS17C
Description  HF/UHF OCXO Low Power
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

OE-38GXS17C Datasheet(HTML) 2 Page - Nel Frequency Controls,inc

  OE-38GXS17C Datasheet HTML 1Page - Nel Frequency Controls,inc OE-38GXS17C Datasheet HTML 2Page - Nel Frequency Controls,inc OE-38GXS17C Datasheet HTML 3Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CRYSTAL OSCILLATORS
Rev. A
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com
www.nelfc.com
Data Sheet 0635D
Specifications
Parameter Symb
Condition
Min
Typ
Max
Unit
Note
OE-X8GXXXXX Series HF/UHF OCXO Low Power
Absolute Maximum Ratings
Input Break
Down Voltage
Vcc
-0.5
5.5
V
Storage temp.
Ts
-40
85
° C
Contr. Voltage
Vc
-1
9
V
Electrical
Frequency
Range
F
CMOS
Sine-wave
30
30
200
1,000
MHz
Input Voltage
Vcc
3.135
4.75
3.30
5.0
3.465
5.25
V
3
5
Input Current
Icc
90
160
mA
@ 100 MHz, 3.3V
@ 622 MHz, 3.3V
Frequency
Stability
ΔF/F
vs. Temperature
vs. Vcc
aging
±50
±2
±0.1
±0.5
ppb
ppb/V
ppm/year
ppm
See chart
First Year
15 years
Calibration
ΔF/F
As shipped, 25ºC
±0.1
ppm
Load
CMOS
Sine
15pF/10KOhm
Internally AC-coupled 50 Ohm
Duty cycle
@50%
45
50
55
%
CMOS
Rise/Fall time
Tr/Tf
20 to 80 %
3
ns
CMOS
Logic "1" level
Voh
CMOS
0.9Vcc
V
Logic "0" level
Vol
CMOS
0.1Vcc
V
Output power
P
Sinewave Into 50
Ohm
0
4
3
7
dBm
3.3V
5.0V
Start up time
Ts
2
10
ms
Phase jitter
1
σ
0.4
0.2
1
0.4
ps
100 Hz to 20 MHz
12 KHz to 20 MHz
Subharmonics
Sine
CMOS, Sine
-45
-40
none
dBc
F>250MHz
F< 250 MHz
Spurious
-60
dBc
Harmonics
Sine-wave
-30
-25
dBc
SSB Phase Noise
@10 Hz
@100 Hz
@1 KHz
@10 KHz
@100 KHz
-100
-125
-140
-160
-165
dBc/Hz
@100 MHz
SSB Phase Noise
@10 Hz
@100 Hz
@1 KHz
@10 KHz
@100 KHz
-80
-100
-120
-145
-150
dBc/Hz
@622 MHz;
Sine
Input
Impedance
> 10KOhm
Control voltage
Vc
0
3.3
V
Modulation
bandwidth
MB
100 Hz
Contact Factory for
wider MB
Deviation
Vc=0V to 3.3V,25°C
±0.5
±1.0
ppm


Similar Part No. - OE-38GXS17C

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
OE-08HS17AL NEL-OE-08HS17AL Datasheet
40Kb / 3P
   Precision SC-cut OCXO in 36x27 mm ?쏣uropack?
OE-08HS17AP NEL-OE-08HS17AP Datasheet
40Kb / 3P
   Precision SC-cut OCXO in 36x27 mm ?쏣uropack?
OE-08HS17AS NEL-OE-08HS17AS Datasheet
40Kb / 3P
   Precision SC-cut OCXO in 36x27 mm ?쏣uropack?
OE-08HS17BL NEL-OE-08HS17BL Datasheet
40Kb / 3P
   Precision SC-cut OCXO in 36x27 mm ?쏣uropack?
OE-08HS17BP NEL-OE-08HS17BP Datasheet
40Kb / 3P
   Precision SC-cut OCXO in 36x27 mm ?쏣uropack?
More results

Similar Description - OE-38GXS17C

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
OH-X8FXXXXX NEL-OH-X8FXXXXX Datasheet
51Kb / 3P
   HF/UHF OCXO Low Power SMD
logo
List of Unclassifed Man...
SG-XA3XXXX ETC1-SG-XA3XXXX Datasheet
162Kb / 3P
   HF/UHF SMD TCVCXO
logo
Advanced XTAL Products
AXPLO2600 AXTAL-AXPLO2600 Datasheet
192Kb / 4P
   UHF Ultra-Low Noise Phase-Locked OCXO (PLOCXO)
logo
Raltron Electronics Cor...
VS9P RALTRON-VS9P Datasheet
589Kb / 3P
   LOW COST UHF/HF VCXO, LVPECL, 3.3 VDC
logo
Nel Frequency Controls,...
AA-X2D6XXX-X NEL-AA-X2D6XXX-X Datasheet
152Kb / 3P
   LVDS HF/UHF CLOCK (XO)
logo
Advanced XTAL Products
AXIOM1000 AXTAL-AXIOM1000 Datasheet
117Kb / 4P
   UHF Ultra-Low Phase Noise OCXO in Connectorized Package
logo
Nel Frequency Controls,...
AA-X29LXXX NEL-AA-X29LXXX Datasheet
207Kb / 3P
   LVPECL HF/UHF CLOCK (XO)
logo
STMicroelectronics
STAC2942B STMICROELECTRONICS-STAC2942B Datasheet
580Kb / 16P
   HF/VHF/UHF RF power N-channel MOSFETs
January 2014 Rev 7
STAC4932B STMICROELECTRONICS-STAC4932B_V01 Datasheet
299Kb / 13P
   HF/VHF/UHF RF power N-channel MOSFET
Rev 8 - April 2020
SD2943W STMICROELECTRONICS-SD2943W Datasheet
522Kb / 15P
   HF/VHF/UHF RF power N-channel MOSFETs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com