Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OE-58GXS17C Datasheet(PDF) 1 Page - Nel Frequency Controls,inc

Part # OE-58GXS17C
Description  HF/UHF OCXO Low Power
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

OE-58GXS17C Datasheet(HTML) 1 Page - Nel Frequency Controls,inc

  OE-58GXS17C Datasheet HTML 1Page - Nel Frequency Controls,inc OE-58GXS17C Datasheet HTML 2Page - Nel Frequency Controls,inc OE-58GXS17C Datasheet HTML 3Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CRYSTAL OSCILLATORS
Rev. A
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com
www.nelfc.com
Data Sheet 0635D
OCXO/OCVCXO Option
Code
Specification
X
No V. Control
V
W/ V. Control
OE-X8GXXXXX Series
HF/UHF OCXO Low Power
OE – X 8G X X
XX
X
Package Code
OE
5 pin 26 x 27mm
Description: The OE-X8GXXXXX Series of Oven
Controlled Crystal Oscillators (OCXO) provides High and Ultra
High Frequency with SC-cut stability performance, extremely low
phase noise and power consumption, with variety of different
output types in a standard 1.4x1” package – “Europack”.
Features
• Very Low Power Consumption
• Very Low Phase Noise
• Excellent SC-cut Frequency Stability
• Ultra High Frequency – up to 1 GHz
• CMOS, Sine-Wave outputs available
• Stratum3E available
Supply Voltage
Code
Specification
5
5V ±5%
3
3.3V ±5%
Temperature Range
Code
Specification
A
0°C to 50°C
B
-10°C to 60°C
C
0°C to 70°C
D
-20°C to 70°C
E
-30°C to 70°C
F
-40°C to 80°C
Creating a Part Number
Temperature Stability
Code
Specification
17
1x10
-7
58
5x10
-8
28
2x10
-8
18
1x10
-8
YZ
Yx10
-Z
Output Type
Code
Specification
C
CMOS
S
Sine-wave
0.70 (17,78 mm)
1.42 (36,1 mm)
1
2
5
0.50 (12,7 mm)
0.25 (6,35 mm)
1.00 (25,40 mm)
3
4
Ø0.030 (0,76 mm) TYP
1.07 (27,20 mm)


Similar Part No. - OE-58GXS17C

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
OE-08HS17AL NEL-OE-08HS17AL Datasheet
40Kb / 3P
   Precision SC-cut OCXO in 36x27 mm ?쏣uropack?
OE-08HS17AP NEL-OE-08HS17AP Datasheet
40Kb / 3P
   Precision SC-cut OCXO in 36x27 mm ?쏣uropack?
OE-08HS17AS NEL-OE-08HS17AS Datasheet
40Kb / 3P
   Precision SC-cut OCXO in 36x27 mm ?쏣uropack?
OE-08HS17BL NEL-OE-08HS17BL Datasheet
40Kb / 3P
   Precision SC-cut OCXO in 36x27 mm ?쏣uropack?
OE-08HS17BP NEL-OE-08HS17BP Datasheet
40Kb / 3P
   Precision SC-cut OCXO in 36x27 mm ?쏣uropack?
More results

Similar Description - OE-58GXS17C

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
OH-X8FXXXXX NEL-OH-X8FXXXXX Datasheet
51Kb / 3P
   HF/UHF OCXO Low Power SMD
logo
List of Unclassifed Man...
SG-XA3XXXX ETC1-SG-XA3XXXX Datasheet
162Kb / 3P
   HF/UHF SMD TCVCXO
logo
Advanced XTAL Products
AXPLO2600 AXTAL-AXPLO2600 Datasheet
192Kb / 4P
   UHF Ultra-Low Noise Phase-Locked OCXO (PLOCXO)
logo
Raltron Electronics Cor...
VS9P RALTRON-VS9P Datasheet
589Kb / 3P
   LOW COST UHF/HF VCXO, LVPECL, 3.3 VDC
logo
Nel Frequency Controls,...
AA-X2D6XXX-X NEL-AA-X2D6XXX-X Datasheet
152Kb / 3P
   LVDS HF/UHF CLOCK (XO)
logo
Advanced XTAL Products
AXIOM1000 AXTAL-AXIOM1000 Datasheet
117Kb / 4P
   UHF Ultra-Low Phase Noise OCXO in Connectorized Package
logo
Nel Frequency Controls,...
AA-X29LXXX NEL-AA-X29LXXX Datasheet
207Kb / 3P
   LVPECL HF/UHF CLOCK (XO)
logo
STMicroelectronics
STAC2942B STMICROELECTRONICS-STAC2942B Datasheet
580Kb / 16P
   HF/VHF/UHF RF power N-channel MOSFETs
January 2014 Rev 7
STAC4932B STMICROELECTRONICS-STAC4932B_V01 Datasheet
299Kb / 13P
   HF/VHF/UHF RF power N-channel MOSFET
Rev 8 - April 2020
SD2943W STMICROELECTRONICS-SD2943W Datasheet
522Kb / 15P
   HF/VHF/UHF RF power N-channel MOSFETs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com