Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72T51256L6BBI Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT72T51256L6BBI
Description  2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 36 BIT WIDE CONFIGURATION 589,824 bits, 1,179,648 bits and 2,359,296 bits
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72T51256L6BBI Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT72T51256L6BBI Datasheet HTML 7Page - Integrated Device Technology IDT72T51256L6BBI Datasheet HTML 8Page - Integrated Device Technology IDT72T51256L6BBI Datasheet HTML 9Page - Integrated Device Technology IDT72T51256L6BBI Datasheet HTML 10Page - Integrated Device Technology IDT72T51256L6BBI Datasheet HTML 11Page - Integrated Device Technology IDT72T51256L6BBI Datasheet HTML 12Page - Integrated Device Technology IDT72T51256L6BBI Datasheet HTML 13Page - Integrated Device Technology IDT72T51256L6BBI Datasheet HTML 14Page - Integrated Device Technology IDT72T51256L6BBI Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 62 page
background image
11
IDT72T51236/72T51246/72T51256 2.5V, MULTI-QUEUE FLOW-CONTROL DEVICES
(4 QUEUES) 36 BIT WIDE CONFIGURATION 589,824, 1,179,648 and 2,359,296 bits
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
PIN DESCRIPTIONS (CONTINUED)
REN
Read Enable
HSTL-LVTTL The
RENinputenablesreadoperationsfromaselectedqueuebasedonarisingedgeofRCLK.Aqueue
(T11)
INPUT
to be read from can be selected via RCLK, RADEN and the RDADD address bus regardless of the state
of
REN.DatafromanewlyselectedqueuewillbeavailableontheQoutoutputbusonthesecondRCLK
cycle after queue selection regardless of
RENduetotheFWFToperation.Areadenableisnotrequired
to cycle the
PAEn/PRn bus (in polled mode) or to select the device, (in direct mode).
SCLK
Serial Clock
HSTL-LVTTL If serial programming of the multi-queue device has been selected during master reset, the SCLK input
(N3)
INPUT
clocks the serial data through the multi-queue device. Data setup on the SI input is loaded into the device
ontherisingedgeofSCLKprovidedthat
SENIisenabled,LOW.Whenexpansionofdevicesisperformed
the SCLK of all devices should be connected to the same source.
SENI
Serial Input
HSTL-LVTTL During serial programming of a multi-queue device, data loaded onto the SI input will be clocked into the
(M2)
Enable
INPUT
part (via a rising edge of SCLK), provided the
SENI input of that device is LOW. If multiple devices are
cascaded, the
SENIinputshouldbeconnectedtotheSENOoutputofthepreviousdevice.Sowhenserial
loading of a given device is complete, its
SENO output goes LOW, allowing the next device in the chain
to be programmed (
SENOwillfollowSENIofagivendeviceoncethatdeviceisprogrammed).TheSENI
input of the master device (or single device), should be controlled by the user.
SENO
SerialOutput
HSTL-LVTTL This output is used to indicate that serial programming or default programming of the multi-queue device
(M1)
Enable
OUTPUT
has been completed.
SENOfollowsSENIonceprogrammingofadeviceiscomplete.Therefore,SENO
will go LOW after programming provided
SENI is LOW, once SENI istakenHIGHagain,SENOwillalso
go HIGH. When the
SENOoutputgoesLOW,thedeviceisreadytobeginnormalread/writeoperations.
If multiple devices are cascaded and serial programming of the devices will be used, the
SENO output
should be connected to the
SENI input of the next device in the chain. When serial programming of the
first device is complete,
SENO will go LOW, thereby taking the SENI input of the next device LOW and
so on throughout the chain. When a given device in the chain is fully programmed the
SENO output
essentiallyfollowsthe
SENIinput.TheusershouldmonitortheSENOoutputofthefinaldeviceinthechain.
When this output goes LOW, serial loading of all devices has been completed.
SI
Serial In
HSTL-LVTTL Duringserialprogrammingthispinisloadedwiththeserialdatathatwillconfigurethemulti-queuedevices.
(L1)
INPUT
Data present on SI will be loaded on a rising edge of SCLK provided that
SENI is LOW. In expansion
modetheserialdatainputisloadedintothefirstdeviceinachain.Whenthatdeviceisloadedandits
SENO
hasgoneLOW,thedatapresentonSIwillbedirectlyoutputtotheSOoutput.TheSOpinofthefirstdevice
connects to the SI pin of the second and so on. The multi-queue device setup registers are shift registers.
SO
Serial Out
HSTL-LVTTL This output is used in expansion mode and allows serial data to be passed through devices in the chain
(M3)
OUTPUT
to complete programming of all devices. The SI of a device connects to SO of the previous device in the
chain. The SO of the final device in a chain should not be connected.
TCK(2)
JTAG Clock
LVTTL
ClockinputforJTAGfunction.OneoffourterminalsrequiredbyIEEEStandard1149.1-1990.Testoperations
(A8)
INPUT
of the device are synchronous to TCK. Data from TMS and TDI are sampled on the rising edge of TCK and
outputschangeonthefallingedgeofTCK.IftheJTAGfunctionisnotusedthissignalneedstobetiedtoGND.
TDI(2)
JTAG Test Data
LVTTL
OneoffourterminalsrequiredbyIEEEStandard1149.1-1990.DuringtheJTAGboundaryscanoperation,
(B9)
Input
INPUT
testdataseriallyloadedviatheTDIontherisingedgeofTCKtoeithertheInstructionRegister,IDRegister
and Bypass Register. An internal pull-up resistor forces TDI HIGH if left unconnected.
TDO(2)
JTAG Test Data
LVTTL
OneoffourterminalsrequiredbyIEEEStandard1149.1-1990.DuringtheJTAGboundaryscanoperation,
(A9)
Output
OUTPUT
test data serially loaded output via the TDO on the falling edge of TCK from either the Instruction Register,
ID Register and Bypass Register. This output is high impedance except when shifting, while in SHIFT-
DR and SHIFT-IR controller states.
TMS(2)
JTAG Mode
LVTTL
TMS is a serial input pin. One of four terminals required by IEEE Standard 1149.1-1990. TMS directs the
(B8)
Select
INPUT
device through its TAP controller states. An internal pull-up resistor forces TMS HIGH if left unconnected.
TRST(2)
JTAG Reset
LVTTL
TRSTisanasynchronousresetpinfortheJTAGcontroller.TheJTAGTAPcontrollerdoesnotautomatically
(C7)
INPUT
resetuponpower-up,thusitmustberesetbyeitherthissignalorbysettingTMS=HIGHforfiveTCKcycles.
If the TAP controller is not properly reset then the outputs will always be in high-impedance. If the JTAG
function is used but the user does not want to use
TRST, then TRST can be tied with MRS to ensure
proper queue operation. If the JTAG function is not used then this signal needs to be tied to GND. An
internal pull-up resistor forces
TRSTHIGH if left unconnected.
Symbol &
Name
I/O TYPE
Description
Pin No.


Similar Part No. - IDT72T51256L6BBI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72T51253 IDT-IDT72T51253 Datasheet
532Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51253L5BB IDT-IDT72T51253L5BB Datasheet
532Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51253L5BBI IDT-IDT72T51253L5BBI Datasheet
532Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51253L6BB IDT-IDT72T51253L6BB Datasheet
532Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51253L6BBI IDT-IDT72T51253L6BBI Datasheet
532Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
More results

Similar Description - IDT72T51256L6BBI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72T51333 IDT-IDT72T51333 Datasheet
524Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 36 BIT WIDE CONFIGURATION 589,824 bits, 1,179,648 bits and 2,359,296 bits
IDT72T51233 IDT-IDT72T51233 Datasheet
532Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51546 IDT-IDT72T51546 Datasheet
610Kb / 64P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
logo
Renesas Technology Corp
IDT72V51236 RENESAS-IDT72V51236 Datasheet
650Kb / 57P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 36 BIT WIDE CONFIGURATION
JUNE 2003
logo
Integrated Device Techn...
IDT72T51543 IDT-IDT72T51543 Datasheet
539Kb / 57P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 18 BIT WIDE CONFIGURATION
logo
Renesas Technology Corp
IDT72V51436 RENESAS-IDT72V51436 Datasheet
673Kb / 58P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (16 QUEUES) 36 BIT WIDE CONFIGURATION
JUNE 2003
IDT72V51233 RENESAS-IDT72V51233 Datasheet
662Kb / 51P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 18 BIT WIDE CONFIGURATION
FEBRUARY 2009
logo
Integrated Device Techn...
IDT72V51233 IDT-IDT72V51233 Datasheet
464Kb / 50P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 18 BIT WIDE CONFIGURATION
logo
Renesas Technology Corp
IDT72V51433 RENESAS-IDT72V51433 Datasheet
594Kb / 51P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (16 QUEUES) 18 BIT WIDE CONFIGURATION
JUNE 2003
logo
Integrated Device Techn...
IDT72T6360 IDT-IDT72T6360 Datasheet
483Kb / 51P
   2.5V SEQUENTIAL FLOW-CONTROL DEVICE 36 BIT WIDE CONFIGURATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com