Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AB-029NNDK Datasheet(PDF) 2 Page - Nel Frequency Controls,inc

Part # AB-029NNDK
Description  PECL/LVPECL UHF XO
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

AB-029NNDK Datasheet(HTML) 2 Page - Nel Frequency Controls,inc

  AB-029NNDK Datasheet HTML 1Page - Nel Frequency Controls,inc AB-029NNDK Datasheet HTML 2Page - Nel Frequency Controls,inc AB-029NNDK Datasheet HTML 3Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CRYSTAL OSCILLATORS
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com www.nelfc.com
Data Sheet 0645A
AB-X29NXXX Series
Drawing Specification
OUTLINE TOLERANCE:
±0.015” / 0.4mm
(Unless otherwise
specified)
PIN FUNCTIONS:
[1] N/C
[2] EN / DIS or N/C
[3] CASE / GROUND
[4] OUTPUT
[5] COMP. OUTPUT
[6] SUPPLY VOLTAGE
MARKING (EXAMPLE):
AB-XXXX
Environmental and Mechanical Characteristics
Operating temp.
range
see part # table
Mechanical Shock
Per MIL-STD-202, Method 213, Cond. A
Thermal Shock
Per MIL-STD-883, Method 1011, Cond. A
Vibration
Per MIL-STD-883, Method 2007, Cond. A
Hermetic Seal
Leak rate less than 1x10-8 atm.cc/s of helium , crystal only.
Soldering conditions
See MAX reflow profile below
MAX Reflow Profile
0.55 (14 mm)
0.35 (9 mm)
0.24 (6.1 mm)
0.200 (5.08 mm)
0.300 (7.62 mm)
1
2
3
4
5
6
0.045 (1.14 mm)
0.050 (1.27 mm)
0.200 (10.2 mm)
0.100 (5.1 mm)
0.060 (1.52 mm)
RECOMMENDED PAD LAYOUT


Similar Part No. - AB-029NNDK

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AB-0151BD-01WA-G10-S A-BRIGHT-AB-0151BD-01WA-G10-S Datasheet
205Kb / 3P
   HIGH POWER LED BULB
7/2/2007
AB-0151BD-12V0-M00-S A-BRIGHT-AB-0151BD-12V0-M00-S Datasheet
200Kb / 3P
   HIGH POWER LED BULB
7/2/2007
AB-0151BD-24V0-M00-S A-BRIGHT-AB-0151BD-24V0-M00-S Datasheet
201Kb / 3P
   HIGH POWER LED BULB
7/2/2007
AB-0151GD-01WA-G10-S A-BRIGHT-AB-0151GD-01WA-G10-S Datasheet
205Kb / 3P
   HIGH POWER LED BULB
7/2/2007
AB-0151GD-12V0-M00-S A-BRIGHT-AB-0151GD-12V0-M00-S Datasheet
200Kb / 3P
   HIGH POWER LED BULB
7/2/2007
More results

Similar Description - AB-029NNDK

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SU-X29PXXX-X NEL-SU-X29PXXX-X Datasheet
160Kb / 4P
   PECL/LVPECL UHF XO
AB-X29NXXX-X NEL-AB-X29NXXX-X Datasheet
157Kb / 3P
   PECL/LVPECL UHF XO
AB-X29SXXX-X NEL-AB-X29SXXX-X Datasheet
148Kb / 3P
   PECL/LVPECL HF XO
SD-X29JXXX-X NEL-SD-X29JXXX-X Datasheet
163Kb / 3P
   LVPECL UHF CLOCK (XO)
SD-X29KXXX-X NEL-SD-X29KXXX-X Datasheet
163Kb / 3P
   LVPECL UHF CLOCK (XO)
SD-A29KXXX NEL-SD-A29KXXX Datasheet
243Kb / 3P
   LVPECL UHF CLOCK (XO)
SD-A29JXXX NEL-SD-A29JXXX Datasheet
355Kb / 3P
   LVPECL UHF CLOCK (XO)
AB-X36DXXX NEL-AB-X36DXXX Datasheet
140Kb / 3P
   PECL/LVPECL UHF VCXO
AB-X36DXX-X NEL-AB-X36DXX-X Datasheet
159Kb / 3P
   PECL/LVPECL UHF VCXO
AA-X29LXXX NEL-AA-X29LXXX Datasheet
207Kb / 3P
   LVPECL HF/UHF CLOCK (XO)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com