Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70T9359L9PF Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT70T9359L9PF
Description  HIGH-SPEED 2.5V 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70T9359L9PF Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT70T9359L9PF Datasheet HTML 1Page - Integrated Device Technology IDT70T9359L9PF Datasheet HTML 2Page - Integrated Device Technology IDT70T9359L9PF Datasheet HTML 3Page - Integrated Device Technology IDT70T9359L9PF Datasheet HTML 4Page - Integrated Device Technology IDT70T9359L9PF Datasheet HTML 5Page - Integrated Device Technology IDT70T9359L9PF Datasheet HTML 6Page - Integrated Device Technology IDT70T9359L9PF Datasheet HTML 7Page - Integrated Device Technology IDT70T9359L9PF Datasheet HTML 8Page - Integrated Device Technology IDT70T9359L9PF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
6.42
IDT70T9359/49L
High-Speed 2.5V 8/4K x 18 Dual-Port Synchronous Pipelined Static RAM
Industrial and Commercial Temperature Ranges
3
Preliminary
70T9359/49BF
BF100(5)
100-Pin fpBGA
Top View(6)
NOTES:
1. A12 is a NC for IDT70T9349.
2. All VDD pins must be connected to power supply.
3. All VSS pins must be connected to ground supply.
4. Package body is approximately 10mm x 10mm x 1.4mm with 0.8mm ball pitch.
5. This package code is used to reference the package diagram.
6. This text does not indicate orientation of the actual part-marking.
C10
I/O3R
D8
I/O8R
C8
I/O11R
A9
I/O10R
D9
I/O5R
C9
I/O7R
B9
I/O9R
D10
I/O1R
C7
I/O15R
B8
I/O12R
A8
I/O13R
A10
I/O17R
D7
I/O14R
B7
PL/FTR
A7
Vss
B6
OER
C6
I/O16R
D6
CE0R
A5
Vss
B5
R/WR
C5
CE1R
D5
LBR
A4
CNTRSTR
B4
C4
A9R
D4
A2R
A3
UBR
B3
A10R
C3
A5R
D3
A1R
D2
CLKR
C2
A4R
B2
A7R
A2
A11R
A1
A8R
B1
A6R
C1
A3R
D1
A0R
E1
Vss
E2
ADSR
E3
CNTENR
E4
A1L
F1
Vss
F2
CLKL
F3
A0L
F4
A3L
G1
CNTENL
G2
A4L
G3
A7L
G4
UBL
H1
A2L
H2
A6L
H3
A11L
H4
CE0L
J1
A5L
J2
A9L
J3
A12L(1)
J4
R/WL
K1
A8L
K2
A10L
K3
LBL
K4
CE1L
A6
Vss
B10
I/O6R
E5
ADSL
E6
Vss
E7
I/O4R
E8
I/O2R
E9
I/O0R
E10
VDD
F5
VDD
F6
Vss
F8
I/O2L
F9
I/O1L
F10
I/O0L
G5
Vss
G6
I/O13L
G7
NC
G8
I/O4L
G9
Vss
G10
I/O3L
H5
CNTRSTL
H6
I/O15L
H7
I/O9L
H8
I/O7L
H9
I/O6L
H10
I/O5L
J5
OEL
J6
PL/FTL
J7
I/O12L
J8
I/O10L
J9
Vss
J10
I/O8L
K5
VDD
K6
VDD
K7
I/O16L
K8
I/O14L
K9
I/O11L
K10
I/O17L
F7
VDD
5 640 drw 03
,
0 6/07/02
A12R(1)
Pin Configurations (con't.)(1,2,3,4)


Similar Part No. - IDT70T9359L9PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70T9159L IDT-IDT70T9159L Datasheet
188Kb / 16P
   HIGH-SPEED 2.5V 16/8K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70T9159L IDT-IDT70T9159L Datasheet
189Kb / 16P
   HIGH-SPEED 2.5V 16/8K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70T9159L12BF IDT-IDT70T9159L12BF Datasheet
189Kb / 16P
   HIGH-SPEED 2.5V 16/8K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70T9159L12BF1 IDT-IDT70T9159L12BF1 Datasheet
189Kb / 16P
   HIGH-SPEED 2.5V 16/8K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70T9159L12PF IDT-IDT70T9159L12PF Datasheet
189Kb / 16P
   HIGH-SPEED 2.5V 16/8K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results

Similar Description - IDT70T9359L9PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT709359 IDT-IDT709359_15 Datasheet
685Kb / 15P
   HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT709359 RENESAS-IDT709359 Datasheet
320Kb / 16P
   HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
logo
Integrated Device Techn...
IDT709359 IDT-IDT709359 Datasheet
302Kb / 16P
   HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9359 IDT-IDT70V9359 Datasheet
306Kb / 16P
   HIGH-SPEED 3.3V 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70V9359 RENESAS-IDT70V9359 Datasheet
377Kb / 18P
   HIGH-SPEED 3.3V 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
MARCH 2018
logo
Integrated Device Techn...
IDT70V9359 IDT-IDT70V9359_10 Datasheet
196Kb / 17P
   HIGH-SPEED 3.3V 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70T35 IDT-IDT70T35 Datasheet
159Kb / 21P
   HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
709389L RENESAS-709389L Datasheet
339Kb / 16P
   HIGH-SPEED 64K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
APRIL 2019
logo
Integrated Device Techn...
IDT709099L IDT-IDT709099L_15 Datasheet
686Kb / 16P
   HIGH-SPEED 128K x 8 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709099L IDT-IDT709099L Datasheet
184Kb / 15P
   HIGH-SPEED 128K x 8 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com