Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BF545B Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BF545B
Description  N-channel silicon junction field-effect transistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF545B Datasheet(HTML) 3 Page - NXP Semiconductors

  BF545B Datasheet HTML 1Page - NXP Semiconductors BF545B Datasheet HTML 2Page - NXP Semiconductors BF545B Datasheet HTML 3Page - NXP Semiconductors BF545B Datasheet HTML 4Page - NXP Semiconductors BF545B Datasheet HTML 5Page - NXP Semiconductors BF545B Datasheet HTML 6Page - NXP Semiconductors BF545B Datasheet HTML 7Page - NXP Semiconductors BF545B Datasheet HTML 8Page - NXP Semiconductors BF545B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1996 Jul 29
3
Philips Semiconductors
Product specification
N-channel silicon junction
field-effect transistors
BF545A; BF545B; BF545C
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Device mounted on an FR4 printed-circuit board, maximum lead length 4 mm; mounting pad for the drain
lead 10 mm2.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDS
drain-source voltage
−±30
V
VGSO
gate-source voltage
open drain
−−30
V
VGDO
gate-drain voltage (DC)
open source
−−30
V
IG
forward gate current (DC)
10
mA
Ptot
total power dissipation
up to Tamb =25 °C; note 1
250
mW
Tstg
storage temperature
−65
150
°C
Tj
operating junction temperature
150
°C
Fig.2 Power derating curve.
handbook, halfpage
0
50
100
200
400
300
100
0
200
150
MBB688
Ptot
(mW)
Tamb (°C)


Similar Part No. - BF545B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF545B NXP-BF545B Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BF545B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF556A PHILIPS-BF556A Datasheet
100Kb / 11P
   N-channel silicon junction field-effect transistors
1996 Jul 29
logo
Micro Electronics
J111 MICRO-ELECTRONICS-J111 Datasheet
45Kb / 1P
   N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTORS
logo
InterFET Corporation
SMP5462 INTERFET-SMP5462 Datasheet
213Kb / 10P
   N-Channel Silicon Junction Field-Effect Transistors
logo
NXP Semiconductors
BF246A PHILIPS-BF246A Datasheet
37Kb / 5P
   N-channel silicon junction field-effect transistors
1996 Jul 29
logo
New Jersey Semi-Conduct...
2N5457 NJSEMI-2N5457 Datasheet
113Kb / 1P
   SILICON N-CHANNEL JUNCTION FIELD-EFFECT TRANSISTORS
2N5398 NJSEMI-2N5398 Datasheet
162Kb / 1P
   N-CHANNEL SILICON JUNCTION FIELD-EFFECT TRANSISTORS
2N4117 NJSEMI-2N4117 Datasheet
173Kb / 1P
   N-CHANNEL SILICON JUNCTION FIELD-EFFECT TRANSISTORS
logo
Siemens Semiconductor G...
BF246A SIEMENS-BF246A Datasheet
127Kb / 6P
   N-CHANNEL JUNCTION FIELD-EFFECT TRANSISTORS
logo
Micro Electronics
2N5484 MICRO-ELECTRONICS-2N5484 Datasheet
150Kb / 1P
   N-CHANNEL JUNCTION FIELD EFFECT TRANSISTORS
logo
Siemens Semiconductor G...
BF245A SIEMENS-BF245A Datasheet
178Kb / 7P
   N-Channel junction field-Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com