Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL2843BP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TL2843BP
Description  HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL2843BP Datasheet(HTML) 4 Page - Texas Instruments

  TL2843BP Datasheet HTML 1Page - Texas Instruments TL2843BP Datasheet HTML 2Page - Texas Instruments TL2843BP Datasheet HTML 3Page - Texas Instruments TL2843BP Datasheet HTML 4Page - Texas Instruments TL2843BP Datasheet HTML 5Page - Texas Instruments TL2843BP Datasheet HTML 6Page - Texas Instruments TL2843BP Datasheet HTML 7Page - Texas Instruments TL2843BP Datasheet HTML 8Page - Texas Instruments TL2843BP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
www.ti.com
Absolute Maximum Ratings
(1) (2)
Recommended Operating Conditions
TL284xB, TL384xB
HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
SLVS610A – AUGUST 2006 – REVISED SEPTEMBER 2006
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Low impedance source
30
VCC
Supply voltage
V
Self
ICC < 30 mA
limiting
VI
Analog input voltage range
VFB and ISENSE
–0.3
6.3
V
ICC
Supply current
30
mA
IO
Output current
±1
A
IO(sink)
Error amplifier output sink current
10
mA
8 pin
97
D package
θ
JA
Package thermal impedance(3)(4)
14 pin
86
°C/W
P package
85
Output energy
Capacitive load
5
µJ
TJ
Virtual junction temperature
150
°C
Tstg
Storage temperature range
–65
150
°C
Tlead
Lead temperature
Soldering, 10 s
300
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to the device GND terminal.
(3)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can impact reliability.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
MIN
NOM
MAX
UNIT
VCC
30
VCC
Supply voltage
V
VC(1)
30
RT/CT
0
5.5
VI
Input voltage
V
VFB and ISENSE
0
5.5
OUTPUT
0
30
VO
Output voltage
V
POWER GROUND(1)
–0.1
1
ICC
Supply current, externally limited
25
mA
IO
Average output current
200
mA
IO(ref)
Reference output current
–20
mA
fosc
Oscillator frequency
100
500
kHz
TL284xB
–40
85
TJ
Operating free-air temperature
°C
TL384xB
0
70
(1)
The recommended voltages for VC and POWER GROUND apply only to the 14-pin D package.
4
Submit Documentation Feedback


Similar Part No. - TL2843BP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL2843BP TI-TL2843BP Datasheet
343Kb / 21P
[Old version datasheet]   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
TL2843BP TI1-TL2843BP Datasheet
729Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
TL2843BPG4 TI-TL2843BPG4 Datasheet
343Kb / 21P
[Old version datasheet]   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
TL2843BPG4 TI1-TL2843BPG4 Datasheet
729Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
More results

Similar Description - TL2843BP

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL384XBP8 CYSTEKEC-PL384XBP8 Datasheet
278Kb / 15P
   High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC2844-45 UTC-UC2844-45 Datasheet
295Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Gamma Microelectronics ...
GM3842A GAMMA-GM3842A Datasheet
628Kb / 19P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Unisonic Technologies
UC2844 UTC-UC2844_16 Datasheet
228Kb / 6P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2844 UTC-UC2844_12 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2843B UTC-UC2843B_15 Datasheet
285Kb / 8P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2845 UTC-UC2845_15 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC3844 UTC-UC3844 Datasheet
298Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Cystech Electonics Corp...
PL384XAQ8 CYSTEKEC-PL384XAQ8 Datasheet
281Kb / 15P
   High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC2843B UTC-UC2843B_13 Datasheet
285Kb / 8P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2843B UTC-UC2843B Datasheet
210Kb / 9P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com