Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1218XXX1A Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # R1218XXX1A
Description  Step-up DC/DC converter for Whilte LED Backlight
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1218XXX1A Datasheet(HTML) 5 Page - RICOH electronics devices division

  R1218XXX1A Datasheet HTML 1Page - RICOH electronics devices division R1218XXX1A Datasheet HTML 2Page - RICOH electronics devices division R1218XXX1A Datasheet HTML 3Page - RICOH electronics devices division R1218XXX1A Datasheet HTML 4Page - RICOH electronics devices division R1218XXX1A Datasheet HTML 5Page - RICOH electronics devices division R1218XXX1A Datasheet HTML 6Page - RICOH electronics devices division R1218XXX1A Datasheet HTML 7Page - RICOH electronics devices division R1218XXX1A Datasheet HTML 8Page - RICOH electronics devices division R1218XXX1A Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
R1218X
5
Symbol
Item
Conditions
MIN.
TYP.
MAX.
Unit
VFB
VFB Voltage Tolerance
VIN=3.6V
0.19
0.20
0.21
V
∆VFB/∆T
VFB Voltage Temperature
Coefficient
VIN=3.6V, -40
°C≤Topt≤85°C
±150
ppm
/
°C
IFB
VFB Input Current
VIN=5.5V, VFB=0V or 5.5V
-0.1
0.1
µA
RON
Switch On Resistance
VIN=3.6V, ISW=100mA
1.5
R1218XXX1A
VLX=20V
0.0
3.0
µΑ
IOFF
Switch Leakage Current
R1218XXX2A
VLX=29V
0.0
3.0
µΑ
ILIM
Switch Current Limit
VIN=3.6V
400
700
1000
mA
fOSC
Oscillator Frequency
VIN=3.6V, VOUT=VFB=0V
1000
1200
1400
kHz
Maxduty
Maximum Duty Cycle
VIN=3.6V, VOUT=VFB=0V
86
91
%
R1218X021A
8.5
9.5
10.5
V
R1218X031A
13.0
14.0
15.0
V
R1218X041A
17.0
18.5
20.0
V
R1218X052A
21.5
23.0
24.5
V
VOVP1
OVP Detector Threshold
VIN=3.6V
VOUT rising
R1218X062A
26.0
27.5
29.0
V
R1218X021A
VOVP1-0.5
V
R1218X031A
VOVP1-0.75
V
R1218X041A
VOVP1-1.0
V
R1218X052A
VOVP1-1.25
V
VOVP2
OVP Released Voltage
VIN=3.6V
VOUT falling
R1218X062A
VOVP1-1.5
V
R1218XXX1A
Symbol
Item
Conditions
MIN.
TYP.
MAX.
Unit
VF
Diode Forward Voltage
IDIODE=100mA
0.8
V
IR
Diode Leakage Current
VOUT=20V, VLX=0V
10
µA
TEST CIRCUITS
Supply Current Test Circuit
UVLO Detector Threshold/ UVLO Released Voltage
V
V
V
V
IN
IN
IN
IN
CE
CE
CE
CE
GND
GND
GND
GND
V
V
V
VFB
FB
FB
FB
V
V
V
VIN
IN
IN
IN
L
L
L
LXXXX
CE
CE
CE
CE
GND
GND
GND
GND
V
V
V
V FB
FB
FB
FB


Similar Part No. - R1218XXX1A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R12188 ETC2-R12188 Datasheet
66Kb / 2P
   SOLDERING TOOLS LIGHT DUTY
logo
RICOH electronics devic...
R1218K021A RICOH-R1218K021A Datasheet
960Kb / 21P
   Step-up DC/DC converter for White LED Backlight
R1218K031A RICOH-R1218K031A Datasheet
960Kb / 21P
   Step-up DC/DC converter for White LED Backlight
R1218K041A RICOH-R1218K041A Datasheet
960Kb / 21P
   Step-up DC/DC converter for White LED Backlight
R1218K052A RICOH-R1218K052A Datasheet
960Kb / 21P
   Step-up DC/DC converter for White LED Backlight
More results

Similar Description - R1218XXX1A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1218N021A RICOH-R1218N021A Datasheet
960Kb / 21P
   Step-up DC/DC converter for White LED Backlight
logo
AiT Semiconductor Inc.
A8169-020 AITSEMI-A8169-020 Datasheet
503Kb / 7P
   LED BACKLIGHT DRIVER STEP-UP DC/DC CONVERTER
REV2.1
logo
Torex Semiconductor
XC9116 TOREX-XC9116 Datasheet
1Mb / 22P
   Step-Up DC/DC Converter-Backlight LED Driver
XC9133 TOREX-XC9133 Datasheet
545Kb / 15P
   Step-Up DC/DC Converter-LED Backlight Driver
XC9116 TOREX-XC9116_1 Datasheet
553Kb / 23P
   Step-Up DC/DC Converter-Backlight LED Driver
logo
ACE Technology Co., LTD...
ACE714B ACE-ACE714B Datasheet
522Kb / 5P
   Step-up DC/DC Converter Backlight Driver
VER 1.2
logo
Advanced Analogic Techn...
AAT1231 ANALOGICTECH-AAT1231 Datasheet
1Mb / 27P
   Step-Up DC/DC Converters for White LED Backlight Applications
AAT1231 ANALOGICTECH-AAT1231_08 Datasheet
1Mb / 27P
   Step-Up DC/DC Converters for White LED Backlight Applications
logo
SYNC POWER Crop.
SP1937 SYNC-POWER-SP1937_10 Datasheet
391Kb / 12P
   DC-DC Step-Up Converter for White LED
SP1937 SYNC-POWER-SP1937 Datasheet
329Kb / 10P
   DC-DC Step-Up Converter for White LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com