Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1218XXX1A Datasheet(PDF) 9 Page - RICOH electronics devices division

Part # R1218XXX1A
Description  Step-up DC/DC converter for Whilte LED Backlight
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1218XXX1A Datasheet(HTML) 9 Page - RICOH electronics devices division

Back Button R1218XXX1A Datasheet HTML 5Page - RICOH electronics devices division R1218XXX1A Datasheet HTML 6Page - RICOH electronics devices division R1218XXX1A Datasheet HTML 7Page - RICOH electronics devices division R1218XXX1A Datasheet HTML 8Page - RICOH electronics devices division R1218XXX1A Datasheet HTML 9Page - RICOH electronics devices division R1218XXX1A Datasheet HTML 10Page - RICOH electronics devices division R1218XXX1A Datasheet HTML 11Page - RICOH electronics devices division R1218XXX1A Datasheet HTML 12Page - RICOH electronics devices division R1218XXX1A Datasheet HTML 13Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
R1218X
9
3. Efficiency vs. ILED (4 LED )
L: LQH32CN220, Topt=25
°C
0
10
20
30
40
50
60
70
80
90
100
0
4
8
121620
LED電流 ILED (mA)
VIN=4.2V
R1218X031A
0
10
20
30
40
50
60
70
80
90
100
04
8
12
16
20
LED Current ILED (mA)
VIN=2.7V
R1218X041A
0
10
20
30
40
50
60
70
80
90
100
0
4
8
12
16
20
LED Current ILED (mA)
VIN=3.6V
R1218X041A
0
10
20
30
40
50
60
70
80
90
100
0
4
8
12
16
20
LED Current ILED (mA)
VIN=4.2V
R1218X041A


Similar Part No. - R1218XXX1A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R12188 ETC2-R12188 Datasheet
66Kb / 2P
   SOLDERING TOOLS LIGHT DUTY
logo
RICOH electronics devic...
R1218K021A RICOH-R1218K021A Datasheet
960Kb / 21P
   Step-up DC/DC converter for White LED Backlight
R1218K031A RICOH-R1218K031A Datasheet
960Kb / 21P
   Step-up DC/DC converter for White LED Backlight
R1218K041A RICOH-R1218K041A Datasheet
960Kb / 21P
   Step-up DC/DC converter for White LED Backlight
R1218K052A RICOH-R1218K052A Datasheet
960Kb / 21P
   Step-up DC/DC converter for White LED Backlight
More results

Similar Description - R1218XXX1A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1218N021A RICOH-R1218N021A Datasheet
960Kb / 21P
   Step-up DC/DC converter for White LED Backlight
logo
AiT Semiconductor Inc.
A8169-020 AITSEMI-A8169-020 Datasheet
503Kb / 7P
   LED BACKLIGHT DRIVER STEP-UP DC/DC CONVERTER
REV2.1
logo
Torex Semiconductor
XC9116 TOREX-XC9116 Datasheet
1Mb / 22P
   Step-Up DC/DC Converter-Backlight LED Driver
XC9133 TOREX-XC9133 Datasheet
545Kb / 15P
   Step-Up DC/DC Converter-LED Backlight Driver
XC9116 TOREX-XC9116_1 Datasheet
553Kb / 23P
   Step-Up DC/DC Converter-Backlight LED Driver
logo
ACE Technology Co., LTD...
ACE714B ACE-ACE714B Datasheet
522Kb / 5P
   Step-up DC/DC Converter Backlight Driver
VER 1.2
logo
Advanced Analogic Techn...
AAT1231 ANALOGICTECH-AAT1231 Datasheet
1Mb / 27P
   Step-Up DC/DC Converters for White LED Backlight Applications
AAT1231 ANALOGICTECH-AAT1231_08 Datasheet
1Mb / 27P
   Step-Up DC/DC Converters for White LED Backlight Applications
logo
SYNC POWER Crop.
SP1937 SYNC-POWER-SP1937_10 Datasheet
391Kb / 12P
   DC-DC Step-Up Converter for White LED
SP1937 SYNC-POWER-SP1937 Datasheet
329Kb / 10P
   DC-DC Step-Up Converter for White LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com